전자부품 데이터시트 검색엔진 |
|
SN75HVD08 데이터시트(PDF) 3 Page - Texas Instruments |
|
|
SN75HVD08 데이터시트(HTML) 3 Page - Texas Instruments |
3 / 17 page www.ti.com RECOMMENDED OPERATING CONDITIONS ELECTRICAL CHARACTERISTICS SN75HVD08, SN65HVD08 SLLS550C – NOVEMBER 2002 – REVISED JULY 2006 MIN NOM MAX UNIT Supply voltage, VCC 3 5.5 V Input voltage at any bus terminal (separately or common mode), VI(1) –7 12 V High-level input voltage, VIH 2.25 VCC Driver, driver enable, and receiver enable inputs V Low-level input voltage, VIL 0 0.8 Differential input voltage, VID –12 12 Driver –60 High-level output current, IOH mA Receiver –8 Driver 60 Low-level output current, IOL mA Receiver 8 SN75HVD08 0 70 Operating free-air temperature, TA °C SN65HVD08 –40 85 (1) The algebraic convention, in which the least positive (most negative) limit is designated as minimum is used in this data sheet. over recommended operating conditions unless otherwise noted PARAMETER TEST CONDITIONS MIN TYP MAX UNIT RL= 60 Ω, 375 Ω on each output to |VOD| Driver differential output voltage magnitude 1.5 VCC V -7 V to 12 V, See Figure 1 Change in magnitude of driver differential ∆|V OD| RL= 54 Ω –0.2 0.2 V output voltage Peak-to-peak driver common-mode output Center of two 27- Ω load VOC(PP) 0.5 V voltage resistors, See Figure 2 Positive-going receiver differential input VIT+ –10 mV voltage threshold Negative-going receiver differential input VIT- –200 mV voltage threshold Receiver differential input voltage threshold Vhys 35 mV hysteresis(VIT+ - VIT-) VOH Receiver high-level output voltage IOH = -8 mA 2.4 V VOL Receiver low-level output voltage IOL = 8 mA 0.4 V Driver input, driver enable, and receiver IIH –100 100 µA enable high-level input current Driver input, driver enable, and receiver IIL –100 100 µA enable low-level input current IOS Driver short-circuit output current 7 V < VO < 12 V –265 265 mA VI = 12 V 130 VI = -7 V –100 II Bus input current (disabled driver) µA VI = 12 V, VCC = 0 V 130 VI = -7 V. VCC = 0 V –100 Receiver enabled, driver 10 disabled, no load mA Driver enabled, receiver 16 ICC Supply current disabled, no load Both disabled 5 µA Both enabled, no load 16 mA 3 Submit Documentation Feedback |
유사한 부품 번호 - SN75HVD08 |
|
유사한 설명 - SN75HVD08 |