전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA1564 데이터시트(PDF) 11 Page - NXP Semiconductors

부품명 TDA1564
상세설명  High efficiency 2 X 25 W/4 stereo car radio power amplifier
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1564 데이터시트(HTML) 11 Page - NXP Semiconductors

Back Button TDA1564 Datasheet HTML 7Page - NXP Semiconductors TDA1564 Datasheet HTML 8Page - NXP Semiconductors TDA1564 Datasheet HTML 9Page - NXP Semiconductors TDA1564 Datasheet HTML 10Page - NXP Semiconductors TDA1564 Datasheet HTML 11Page - NXP Semiconductors TDA1564 Datasheet HTML 12Page - NXP Semiconductors TDA1564 Datasheet HTML 13Page - NXP Semiconductors TDA1564 Datasheet HTML 14Page - NXP Semiconductors TDA1564 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
2004 Jan 27
11
Philips Semiconductors
Preliminary specification
High efficiency 2
× 25 W/4 Ω
stereo car radio power amplifier
TDA1564
AC CHARACTERISTICS
VP = 14.4 V; RL =4 Ω; CCSE = 1000 µF; f = 1 kHz; Tamb =25 °C; measured in Fig.9; unless otherwise specified.
Notes
1. The distortion is measured with a bandwidth of 10 Hz to 30 kHz.
2. Frequency response externally fixed (input capacitors determine the low frequency roll-off).
3. The SE to BTL switch voltage level depends on the value of VP.
4. Noise output voltage measured with a bandwidth of 20 Hz to 20 kHz.
5. Noise output voltage is independent of Rs.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Po
output power
THD = 0.5 %; Fig.18
15
19
W
THD = 10 %; Fig.18
23
25
W
EIAJ
38
W
VP = 13.2 V; THD = 0.5 %
16
W
VP = 13.2 V; THD = 10 %
20
W
THD
total harmonic distortion
Po = 1 W; note 1; Fig.19
0.1
%
P
power dissipation
see Figs 12 and 13
W
Bp
power bandwidth
THD = 1 %; Po = −1 dB with
respect to 15 W
20 to
15000
Hz
fro(l)
low frequency roll-off
−1 dB; note 2
25
Hz
fro(h)
high frequency roll-off
−1 dB
130
−−
kHz
Gv
closed-loop voltage gain
Po = 1 W; Fig.21
25
26
27
dB
SVRR
supply voltage ripple rejection
Rs =0 Ω; Vripple = 2 V (p-p); Fig.22
on/mute
45
65
dB
standby; f = 100 Hz to 10 kHz
45
−−
dB
CMRR
common mode rejection ratio
Rs =0 Ω
70
90
dB
Zi
input impedance
90
120
150
k
∆Zi
mismatch in input impedance
1
%
VSE-BTL
SE to BTL switch voltage level
note 3
3
V
Vout
output voltage mute (RMS value)
Vi = 1 V (RMS)
100
150
µV
Vn(o)
noise output voltage
on; Rs =0 Ω; note 4
100
150
µV
on; Rs =10kΩ; note 4
105
−µV
mute; note 5
100
150
µV
αcs
channel separation
Rs =0 Ω; Po = 15 W; Fig.23
40
70
dB
∆Gv
channel unbalance
−−
1dB


유사한 부품 번호 - TDA1564

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA1560 PHILIPS-TDA1560 Datasheet
116Kb / 16P
   40 W car radio high power amplifier
1996 May 14
TDA1560Q PHILIPS-TDA1560Q Datasheet
116Kb / 16P
   40 W car radio high power amplifier
1996 May 14
TDA1561 PHILIPS-TDA1561 Datasheet
244Kb / 24P
   2 x 23 W high efficiency car radio power amplifier
1997 Aug 14
TDA1561Q PHILIPS-TDA1561Q Datasheet
244Kb / 24P
   2 x 23 W high efficiency car radio power amplifier
1997 Aug 14
TDA1562 PHILIPS-TDA1562 Datasheet
124Kb / 20P
   70 W high efficiency power amplifier with diagnostic facility
1998 Apr 07
More results

유사한 설명 - TDA1564

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA1563Q PHILIPS-TDA1563Q Datasheet
268Kb / 32P
   2 x 25 W high efficiency car radio power amplifier
2000 Feb 09
TDA1565TH PHILIPS-TDA1565TH Datasheet
236Kb / 27P
   High efficiency 2 x 40 W / 2 ohm stereo car radio power amplifier
2004 Jan 27
TDA1519 PHILIPS-TDA1519 Datasheet
84Kb / 10P
   2 x 6 W stereo car radio power amplifier
May 1992
TDA1561Q PHILIPS-TDA1561Q Datasheet
244Kb / 24P
   2 x 23 W high efficiency car radio power amplifier
1997 Aug 14
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA8567Q PHILIPS-TDA8567Q Datasheet
257Kb / 20P
   4 x 25 W BTL quad car radio power amplifier
1998 Sep 23
TDA8568Q PHILIPS-TDA8568Q Datasheet
256Kb / 20P
   4 x 25 W BTL quad car radio power amplifier
1998 Sep 23
TDA8569Q PHILIPS-TDA8569Q Datasheet
288Kb / 20P
   4 x 25 W BTL quad car radio power amplifier
1997 Mar 27
TDA1519B PHILIPS-TDA1519B Datasheet
118Kb / 12P
   12 W BTL or 2 x 6 W stereo car radio power amplifier
May 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com