전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC75S60F 데이터시트(PDF) 6 Page - List of Unclassifed Manufacturers

부품명 TC75S60F
상세설명  General-Purpose Linear ICs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

TC75S60F 데이터시트(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button TC75S60F Datasheet HTML 2Page - List of Unclassifed Manufacturers TC75S60F Datasheet HTML 3Page - List of Unclassifed Manufacturers TC75S60F Datasheet HTML 4Page - List of Unclassifed Manufacturers TC75S60F Datasheet HTML 5Page - List of Unclassifed Manufacturers TC75S60F Datasheet HTML 6Page - List of Unclassifed Manufacturers TC75S60F Datasheet HTML 7Page - List of Unclassifed Manufacturers TC75S60F Datasheet HTML 8Page - List of Unclassifed Manufacturers TC75S60F Datasheet HTML 9Page - List of Unclassifed Manufacturers TC75S60F Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
122
Intelligent Power Devices (IPD)
60 V Series
Protective Functions
Diagnostic Functions
Part Number
Use/Function
Outline
Operating
Supply
Voltage
(V)
Operating
Temperature
Topr (°C)
Junction
(Channel)
Temperature
Tj (°C)
Power
Dissipation
PD (W)
Overcurrent
IS (A)
Over
Temperature
TS (°C)
Overvoltage
VS (V)
Short
load
Open
load
Over
Temperature
Overvoltage
Input/
Output
Package
TPD1008SA
High-side
switch
VDSS 60 V
IO 4 A
RDS(ON) = 0.2 Ω Max
5 to 18
6 Typ.
160
Typ.
DIAG
L
DIAG
H
DIAG
L
H/H
TO-220(NIS)
5PIN
TPD1009S
High-side
switch
VDSS 60 V
IO 8 A
RDS(ON) = 0.06 Ω Max
5 to 18
−40 to 110
12 Typ.
160
Typ.
DIAG
L
DIAG
H
DIAG
L
H/H
TO-220(NIS)
5PIN
TPD1011S
High-side
switch
VDSS 60 V
IO 15 A
RDS(ON) = 0.06 Ω Max
5 to 18
−40 to 85
30
40 Typ.
160
Typ.
DIAG
L
DIAG
H
DIAG
L
H/H
TO-220(IS)
5PIN
TPD1018F
High-side
switch
VDSS 60 V
IO 0.5 A
RDS(ON) = 0.8 Ω Max
5 to 25
−40 to 125
0.3
1.5 Typ.
160
Typ.
30 Typ.
DIAG
L
DIAG
L
DIAG
L
H/H
SSOP-10PIN
TPD1024S
Low-side
switch
VDS(DC) 40 V
IO 1.5 A
RDS(ON) = 0.5 Ω Max
up to 18
−40 to 85
1
3.5 Typ.
160
Typ.
Active
clamp
40 Min
H/L
PW-MOLD
3PIN
TPD1024AS
Low-side
switch
VDS(DC) 40 V
IO 1.5 A
RDS(ON) = 0.5 Ω Max
up to 18
−40 to 85
1.2
3.5 Typ.
160
Typ.
Active
clamp
40 Min
H/L
TPS
3PIN
TPD1030F
2-ch low-side
switch
VDS(DC) 40 V
IO 1 A
RDS(ON) = 0.6 Ω Max
up to 40
2.0
(t = 10 s)
(mounted
on board)
1 Min
160
Typ.
Active
clamp
40 Min
H/L
SOP-8PIN
TPD1031AF
Low-side
switch
VDS(DC) 50 V
IO 8 A
RDS(ON) = 0.065 Ω Max
up to 18
50
(Tc
=25°C)
8 Min
160
Typ.
Active
clamp
50 Min
H/L
TO-220SM
3PIN
TPD1032F
2-ch low-side
switch
VDS(DC) 20 V
IO 3 A
RDS(ON) = 0.4 Ω Max
up to 20
2.0
(t = 10 s)
(mounted
on board)
3 Min
160
Typ.
Active
clamp
40 Min
H/L
SOP-8PIN
TPD1033F
High-side
switch
VDSS 60 V
IO 4 A
RDS(ON) = 0.22 Ω Max
6 Typ.
160
Typ.
DIAG
L
DIAG
H
DIAG
L
H/H
SOP-8PIN
TPD1034F
High-side
switch
VDSS 60 V
IO 8 A
RDS(ON) = 0.08 Ω Max
5 to 18
2.4
(t = 10 s)
(mounted
on board)
12 Typ.
160
Typ.
DIAG
L
DIAG
H
DIAG
L
H/H
SOP-8PIN
TPD1036F
2-ch low-side
switch
VDS(DC) 30 V
IO 1.5 A
RDS(ON) = 0.5 Ω Max
up to 30
−40 to 110
2.0
(t = 10 s)
(mounted
on board)
1.5 Min
160
Typ.
Active
clamp
40 Min
H/L
SOP-8PIN
TPD1037BS
Low-side
switch
VDS(DC) 40 V
IO 1.5 A
RDS(ON) = 0.25 Ω Max
up to 40
−40 to 85
0.9
In-rush
10 Typ.
Shorted
load
3 Typ.
160
Typ.
Active
clamp
40 Min
H/L
TO-92MOD
3PIN
TPD1038F
High-side
switch
VDSS 60 V
IO 3 A
RDS(ON) = 0.12 Ω Max
6 to 18
−40 to 110
1.1
(mounted
on board)
3 Min
150
Min
Active
clamp
50 Min
DIAG
L
DIAG
H
DIAG
L
H/H
SOP-8PIN
TPD1039F
Low-side
switch
VDS(DC) 45 V
IO 1.5 A
RDS(ON) = 0.25 Ω Max
up to 45
−40 to 85
1.1
(mounted
on board)
5 Typ.
125
Min
Active
clamp
45 Min
H/L
SOP-8PIN
TPD1039S
Low-side
switch
VDS(DC) 45 V
IO 1.5 A
RDS(ON) = 0.25 Ω Max
up to 45
−40 to 85
0.9
5 Typ.
125
Min
Active
clamp
45 Min
H/L
TO-92MOD
3PIN
TPD1042F
High-side
switch
VDSS 60 V
IO 7 A
RDS(ON) = 0.18 Ω Max
6 to 18
−40 to 115
1.1
(mounted
on board)
7 Min
150
Min
DIAG
L
DIAG
H
DIAG
L
H/H
SOP-8PIN
TPD1044F
Low-side
switch
VDS(DC) 41 V
IO 1 A
RDS(ON) = 0.6 Ω Max
up to 41
−40 to 125
0.9
(mounted
on board)
1 Min
160
Typ.
Active
clamp
41 Min
H/L
PS-8
** TPD1045F
Low-side
switch
VDS(DC) 50 V
IO 5 A
RDS(ON)
= 0.1 Ω Max
up to 18
−40 to 125
150
1.1
(mounted
on board)
5 Min
170
Typ.
Active
clamp
50 Min
H/L
SOP-8PIN
**: Under development


유사한 부품 번호 - TC75S60F

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC75S60F TOSHIBA-TC75S60F Datasheet
229Kb / 11P
   Single Operational Amplifier
TC75S60FU TOSHIBA-TC75S60FU Datasheet
229Kb / 11P
   Single Operational Amplifier
More results

유사한 설명 - TC75S60F

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCTL-1100 HP-HCTL-1100 Datasheet
476Kb / 39P
   General Purpose Motion Control ICs
logo
AVAGO TECHNOLOGIES LIMI...
HCTL-1100 AVAGO-HCTL-1100 Datasheet
335Kb / 40P
   General Purpose Motion Control ICs
HCTL-1100PLC AVAGO-HCTL-1100PLC Datasheet
346Kb / 40P
   General Purpose Motion Control ICs
logo
Agilent(Hewlett-Packard...
HCTL1100 HP-HCTL1100 Datasheet
435Kb / 40P
   General Purpose Motion Control ICs
logo
List of Unclassifed Man...
UPC451C ETC1-UPC451C Datasheet
44Kb / 1P
   INDUSTRIAL LINEAR ICS
logo
RF Micro Devices
RF2312 RFMD-RF2312_06 Datasheet
306Kb / 16P
   LINEAR GENERAL PURPOSE AMPLIFIER
RF2320 RFMD-RF2320_07 Datasheet
260Kb / 12P
   LINEAR GENERAL PURPOSE AMPLIFIER
RF2360 RFMD-RF2360_06 Datasheet
297Kb / 12P
   LINEAR GENERAL PURPOSE AMPLIFIER
logo
Qorvo, Inc
RF2312 QORVO-RF2312 Datasheet
856Kb / 13P
   Linear General Purpose Amplifier
logo
RF Micro Devices
RF2312 RFMD-RF2312 Datasheet
274Kb / 16P
   LINEAR GENERAL PURPOSE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com