전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS5V330PW 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 TS5V330PW
상세설명  QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON STATE RESISTANCE
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TS5V330PW 데이터시트(HTML) 7 Page - Texas Instruments

Back Button TS5V330PW Datasheet HTML 3Page - Texas Instruments TS5V330PW Datasheet HTML 4Page - Texas Instruments TS5V330PW Datasheet HTML 5Page - Texas Instruments TS5V330PW Datasheet HTML 6Page - Texas Instruments TS5V330PW Datasheet HTML 7Page - Texas Instruments TS5V330PW Datasheet HTML 8Page - Texas Instruments TS5V330PW Datasheet HTML 9Page - Texas Instruments TS5V330PW Datasheet HTML 10Page - Texas Instruments TS5V330PW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
TS5V330
QUAD SPDT WIDEBANDWIDTH VIDEO SWITCH
WITH LOW ONSTATE RESISTANCE
SCDS164A – MAY 2004 − REVISED MAY 2004
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
OPERATING CHARACTERISTICS
Figure 1. Gain/Phase vs Frequency
0
−60
−50
−40
−30
−20
−10
0
1
10
100
1000
−7
−6
−5
−4
−3
−2
−1
Phase
Gain
Frequency − MHz
Phase at −3-dB Frequency, 35 Degrees
Gain −3 dB at 460 MHz
Figure 2. Differential Gain/Phase vs VBIAS
−0.01
0.00
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
−1.0
−0.9
−0.8
−0.7
−0.6
−0.5
−0.4
−0.3
−0.2
−0.1
0.0
VBIAS − V
Differential Phase
Differential Gain
Differential Phase at 0.714, 0.056 Degree
Differential Gain at 0.714, −0.63%
Figure 3. Off Isolation vs Frequency
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
1
10
100
1000
Frequency − MHz
0
20
40
60
80
100
120
140
160
Off Isolation
Phase
Phase at 10 MHz, 88.5 Degrees
Off Isolation at 10 MHz, −60 dB
Figure 4. Crosstalk vs Frequency
0
50
100
150
200
250
1
10
100
1000
Frequency − Mhz
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
Crosstalk
Phase
Phase at 10 MHz, −90.4 Degrees
Crosstalk at 10 MHz, −63.9 dB


유사한 부품 번호 - TS5V330PW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS5V330PW TI-TS5V330PW Datasheet
907Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330PW TI-TS5V330PW Datasheet
713Kb / 24P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330PWE4 TI-TS5V330PWE4 Datasheet
907Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330PWE4 TI-TS5V330PWE4 Datasheet
713Kb / 24P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330PWG4 TI-TS5V330PWG4 Datasheet
907Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
More results

유사한 설명 - TS5V330PW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS3V330 TI-TS3V330_09 Datasheet
762Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
logo
Tiger Electronic Co.,Lt...
PI5V330 TGS-PI5V330 Datasheet
466Kb / 9P
   Quad SPDT Wide-Bandwidth Video Switch with Low On-state Resistance
logo
Texas Instruments
TS3V330 TI-TS3V330_10 Datasheet
762Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330C TI1-TS5V330C Datasheet
847Kb / 22P
[Old version datasheet]   QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330 TI-TS5V330_10 Datasheet
713Kb / 24P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330 TI-TS5V330_09 Datasheet
907Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS3V330 TI-TS3V330 Datasheet
382Kb / 18P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON STATE RESISTANCE
logo
Fairchild Semiconductor
FSAV330 FAIRCHILD-FSAV330 Datasheet
303Kb / 8P
   Low On Resistance Quad SPDT Wide Bandwidth Video Switch
logo
STMicroelectronics
STMAV340 STMICROELECTRONICS-STMAV340 Datasheet
1Mb / 21P
   Low ON Resistance Quad, SPDT, Wide-Bandwidth Video Switch
logo
Texas Instruments
TS3L100 TI-TS3L100_10 Datasheet
785Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com