전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KIC6981F 데이터시트(PDF) 8 Page - KEC(Korea Electronics)

부품명 KIC6981F
상세설명  SEMICONDUCTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC6981F 데이터시트(HTML) 8 Page - KEC(Korea Electronics)

  KIC6981F Datasheet HTML 1Page - KEC(Korea Electronics) KIC6981F Datasheet HTML 2Page - KEC(Korea Electronics) KIC6981F Datasheet HTML 3Page - KEC(Korea Electronics) KIC6981F Datasheet HTML 4Page - KEC(Korea Electronics) KIC6981F Datasheet HTML 5Page - KEC(Korea Electronics) KIC6981F Datasheet HTML 6Page - KEC(Korea Electronics) KIC6981F Datasheet HTML 7Page - KEC(Korea Electronics) KIC6981F Datasheet HTML 8Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
2013. 1. 17
8/8
KIC6981F/MF
Revision No : 1
Applications Information
1. Supply Filtering
A 0.01uF to 0.1
μF bypass capacitor from IN to GND, located near the KIC6981F/MF, is strongly recommended to control
supply transients. Without a bypass capacitor, an output short may cause sufficient ringing on the input (from supply lead
inductance) to damage internal control circuitry. Input transients must not exceed the absolute maximum supply voltage (VIN
max = 6.5V) even for a short duration.
2.EN, the Enable Input
EN must be driven logic high for a clearly defined input. Floating the input may cause unpredictable operation. EN should not
be allowed to go negative with respect to GND.


유사한 부품 번호 - KIC6981F

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KIC6981F KEC-KIC6981F Datasheet
499Kb / 8P
   1.5A 1-Channel Current Limited Power Switch
KIC6981F KEC-KIC6981F_15 Datasheet
499Kb / 8P
   1.5A 1-Channel Current Limited Power Switch
More results

유사한 설명 - KIC6981F

제조업체부품명데이터시트상세설명
logo
Leshan Radio Company
MMBZ5221BLT1 LRC-MMBZ5221BLT1 Datasheet
168Kb / 5P
   SEMICONDUCTOR
logo
KEC(Korea Electronics)
KIA78R25PI KEC-KIA78R25PI Datasheet
16Kb / 1P
   SEMICONDUCTOR
BZX84C2V KEC-BZX84C2V Datasheet
363Kb / 3P
   SEMICONDUCTOR
GM400S17AL KEC-GM400S17AL Datasheet
396Kb / 3P
   SEMICONDUCTOR
KGT15N60FDA KEC-KGT15N60FDA Datasheet
1Mb / 8P
   SEMICONDUCTOR
KIA78R000F-PI KEC-KIA78R000F-PI Datasheet
108Kb / 10P
   SEMICONDUCTOR
KIA324P-F KEC-KIA324P-F Datasheet
70Kb / 4P
   SEMICONDUCTOR
KIA378R015FP-PI KEC-KIA378R015FP-PI Datasheet
843Kb / 9P
   SEMICONDUCTOR
KIA7905F-PI KEC-KIA7905F-PI Datasheet
568Kb / 16P
   SEMICONDUCTOR
KPC817 KEC-KPC817 Datasheet
61Kb / 4P
   SEMICONDUCTOR
KRC410V KEC-KRC410V Datasheet
54Kb / 4P
   SEMICONDUCTOR
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com