전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KIC3213T17 데이터시트(PDF) 6 Page - KEC(Korea Electronics)

부품명 KIC3213T17
상세설명  SEMICONDUCTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC3213T17 데이터시트(HTML) 6 Page - KEC(Korea Electronics)

  KIC3213T17 Datasheet HTML 1Page - KEC(Korea Electronics) KIC3213T17 Datasheet HTML 2Page - KEC(Korea Electronics) KIC3213T17 Datasheet HTML 3Page - KEC(Korea Electronics) KIC3213T17 Datasheet HTML 4Page - KEC(Korea Electronics) KIC3213T17 Datasheet HTML 5Page - KEC(Korea Electronics) KIC3213T17 Datasheet HTML 6Page - KEC(Korea Electronics) KIC3213T17 Datasheet HTML 7Page - KEC(Korea Electronics) KIC3213T17 Datasheet HTML 8Page - KEC(Korea Electronics) KIC3213T17 Datasheet HTML 9Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
2013. 5. 28
6/9
KIC3213MF/T12~33
Revision No : 2
5
4
3.340
3.300
3.260
0
20406080
100
KIC3213MF/T 33
6
10
-40
50
25
0
-25
85
75
60
50
40
30
20
3.15
3.10
3.05
3.00
KIC3213MF/T 33
85
75
50
25
0
-25
-40
3.45
3.40
3.35
3.30
3.25
3.20
3.50
KIC3213MF/T 33
Input Voltage VIN (V)
012345
0
KIC3213MF/T 33
60
40
20
100
80
VIN=4.3V
Input Voltage
Onput Voltage
VIN=4.3V
150
0
3.30
3.35
3.40
3.25
3.20
0
20406080
100
KIC3213MF/T 33
300
Output Current
Onput Voltage
3) Output Voltage vs. Temperature
(CIN = COUT = 0.47㎌, IOUT =1mA)
4) Ground Current vs. Temperature
(CIN = COUT = 0.47㎌, IOUT =0A)
5) Input Transient Response
(IOUT =30mA, tr =tf =5㎲, TOPR=25℃)
6) Load Transient Response
(CIN = COUT = 0.47㎌, TOPR =25℃)


유사한 부품 번호 - KIC3213T17

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KIC3213MF12 KEC-KIC3213MF12 Datasheet
450Kb / 9P
   150mA CMOS High Performance LDO Regulator
KIC3213MF13 KEC-KIC3213MF13 Datasheet
450Kb / 9P
   150mA CMOS High Performance LDO Regulator
KIC3213MF14 KEC-KIC3213MF14 Datasheet
450Kb / 9P
   150mA CMOS High Performance LDO Regulator
KIC3213MF15 KEC-KIC3213MF15 Datasheet
450Kb / 9P
   150mA CMOS High Performance LDO Regulator
KIC3213MF16 KEC-KIC3213MF16 Datasheet
450Kb / 9P
   150mA CMOS High Performance LDO Regulator
More results

유사한 설명 - KIC3213T17

제조업체부품명데이터시트상세설명
logo
Leshan Radio Company
MMBZ5221BLT1 LRC-MMBZ5221BLT1 Datasheet
168Kb / 5P
   SEMICONDUCTOR
logo
KEC(Korea Electronics)
KIA78R25PI KEC-KIA78R25PI Datasheet
16Kb / 1P
   SEMICONDUCTOR
BZX84C2V KEC-BZX84C2V Datasheet
363Kb / 3P
   SEMICONDUCTOR
GM400S17AL KEC-GM400S17AL Datasheet
396Kb / 3P
   SEMICONDUCTOR
KGT15N60FDA KEC-KGT15N60FDA Datasheet
1Mb / 8P
   SEMICONDUCTOR
KIA78R000F-PI KEC-KIA78R000F-PI Datasheet
108Kb / 10P
   SEMICONDUCTOR
KIA324P-F KEC-KIA324P-F Datasheet
70Kb / 4P
   SEMICONDUCTOR
KIA378R015FP-PI KEC-KIA378R015FP-PI Datasheet
843Kb / 9P
   SEMICONDUCTOR
KIA7905F-PI KEC-KIA7905F-PI Datasheet
568Kb / 16P
   SEMICONDUCTOR
KPC817 KEC-KPC817 Datasheet
61Kb / 4P
   SEMICONDUCTOR
KRC410V KEC-KRC410V Datasheet
54Kb / 4P
   SEMICONDUCTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com