전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC75W51FK 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 TC75W51FK
상세설명  General-Purpose Linear ICs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

TC75W51FK 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  TC75W51FK Datasheet HTML 1Page - List of Unclassifed Manufacturers TC75W51FK Datasheet HTML 2Page - List of Unclassifed Manufacturers TC75W51FK Datasheet HTML 3Page - List of Unclassifed Manufacturers TC75W51FK Datasheet HTML 4Page - List of Unclassifed Manufacturers TC75W51FK Datasheet HTML 5Page - List of Unclassifed Manufacturers TC75W51FK Datasheet HTML 6Page - List of Unclassifed Manufacturers TC75W51FK Datasheet HTML 7Page - List of Unclassifed Manufacturers TC75W51FK Datasheet HTML 8Page - List of Unclassifed Manufacturers TC75W51FK Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
118
Operational Amplifier ICs & Comparator ICs
Operational Amplifier ICs & Comparator ICs
(Bipolar, Single-Circuit Type)
Function
Part Number
Package
Marking
Features
Operating Voltage
Pin Configuration (top view)
(Unit: mm)
Bipolar comparator
TA75S393F
SMV
TA
Single/dual power supply,
open-collector output
2 to 36 V
or
±1 to ±18 V
+
SMV
2.9
TA75S01F
SMV
SA
Single/dual power supply,
unity gain available
3 to 12 V
or
±1.5 to ±6 V
Bipolar op amp
TA75S558F
SMV
SB
Dual power supply
±4 to ±18 V
+
SMV
2.9
Note:
Please note that the pin configurations of the input pins of the single operational amps and comparator differ. The US8 and SM8 types have the same pin configuration.
(Bipolar, Dual-Circuit Type)
Function
Part Number
Package
Marking
Features
Operating Voltage
Pin Configuration (top view)
(Unit: mm)
Bipolar comparator
TA75W393FU
SM8
5W393
Single/dual power supply,
open-collector output
2 to 36 V
or
±1 to ±18 V
TA75W01FU
SM8
5W01
Single/dual power supply,
unity gain available
3 to 12 V
or
±1.5 to ±6 V
Bipolar op amp
TA75W558FU
SM8
5W558
Dual power supply
±4 to ±18 V
SM8
+
A
+
B
2.9
US8
2.0
+
B
+
A


유사한 부품 번호 - TC75W51FK

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC75W51FK TOSHIBA-TC75W51FK Datasheet
251Kb / 8P
   DUAL OPERATIONAL AMPLIFIER
More results

유사한 설명 - TC75W51FK

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCTL-1100 HP-HCTL-1100 Datasheet
476Kb / 39P
   General Purpose Motion Control ICs
logo
AVAGO TECHNOLOGIES LIMI...
HCTL-1100 AVAGO-HCTL-1100 Datasheet
335Kb / 40P
   General Purpose Motion Control ICs
HCTL-1100PLC AVAGO-HCTL-1100PLC Datasheet
346Kb / 40P
   General Purpose Motion Control ICs
logo
Agilent(Hewlett-Packard...
HCTL1100 HP-HCTL1100 Datasheet
435Kb / 40P
   General Purpose Motion Control ICs
logo
List of Unclassifed Man...
UPC451C ETC1-UPC451C Datasheet
44Kb / 1P
   INDUSTRIAL LINEAR ICS
logo
RF Micro Devices
RF2312 RFMD-RF2312_06 Datasheet
306Kb / 16P
   LINEAR GENERAL PURPOSE AMPLIFIER
RF2320 RFMD-RF2320_07 Datasheet
260Kb / 12P
   LINEAR GENERAL PURPOSE AMPLIFIER
RF2360 RFMD-RF2360_06 Datasheet
297Kb / 12P
   LINEAR GENERAL PURPOSE AMPLIFIER
logo
Qorvo, Inc
RF2312 QORVO-RF2312 Datasheet
856Kb / 13P
   Linear General Purpose Amplifier
logo
RF Micro Devices
RF2312 RFMD-RF2312 Datasheet
274Kb / 16P
   LINEAR GENERAL PURPOSE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com