전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADF-07 데이터시트(PDF) 1 Page - Minmax Technology Co., Ltd.

부품명 ADF-07
상세설명  AC/DC Power Module 7W
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MINMAX [Minmax Technology Co., Ltd.]
홈페이지  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

ADF-07 데이터시트(HTML) 1 Page - Minmax Technology Co., Ltd.

  ADF-07_16 Datasheet HTML 1Page - Minmax Technology Co., Ltd. ADF-07_16 Datasheet HTML 2Page - Minmax Technology Co., Ltd. ADF-07_16 Datasheet HTML 3Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ADF-07 SERIES
AC/DC Power Module 7W
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2016/08/30 REV:17
Page 1 of 3
FEATURES
Fully Encapsulated Plastic Case for PCB Mounting
Universal Input 85~264VAC, 47~440Hz
Protection Class II as per IEC/EN 60536
I/O Isolation 3000VAC with Reinforced Insulation
Operating Ambient Temp. Range -25℃ to +70℃
Overload/Voltage and Short Circuit Protection
Designed-in EMI Emission meets EN55011/22 Class B & FCC Level B
Designed-in EMC Immunity meets EN61000-4-2,3,4,5,6,8,11
Eco Design, Compliant to Energy Star Specification and
ErP Directive 2009/125/EC
UL/cUL/IEC/EN 60950-1 Safety Approval & CE Marking
PRODUCT OVERVIEW
The MINMAX ADF-07 series is a new range of fully encapsulated AC/DC power supply modules. They are designed for direct PCB mounting with solder
pins. The product features EMI-filter to EN55022, class B and EMS compliance to the EN 61000-4 standard. Universal input voltage 85-264VAC and
International safety approvals qualifies these power modules for applications in products with worldwide markets.
The ADF-07 series provide a cost effective solution for many space critical applications in commercial and industrial electronic equipment.
Model Selection Guide
Model
Number
Output
Voltage
Output Current
Input Current
Max. capacitive
Load
Efficiency
(typ.)
115VAC, 60Hz
Max.
@Max. Load
@Max. Load
VDC
mA
mA(typ.)
μF
%
ADF-07S03
3.3
1400
96
2200
70
ADF-07S05
5
1400
139
2200
73
ADF-07S12
12
583
130
1000
78
ADF-07S15
15
466
130
1000
78
ADF-07S24
24
291
130
680
78
Input Specifications
Parameter
Model
Min.
Typ.
Max.
Unit
Input Voltage Range
All Models
85
---
264
VAC
Input Frequency Range
47
---
440
Hz
Input Voltage Range
120
---
370
VDC
No-Load Power Consumption
---
---
0.3
W
Inrush Current
115VAC
Cold Start at 25℃
---
---
10
A
230VAC
---
---
20
A
External Fuse (Recommended)
All Models
1.5A Slow – Blow Type
Output Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output Voltage Setting Accuracy
---
±1.0
±2.0
%Vnom.
Line Regulation
Vin=Min. to Max. @Full Load
---
±0.5
±1.0
%
Load Regulation
Io=Min. to Max.
---
±0.5
±1.0
%
Ripple & Noise
0-20 MHz Bandwidth
3.3 & 5.0VDC Output Models
Other Output Models
---
1.5
1.8
%VPP of Vo
---
0.8
1.0
%VPP of Vo
Minimum Load
---
10
---
%Inom.
Over Voltage Protection
Zener diode clamp
---
120
---
% of Vo
Temperature Coefficient
---
±0.01
±0.02
%/℃
Overshoot
---
---
5
% Vout
Current Limitation
Foldback, auto-recovery
105
---
---
%Inom.
(long term overload condition may cause damage)
Short Circuit Protection
Hiccup mode, Automatic Recovery


유사한 부품 번호 - ADF-07_16

제조업체부품명데이터시트상세설명
logo
Minmax Technology Co., ...
ADF-07S12 MINMAX-ADF-07S12 Datasheet
159Kb / 4P
   7 Watts Universal Input Range AC/DC Power Modules
ADF-07S12 MINMAX-ADF-07S12 Datasheet
249Kb / 3P
   AC/DC Power Module 7W Ultra -compact Dimensions
ADF-07S15 MINMAX-ADF-07S15 Datasheet
159Kb / 4P
   7 Watts Universal Input Range AC/DC Power Modules
ADF-07S15 MINMAX-ADF-07S15 Datasheet
249Kb / 3P
   AC/DC Power Module 7W Ultra -compact Dimensions
ADF-07 MINMAX-ADF-07_11 Datasheet
249Kb / 3P
   AC/DC Power Module 7W Ultra -compact Dimensions
More results

유사한 설명 - ADF-07_16

제조업체부품명데이터시트상세설명
logo
Chinfa Electronics Ind....
KAS07 CHINFA-KAS07 Datasheet
173Kb / 4P
   AC-DC POWER MODULE 7W SINGLE OUTPUT
logo
Minmax Technology Co., ...
ADF-07 MINMAX-ADF-07_11 Datasheet
249Kb / 3P
   AC/DC Power Module 7W Ultra -compact Dimensions
logo
Delta Electronics, Inc.
AA07S0300A DELTA-AA07S0300A Datasheet
212Kb / 5P
   7W Single Output AC/DC converter
AA07S DELTA-AA07S Datasheet
213Kb / 4P
   7W Single Output AC/DC converter
logo
Arch Electronics Corp.
AFC-E1 ARCH-AFC-E1 Datasheet
495Kb / 5P
   AC-DC Power Module
AOC ARCH-AOC Datasheet
117Kb / 3P
   AC-DC Power Module
AHC-E1 ARCH-AHC-E1_12 Datasheet
273Kb / 3P
   AC-DC Power Module
AFC ARCH-AFC Datasheet
495Kb / 5P
   AC-DC Power Module
AEC60 ARCH-AEC60_12 Datasheet
321Kb / 3P
   AC-DC Power Module
AHC08 ARCH-AHC08 Datasheet
216Kb / 4P
   AC-DC Power Module
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com