전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KIC3201T-32 데이터시트(PDF) 3 Page - KEC(Korea Electronics)

부품명 KIC3201T-32
상세설명  SEMICONDUCTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC3201T-32 데이터시트(HTML) 3 Page - KEC(Korea Electronics)

  KIC3201T-32 Datasheet HTML 1Page - KEC(Korea Electronics) KIC3201T-32 Datasheet HTML 2Page - KEC(Korea Electronics) KIC3201T-32 Datasheet HTML 3Page - KEC(Korea Electronics) KIC3201T-32 Datasheet HTML 4Page - KEC(Korea Electronics) KIC3201T-32 Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2013. 7. 04
3/5
KIC3201S/T-12 ~ KIC3201S/T-60
Revision No : 12
Electrical Characteristics (Unless otherwise stated, Ta=25℃
℃, VIN = VOUT + 1.0V)
Absolute Maximum Ratings
Characteristics
Symbol
Rating
Units
Input Voltage
VIN
12
V
Output Current
IOUT
500
mA
Output Voltage
VOUT
VSS-0.3 ~ VIN+0.3
V
Power Dissipation(Note)
PD (SOT-89)
900
mW
PD (TSM)
Operating Temperature
TOPR
-40 ~ 85
Storage Temperature
TSTG
-65 ~ 150
Note) Package mounted on a ceramic board (600
㎟×0.8㎜)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Voltage
VIN
-
-
10
V
Output Voltage
VOUT
IOUT=40mA, VIN=VOUT + 1V
VOUT
×0.98
VOUT
VOUT
×1.02
V
Maximum Output Current
IOUT(MAX)
VOUT=1.2V~1.5V
VOUT×0.9
VIN=2.5V
400
-
-
mA
VOUT=1.6V~2.4V
VOUT×0.9
VIN=VOUT+1V
VOUT=2.5V~2.9V
VOUT×0.93
VIN=VOUT+1V
VOUT=3.0V~6.0V
VOUT×0.96
VIN=VOUT+1V
Load Regulation
Reg Load
1mA
≤ I
OUT≤200mA, VIN=VOUT+1V
-
40
100
mV
Line Regulation
Reg Line
VOUT +1.0V≤VIN≤8V, IOUT=40mA
-
0.2
0.3
%/V
Dropout Voltage
VD1
VOUT =1.2~1.7V, IOUT=100mA
-
500
700
mV
VOUT =1.8~2.4V, IOUT=100mA
-
200
300
VOUT =2.5~2.9V, IOUT=100mA
-
170
250
VOUT =3.0~4.9V, IOUT=100mA
-
150
220
VOUT =5.0~6.0V, IOUT=100mA
-
100
180
VD2
VOUT =1.2~1.7V, IOUT=200mA
-
800
1100
mV
VOUT =1.8~2.4V, IOUT=200mA
-
400
600
VOUT =2.5~2.9V, IOUT=200mA
-
320
500
VOUT =3.0~4.9V, IOUT=200mA
-
300
420
VOUT =5.0~6.0V, IOUT=200mA
-
200
320
Supply Current
IDD
VIN=VOUT(T)+1V
-
8
16
Output Voltage
Temperature Characteristics
ΔV
OUT
ΔT
OPR
VOUT
IOUT=40mA, -40℃≤TOPR≤85℃
-
100
-
ppm/
Short Circuit Current
ISC
VIN =VOUT+1V, VOUT = 0V
-
50
-
mA


유사한 부품 번호 - KIC3201T-32

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KIC3201T-32 KEC-KIC3201T-32 Datasheet
383Kb / 6P
   CMOS Linear Integrated Circuit Large Current Positive Voltage Regulator
More results

유사한 설명 - KIC3201T-32

제조업체부품명데이터시트상세설명
logo
Leshan Radio Company
MMBZ5221BLT1 LRC-MMBZ5221BLT1 Datasheet
168Kb / 5P
   SEMICONDUCTOR
logo
KEC(Korea Electronics)
KIA78R25PI KEC-KIA78R25PI Datasheet
16Kb / 1P
   SEMICONDUCTOR
BZX84C2V KEC-BZX84C2V Datasheet
363Kb / 3P
   SEMICONDUCTOR
GM400S17AL KEC-GM400S17AL Datasheet
396Kb / 3P
   SEMICONDUCTOR
KGT15N60FDA KEC-KGT15N60FDA Datasheet
1Mb / 8P
   SEMICONDUCTOR
KIA78R000F-PI KEC-KIA78R000F-PI Datasheet
108Kb / 10P
   SEMICONDUCTOR
KIA324P-F KEC-KIA324P-F Datasheet
70Kb / 4P
   SEMICONDUCTOR
KIA378R015FP-PI KEC-KIA378R015FP-PI Datasheet
843Kb / 9P
   SEMICONDUCTOR
KIA7905F-PI KEC-KIA7905F-PI Datasheet
568Kb / 16P
   SEMICONDUCTOR
KPC817 KEC-KPC817 Datasheet
61Kb / 4P
   SEMICONDUCTOR
KRC410V KEC-KRC410V Datasheet
54Kb / 4P
   SEMICONDUCTOR
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com