전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB380S 데이터시트(PDF) 3 Page - GOOD-ARK Electronics

부품명 SB380S
상세설명  For High speed Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GOOD-ARK [GOOD-ARK Electronics]
홈페이지  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SB380S 데이터시트(HTML) 3 Page - GOOD-ARK Electronics

  SB380S Datasheet HTML 1Page - GOOD-ARK Electronics SB380S Datasheet HTML 2Page - GOOD-ARK Electronics SB380S Datasheet HTML 3Page - GOOD-ARK Electronics SB380S Datasheet HTML 4Page - GOOD-ARK Electronics SB380S Datasheet HTML 5Page - GOOD-ARK Electronics SB380S Datasheet HTML 6Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
3. 编带规格 Taping Spec
4. 内部结构
Inside Formation
B
BG
A
L1
L2
D
C
K
S
Δ
S
J
T
单位:mm
B:6.0±0.5
D:0
G:52.4±1.5
J:0.5max
K:0.8max
L1-L2:0±1.0
S:10.0±0.5
S:1.2max
T:3.2min
Sn(5.0%)-Pb(92.5%)-Ag (2.5%)Solder
Copper Lead,Sn plating
Dice
Sn(5.0%)-Pb(92.5%)-Ag (2.5%)Solder
Epoxy resin(Black)


유사한 부품 번호 - SB380S

제조업체부품명데이터시트상세설명
logo
EIC discrete Semiconduc...
SB380S EIC-SB380S Datasheet
28Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
SB380S EIC-SB380S Datasheet
44Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
More results

유사한 설명 - SB380S

제조업체부품명데이터시트상세설명
logo
GOOD-ARK Electronics
SB320S GOOD-ARK-SB320S Datasheet
570Kb / 6P
   For High speed Rectifier
logo
Toshiba Semiconductor
1JU42 TOSHIBA-1JU42 Datasheet
169Kb / 3P
   RECTIFIER (HIGH SPEED RECTIFIER APPLICATIONS)
1S1832 TOSHIBA-1S1832 Datasheet
113Kb / 2P
   RECTIFIER (HIGH SPEED RECTIFIER APPSICATIONS)
1GU42 TOSHIBA-1GU42 Datasheet
170Kb / 3P
   RECTIFIER (HIGH SPEED RECTIFIER APPLICATIONS)
1R5JU41 TOSHIBA-1R5JU41 Datasheet
161Kb / 3P
   RECTIFIER (HIGH SPEED RECTIFIER APPLICATIONS)
1JU41 TOSHIBA-1JU41 Datasheet
181Kb / 4P
   RECTIFIER (HIGH SPEED RECTIFIER APPLICATIONS)
logo
NTE Electronics
NTE5351 NTE-NTE5351 Datasheet
21Kb / 2P
   Silicon Controlled Rectifier (SCR) for High Speed Switching
NTE5374 NTE-NTE5374 Datasheet
21Kb / 2P
   Silicon Controlled Rectifier (SCR) for High Speed Switching
logo
Toshiba Semiconductor
U2FWJ44N TOSHIBA-U2FWJ44N Datasheet
245Kb / 5P
   HIGH SPEED RECTIFIER APPLICATIONS
U1GWJ49 TOSHIBA-U1GWJ49 Datasheet
114Kb / 3P
   HIGH SPEED RECTIFIER APPLICATIONS
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com