전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

KTX213U 데이터시트(Datasheet) 1 Page - KEC(Korea Electronics)

부품명 KTX213U
상세내용  EPITAXIAL PLANAR PNP/NPN TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo 

   
 1 page
background image
2014. 6. 23
1/4
SEMICONDUCTOR
TECHNICAL DATA
KTX213U
Revision No : 3
SWITCHING APPLICATION.
INTERFACE CIRCUIT AND DRIVER CIRCUIT APPLICATION.
FEATURES
・Including two devices in US6.
(Ultra Super mini type with 6 leads.)
・With Built-in bias resistors.
・Simplify circuit design.
・Reduce a quantity of parts and manufacturing process.
1. Q
(EMITTER)
4. Q
COMMON (EMITTER)
3. Q
OUT (COLLECTOR)
5. Q
IN (BASE)
6. Q
(COLLECTOR)
1
2
2. Q
(BASE)
1
1
2
2
DIM
MILLIMETERS
A
B
D
F
US6
2.00 0.1
1.25 0.1
2.1 0.1
0.2+0.10/-0.05
G
0-0.1
0.9 0.1
0.65
0.15+0.1/-0.05
B1
H
C
T
G
1
3
2
B
B1
D
T
6
4
1.3 0.1
A1
5
+
_
+
_
+
_
+
_
+
_
FF
Typ. 0.25+0.25/-0.15
EQUIVALENT CIRCUIT
Q1 MAXIMUM RATING (Ta=25℃)
E
C
Q 1
B
R1
R2
COMMON
OUT
Q 2
2
IN
Q
R1=47K
R2=47K
1
Q1
23
65
4
Q2
EQUIVALENT CIRCUIT (TOP VIEW)
* Total Raing.
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-15
V
Collector-Emitter Voltage
VCEO
-12
V
Emitter-Base Voltage
VEBO
-6
V
Collector Current
IC
-500
ICP *
-1
A
BH
123
4
5
6
Lot No.
Type Name
Q2 MAXIMUM RATING (Ta=25℃)
Q1, Q2 MAXIMUM RATING (Ta=25℃)
Marking
EPITAXIAL PLANAR PNP/NPN TRANSISTOR
* Single pulse Pw=1mS.
CHARACTERISTIC
SYMBOL
RATING
UNIT
Output Voltage
VO
50
V
Input Voltage
VI
40, -10
V
Output Current
IO
100
CHARACTERISTIC
SYMBOL
RATING
UNIT
Power Dissipation
PD *
200
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150




Html 페이지

1  2  3  4 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl