전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KTX216U 데이터시트(PDF) 4 Page - KEC(Korea Electronics)

부품명 KTX216U
상세설명  EPITAXIAL PLANAR NPN TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTX216U 데이터시트(HTML) 4 Page - KEC(Korea Electronics)

  KTX216U Datasheet HTML 1Page - KEC(Korea Electronics) KTX216U Datasheet HTML 2Page - KEC(Korea Electronics) KTX216U Datasheet HTML 3Page - KEC(Korea Electronics) KTX216U Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2004. 2. 28
4/4
KTX216U
Revision No : 0
Cob - VCB , Cib - VEB
COLLECTOR-BASE VOLTAGE VCB (V)
EMITTER-BASE VOLTAGE VEB (V)
Q1 (NPN TRANSISTOR)
C ob
0.1
0.3
1
1
3
10
30
100
3
5
10
30
50
100
300
500
1K
Cib
I =0A
f=1MHz
Ta=25 C
E
0
0
AMBIENT TEMPERATURE Ta ( C)
Pc - Ta
25
50
75
100
125
50
100
150
200
250
150
0.5
100
50
30
10
5
3
1
30
10
3
1
0.3
0.3
100
0.1
IO - VI(ON)
Q2
V =0.2V
O
Ta=25 C
Ta=-25 C
INPUT ON VOLTAGE VI(ON) (V)
INPUT OFF VOLTAGE VI(OFF) (V)
IO - VI(OFF)
O
V =5V
Q2
10k
5k
3k
1k
500
300
100
50
2.0
1.8
1.6
1.4
1.2
1.0
0.8
30
0.6
OUTPUT CURRENT IO (mA)
GI - IO
O
V =5V
300
100
50
30
10
100
30
5
10
3
1
0.5
Ta=100 C
Ta=25 C
Ta=-25 C
Q2


유사한 부품 번호 - KTX216U

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KTX213E KEC-KTX213E Datasheet
57Kb / 4P
   EPITAXIAL PLANAR PNP/NPN TRANSISTOR
KTX213U KEC-KTX213U Datasheet
390Kb / 4P
   EPITAXIAL PLANAR PNP/NPN TRANSISTOR
KTX215U KEC-KTX215U Datasheet
58Kb / 4P
   EPITAXIAL PLANAR PNP/NPN TRANSISTOR
More results

유사한 설명 - KTX216U

제조업체부품명데이터시트상세설명
logo
Hi-Sincerity Mocroelect...
HI41C HSMC-HI41C Datasheet
31Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ14C HSMC-HJ14C Datasheet
32Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ47 HSMC-HJ47 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ669A HSMC-HJ669A Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HLB123T HSMC-HLB123T Datasheet
37Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HM3019 HSMC-HM3019 Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBT2222A HSMC-HMBT2222A Datasheet
37Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBTH10 HSMC-HMBTH10 Datasheet
29Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMH2369 HSMC-HMH2369 Datasheet
43Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HA8050S HSMC-HA8050S Datasheet
36Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HBC848 HSMC-HBC848 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com