전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

KTX421U 데이터시트(Datasheet) 2 Page - KEC(Korea Electronics)

부품명 KTX421U
상세내용  EPITAXIAL PLANAR NPN TRANSISTOR N CHANNEL MOS FIELD EFFECT TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo 

   
 2 page
background image
KTX421U
Revision No : 1
2008. 9. 23
2/6
Q1 ELECTRICAL CHARACTERISTICS (Ta=25 )
Q2 ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=15V, IE=0
-
-
100
nA
Emitter Cut-off Current
IEBO
VEB=6V, IC=0
-
-
100
nA
Collector-Base Breakdown Voltage
V(BR)CBO
IC=10 A
15
-
-
V
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=1mA
12
-
-
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IE=10 A
6
-
-
V
DC Current Gain
hFE
VCE=2V, IC=10mA
270
-
680
-
Collector-Emitter Saturation Voltage
VCE(sat)
IC=200mA, IB=10mA
-
90
250
mV
Transition Frequency
fT
VCE=2V, IC=10mA, fT=100MHz
-
320
-
MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
-
7.5
-
pF
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Gate Leakage Current
IGSS
VGS= 20V, VDS=0V
-
-
1
A
Drain-Source Breakdown Voltage
V(BR)DSS
ID=100 A, VGS=0V
30
-
-
V
Drain Cut-off Current
IDSS
VDS=30V, VGS=0V
-
-
1
A
Gate Threshold Voltage
Vth
VDS=3V, ID=0.1mA
0.5
-
1.5
V
Forward Transfer Admittance
|Yfs|
VDS=3V, ID=10mA
25
-
-
mS
Drain-Source ON Resistance
RDS(ON)
ID=10mA, VGS=2.5V
-
4
7
Input Capacitance
Ciss
VDS=3V, VGS=0V, f=1MHz
-
8.5
-
pF
Reverse Transfer Capacitance
Crss
VDS=3V, VGS=0V, f=1MHz
-
3.3
-
pF
Output Capacitance
Coss
VDS=3V, VGS=0V, f=1MHz
-
9.3
-
pF
Switching Time
Turn-on Time
ton
VDD=5V, ID=10mA, VGS=0 5V
-
50
-
nS
Turn-off Time
toff
-
160
-
nS




Html 페이지

1  2  3  4  5  6 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl