전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KTX421U 데이터시트(PDF) 5 Page - KEC(Korea Electronics)

부품명 KTX421U
상세설명  EPITAXIAL PLANAR NPN TRANSISTOR N CHANNEL MOS FIELD EFFECT TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTX421U 데이터시트(HTML) 5 Page - KEC(Korea Electronics)

  KTX421U Datasheet HTML 1Page - KEC(Korea Electronics) KTX421U Datasheet HTML 2Page - KEC(Korea Electronics) KTX421U Datasheet HTML 3Page - KEC(Korea Electronics) KTX421U Datasheet HTML 4Page - KEC(Korea Electronics) KTX421U Datasheet HTML 5Page - KEC(Korea Electronics) KTX421U Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2008. 9. 23
5/6
KTX421U
Revision No : 1
DRAIN-SOURCE VOTAGE V
(V)
DS
DS
DR
I
- V
DRAIN-SOURCE VOLTAGE V
(V)
0
DS
0
I - V
DDS
DRAIN CURRENT I (mA)
1
D
Y
- I
DRAIN-SOURCE VOLTAGE V
(V)
DS
(LOW VOLTAGE REGION)
2
COMMON SOURCE
Ta=25 C
V =1.2V
GS
0.2
0
0
0.1
Ta=25 C
COMMON
V =0.9V
GS
fs
D
35
10
30 50
COMMON SOURCE
V
=3V
DS
46
8
10
12
20
0.2
0.3
0.4
0.5
0.6
0.4
0.6
0.8
1.0
I - VDS
D
0
Ta=25 C
5
10
30
50
100
300
100
40
60
80
100
1.4V
2.5V
2.2V
2.0V
1.8V
1.6V
SOURCE
1.0V
1.05V
1.1V
1.15V
1.2V
2.5V
0.01
0.1
1
10
100
0.03
0.3
3
30
10
GATE-SOURCE VOTAGE V
(V)
0.1
1
0.01
0
0.03
1
0.3
3
GS
Ta=25 C
COMMON SOURCE
I
- V
100
30
DS
V =3V
GS
D
2
345
Ta=-25 C
COMMON SOURCE
Ta=25 C
f=1MHz
V =0
DRAIN-SOURCE VOLTAGE V
(V)
0.1
1
0.5
0.3
3
C - V
GS
DS
20
10
5
DS
Crss
oss
C
C iss
1
5
3
10
50
30
100
-0.4
-0.8
-1.2
-1.6
COMMON SOURCE
V =0
GS
Ta=25 C
D
I
S
G
DR
Q (N CHANNEL MOS FIELD EFFECT TRANSISTOR)
2


유사한 부품 번호 - KTX421U

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KTX401E KEC-KTX401E Datasheet
69Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE (GENERAL PURPOSE, ULTRA HIGH SPEED SWITCHING)
KTX401U KEC-KTX401U Datasheet
69Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE (GENERAL PURPOSE, ULTRA HIGH SPEED SWITCHING)
KTX402U KEC-KTX402U Datasheet
417Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR SCHOTTKY BARRIER TYPE DIODE (GENERAL PURPOSE, LOW VOLTAGE HIGH SPEED SWITCHING)
KTX403U KEC-KTX403U Datasheet
403Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR SCHOTTKY BARRIER TYPE DIODE (SWITCHING, LOW VOLTAGE HIGH SPEED SWITCHING)
KTX411T KEC-KTX411T Datasheet
56Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE
More results

유사한 설명 - KTX421U

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KTX321U KEC-KTX321U Datasheet
106Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB7D0N65P1 KEC-KHB7D0N65P1 Datasheet
450Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB6D0N40P KEC-KHB6D0N40P Datasheet
449Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB7D5N60P1 KEC-KHB7D5N60P1_07 Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D0N65P KEC-KHB4D0N65P Datasheet
397Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D0N80P1 KEC-KHB4D0N80P1 Datasheet
504Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D5N60P KEC-KHB4D5N60P Datasheet
500Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB7D0N65P1 KEC-KHB7D0N65P1_07 Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB2D0N60P KEC-KHB2D0N60P Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF4N80F KEC-KF4N80F_15 Datasheet
389Kb / 6P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com