전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Si5346A-D-GM 데이터시트(PDF) 7 Page - Silicon Laboratories

부품명 Si5346A-D-GM
상세설명  Dual/Quad DSPLL Any-Frequency, Any-Output Jitter Attenuators
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si5346A-D-GM 데이터시트(HTML) 7 Page - Silicon Laboratories

Back Button Si5346A-D-GM Datasheet HTML 3Page - Silicon Laboratories Si5346A-D-GM Datasheet HTML 4Page - Silicon Laboratories Si5346A-D-GM Datasheet HTML 5Page - Silicon Laboratories Si5346A-D-GM Datasheet HTML 6Page - Silicon Laboratories Si5346A-D-GM Datasheet HTML 7Page - Silicon Laboratories Si5346A-D-GM Datasheet HTML 8Page - Silicon Laboratories Si5346A-D-GM Datasheet HTML 9Page - Silicon Laboratories Si5346A-D-GM Datasheet HTML 10Page - Silicon Laboratories Si5346A-D-GM Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
3.5 External Reference (XA/XB)
An external crystal (XTAL) is used in combination with the internal oscillator (OSC) to produce an ultra-low jitter reference clock for the
DSPLLs and for providing a stable reference for the Free-run and Holdover Modes. A simplified diagram is shown in the figure below.
The device includes internal XTAL loading capacitors, which eliminates the need for external capacitors and also has the benefit of
reduced noise coupling from external sources. Refer to Table 5.12 Crystal Specifications1 on page 33 for crystal specifications. A
crystal in the range of 48 MHz to 54 MHz is recommended for best jitter performance. Frequency offsets due to CL mismatch can be
adjusted using the frequency adjustment feature, which allows frequency adjustments of ±200 ppm. The Si5347/46 Family Reference
Manual provides additional information on PCB layout recommendations for the crystal to ensure optimum jitter performance.
To achieve optimal jitter performance and minimize BOM cost, a crystal is recommended on the XA/XB reference input. For SyncE line
card PLL applications (e.g. loop bandwidth set to 0.1 Hz), a TCXO is required on the XA/XB reference to minimize wander and to pro-
vide a stable holdover reference. See the Si5347/46 Family Reference Manual for more information. Selection between the external
XTAL or REFCLK is controlled by register configuration. The internal crystal loading capacitors (CL) are disabled in the REFCLK mode.
Refer to Table 5.3 Input Clock Specifications on page 24 for REFCLK requirements when using this mode. The Si5347/46 Family
Reference Manual provides additional information on PCB layout recommendations for the crystal to ensure optimum jitter perform-
ance. A PREF divider is available to accommodate external clock frequencies higher than 54 MHz. Although the REFCLK frequency
range of 25 MHz to 54 MHz is supported, frequencies in the range of 48 MHz to 54 MHz will achieve the best output jitter performance.
OSC
XB
XA
48-54MHz
XTAL
2xCL
2xCL
Crystal Resonator Connection
OSC
XB
XA
48-54MHz
XO
100
Differential XO Connection
OSC
XB
XA
48-54MHz
XO
Single-Ended XO Connection
2xCL
2xCL
2xCL
Si5347/46
Si5347/46
Si5347/46
2xCL
÷PREF
÷PREF
÷PREF
Figure 3.3. Crystal Resonator and External Reference Clock Connection Options
Si5347/46 Rev D Data Sheet
Functional Description
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 6


유사한 부품 번호 - Si5346A-D-GM

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SI5346A-D-GM SKYWORKS-SI5346A-D-GM Datasheet
879Kb / 56P
   Dual/Quad DSPLL™ Any-Frequency, Any-Output Jitter Attenuators
Rev. 1.1
More results

유사한 설명 - Si5346A-D-GM

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI5347 SILABS-SI5347 Datasheet
2Mb / 59P
   DUAL/QUAD DSPLL ANY-FREQUENCY, ANY-OUTPUT JITTER ATTENUATORS
logo
Skyworks Solutions Inc.
SI5347 SKYWORKS-SI5347 Datasheet
879Kb / 56P
   Dual/Quad DSPLL™ Any-Frequency, Any-Output Jitter Attenuators
Rev. 1.1
SI5397 SKYWORKS-SI5397 Datasheet
1Mb / 60P
   Dual/Quad DSPLL™ Any-Frequency, Any-Output Jitter Attenuators
Rev. 1.2
logo
Silicon Laboratories
SI5341 SILABS-SI5341 Datasheet
2Mb / 56P
   LOW-JITTER, 10-OUTPUT, ANY-FREQUENCY, ANY-OUTPUT CLOCK GENERATOR
SI5345 SILABS-SI5345_16 Datasheet
1Mb / 60P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
SI5345 SILABS-SI5345 Datasheet
1Mb / 62P
   10-CHANNEL, ANY-FREQUENCY, ANY-OUTPUT JITTER ATTENUATOR/CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5391 SKYWORKS-SI5391 Datasheet
1Mb / 45P
   Ultra Low-Jitter, 12-Output, Any-Frequency, Any-Output Clock Generator
Rev. 0.7
SI5345 SKYWORKS-SI5345 Datasheet
976Kb / 58P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
Rev. 1.2
SI5334 SKYWORKS-SI5334 Datasheet
1Mb / 37P
   PIN-CONTROLLED ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
Rev. 1.3
SI5341 SKYWORKS-SI5341 Datasheet
1Mb / 49P
   Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
Rev. 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com