전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Si5345D-D-GM 데이터시트(PDF) 1 Page - Silicon Laboratories

부품명 Si5345D-D-GM
상세설명  10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si5345D-D-GM 데이터시트(HTML) 1 Page - Silicon Laboratories

  Si5345D-D-GM Datasheet HTML 1Page - Silicon Laboratories Si5345D-D-GM Datasheet HTML 2Page - Silicon Laboratories Si5345D-D-GM Datasheet HTML 3Page - Silicon Laboratories Si5345D-D-GM Datasheet HTML 4Page - Silicon Laboratories Si5345D-D-GM Datasheet HTML 5Page - Silicon Laboratories Si5345D-D-GM Datasheet HTML 6Page - Silicon Laboratories Si5345D-D-GM Datasheet HTML 7Page - Silicon Laboratories Si5345D-D-GM Datasheet HTML 8Page - Silicon Laboratories Si5345D-D-GM Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
Si5345/44/42 Rev D Data Sheet
10-Channel, Any-Frequency, Any-Output Jitter Attenuator/
Clock Multiplier
These jitter attenuating clock multipliers combine fourth-generation DSPLLand
MultiSynthtechnologies to enable any-frequency clock generation and jitter attenu-
ation for applications requiring the highest level of jitter performance. These devices
are programmable via a serial interface with in-circuit programmable non-volatile
memory (NVM) so they always power up with a known frequency configuration. They
support free-run, synchronous, and holdover modes of operation, and offer both au-
tomatic and manual input clock switching. The loop filter is fully integrated on-chip,
eliminating the risk of noise coupling associated with discrete solutions. Furthermore,
the jitter attenuation bandwidth is digitally programmable, providing jitter perform-
ance optimization at the application level. Programming the Si5345/44/42 is easy
with Silicon Labs’ ClockBuilder Pro™ software. Factory preprogrammed devices are
also available.
Applications:
• OTN muxponders and transponders
• 10/40/100 G networking line cards
• GbE/10 GbE/100 GbE Synchronous Ethernet (ITU-T G.8262)
• Carrier Ethernet switches
• SONET/SDH line cards
• Broadcast video
• Test and measurement
• ITU-T G.8262 (SyncE) compliant
KEY FEATURES
• Generates any combination of output
frequencies from any input frequency
• Ultra-low jitter of 90 fs rms
• External Crystal: 25 to 54 MHz
• Input frequency range
• Differential: 8 kHz to 750 MHz
• LVCMOS: 8 kHz to 250 MHz
• Output frequency range
• Differential: 100 Hz to 1028 MHz
• LVCMOS: 100 Hz to 250 MHz
• Meets G.8262 EEC Option 1, 2 (SyncE)
• Highly configurable outputs compatible with
LVDS, LVPECL, LVCMOS, CML, and HCSL
with programmable signal amplitude
• Si5345: 4 input, 10 output, 64-QFN 9×9 mm
• Si5344: 4 input, 4 output, 44-QFN 7×7 mm
• Si5342: 4 input, 2 output, 44-QFN 7×7 mm
Up to 10
Output Clocks
I2C / SPI
Control
NVM
Status Flags
Status Monitor
XB
XA
25-54 MHz XTAL
OSC
MultiSynth
MultiSynth
MultiSynth
MultiSynth
MultiSynth
÷INT
÷INT
÷INT
DSPLL
÷INT
4 Input
Clocks
IN0
IN1
IN2
IN3/FB_IN
OUT7
OUT6
OUT5
OUT1
OUT4
OUT3
OUT2
OUT0
÷INT
÷INT
÷INT
÷INT
÷INT
÷INT
÷INT
÷INT
OUT9
OUT8
÷INT
÷INT
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0


유사한 부품 번호 - Si5345D-D-GM

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SI5345D-D-GM1 SKYWORKS-SI5345D-D-GM1 Datasheet
976Kb / 58P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
Rev. 1.2
More results

유사한 설명 - Si5345D-D-GM

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI5345 SILABS-SI5345 Datasheet
1Mb / 62P
   10-CHANNEL, ANY-FREQUENCY, ANY-OUTPUT JITTER ATTENUATOR/CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5345 SKYWORKS-SI5345 Datasheet
976Kb / 58P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
Rev. 1.2
SI5395 SKYWORKS-SI5395 Datasheet
1Mb / 61P
   12-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier with Ultra-Low Jitter
Rev. 1.2
logo
Silicon Laboratories
SI5369 SILABS-SI5369 Datasheet
518Kb / 84P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5368 SKYWORKS-SI5368 Datasheet
824Kb / 92P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5324C-C-GM SILABS-SI5324C-C-GM Datasheet
518Kb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
SI5327 SILABS-SI5327 Datasheet
1Mb / 60P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5319 SKYWORKS-SI5319 Datasheet
1Mb / 50P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5327 SKYWORKS-SI5327 Datasheet
1Mb / 60P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5326 SKYWORKS-SI5326 Datasheet
550Kb / 71P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com