전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP320C6205GHK120 데이터시트(PDF) 4 Page - Texas Instruments

부품명 TMP320C6205GHK120
상세설명  FIXED-POINT DIGITAL SIGNAL PROCESSOR
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TMP320C6205GHK120 데이터시트(HTML) 4 Page - Texas Instruments

  TMP320C6205GHK120 Datasheet HTML 1Page - Texas Instruments TMP320C6205GHK120 Datasheet HTML 2Page - Texas Instruments TMP320C6205GHK120 Datasheet HTML 3Page - Texas Instruments TMP320C6205GHK120 Datasheet HTML 4Page - Texas Instruments TMP320C6205GHK120 Datasheet HTML 5Page - Texas Instruments TMP320C6205GHK120 Datasheet HTML 6Page - Texas Instruments TMP320C6205GHK120 Datasheet HTML 7Page - Texas Instruments TMP320C6205GHK120 Datasheet HTML 8Page - Texas Instruments TMP320C6205GHK120 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 70 page
background image
TMS320C6205
FIXED-POINT DIGITAL SIGNAL PROCESSOR
SPRS106E − OCTOBER 1999 − REVISED MARCH 2004
4
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
description
The TMS320C62x DSPs (including the TMS320C6205 device) compose the fixed-point DSP generation in
the TMS320C6000 DSP platform. The TMS320C6205 (C6205) device is based on the high-performance,
advanced VelociTI very-long-instruction-word (VLIW) architecture developed by Texas Instruments (TI),
making the C6205 an excellent choice for multichannel and multifunction applications.
With performance of up to 1600 million instructions per second (MIPS) at a clock rate of 200 MHz, the C6205
offers cost-effective solutions to high-performance DSP-programming challenges. The C6205 DSP possesses
the operational flexibility of high-speed controllers and the numerical capability of array processors. This
processor has 32 general-purpose registers of 32-bit word length and eight highly independent functional units.
The eight functional units provide six arithmetic logic units (ALUs) for a high degree of parallelism and two 16-bit
multipliers for a 32-bit result. The C6205 can produce two multiply-accumulates (MACs) per cycle for a total of
400 million MACs per second (MMACS). The C6205 DSP also has application-specific hardware logic, on-chip
memory, and additional on-chip peripherals.
The C6205 includes a large bank of on-chip memory and has a powerful and diverse set of peripherals. Program
memory consists of a 64K-byte block that is user-configurable as cache or memory-mapped program space.
Data memory consists of two 32K-byte blocks of RAM. The peripheral set includes two multichannel buffered
serial ports (McBSPs), two general-purpose timers, a peripheral component interconnect (PCI) module that
supports 33-MHz master/slave interface and 4-wire serial EEPROM interface, and a glueless external memory
interface (EMIF) capable of interfacing to SDRAM or SBSRAM and asynchronous peripherals.
The C6205 has a complete set of development tools which includes: a new C compiler, an assembly optimizer
to simplify programming and scheduling, and a Windows debugger interface for visibility into source code
execution.
TMS320C6000 is a trademark of Texas Instruments.
Windows is a registered trademark of Microsoft Corporation.


유사한 부품 번호 - TMP320C6205GHK120

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP320C6205GHK200 TI-TMP320C6205GHK200 Datasheet
1Mb / 72P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMP320C6205GHKA200 TI-TMP320C6205GHKA200 Datasheet
1Mb / 72P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results

유사한 설명 - TMP320C6205GHK120

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6201-EP TI1-SM320C6201-EP Datasheet
876Kb / 59P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com