전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FP5ZC12 데이터시트(PDF) 1 Page - GOOD-ARK Electronics

부품명 FP5ZC12
상세설명  Surface Mount Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GOOD-ARK [GOOD-ARK Electronics]
홈페이지  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

FP5ZC12 데이터시트(HTML) 1 Page - GOOD-ARK Electronics

  FP5ZC12 Datasheet HTML 1Page - GOOD-ARK Electronics FP5ZC12 Datasheet HTML 2Page - GOOD-ARK Electronics FP5ZC12 Datasheet HTML 3Page - GOOD-ARK Electronics FP5ZC12 Datasheet HTML 4Page - GOOD-ARK Electronics FP5ZC12 Datasheet HTML 5Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FP5ZC8V2 thru FP5ZC200
Surface Mount Zener Diodes
Vz Range:8.2 to 200V Power Dissipation:0.5W
www.goodark.com
1/5
2014.12-Rev.B
Features
• Toal power dissipation:max,500mW
• Low leakage current
• Moisture sensitivity: level 1 per J STD 020
• Moisture sensitivity: level 1, per J-STD-020
• Solder dip 260 °C, 10 s
• Low profile, typical thickness 1.0mm
• For use in stabilizing and clipping circuits with high power rating
Maximum Ratings and Thermal Characteristics
eSGA
(SOD‐123FL)
Maximum Ratings and Thermal Characteristics
(TA = 25 °C unless otherwise noted)
Parameter
Value
See Next Table
500
Symbol
Zener current
Power dissipation
Ptot
Unit
mW
N t 1) Th th
l
i t
f
j
ti
t
bi t
t
t d
P C B ith 5 5
d 2 OZ FR4 PCB
Operating junction and
storage temperature range
Maximum instantaneous
forward voltage at 200mA
Thermal resistance junction to
ambient air
1.2
90
-65 to +175
TJ, TSTG
p
VF
Rthja
V
℃/W
Note:1),The thermal resistance from junction to ambient,case or mount,mounted on P.C.B with 5×5mm copper pads,2 OZ,FR4 PCB
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Test
current
Reverse
current
Reverse
voltage
IZT
ZZK
IZK
IR(Ma )
VR
Part
Number
VZ /V
Temp
Coefficient of
zener
Dynamic
resistance
Zener voltage
Marking
Code
IZT
ZZK
IZK
IR(Max)
VR
Vz(MIN) Vz(NOR) Vz(MAX)
m A
m A
µAdc
V
%/k
FP5ZC8V2
4Z
7.7
8.2
8.7
5
30
5
5
5
0.03...0.08
FP5ZC9V1
5A
8.5
9.1
9.6
5
30
5
5
6
0.03...0.09
FP5ZC10
5B
9.4
10
10.6
5
30
5
5
7
0.03...0.1
FP5ZC11
5C
10.4
11
11.6
5
30
5
5
8
0.03...0.11
Number
VZ /V
voltage,TKvz
Code
FP5ZC12
5D
11.4
12
12.7
5
35
5
5
9
0.03...0.11
FP5ZC13
5E
12.4
13
14.1
5
35
5
5
10
0.03...0.11
www.goodark.com
1/5
2014.12-Rev.B


유사한 부품 번호 - FP5ZC12

제조업체부품명데이터시트상세설명
logo
GOOD-ARK Electronics
FP5ZC2V2 GOOD-ARK-FP5ZC2V2_15 Datasheet
216Kb / 5P
   Surface Mount Zener Diodes Vz Range:8.2 to 200V Power Dissipation:0.5W
More results

유사한 설명 - FP5ZC12

제조업체부품명데이터시트상세설명
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com