전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FP5ZC39 데이터시트(PDF) 3 Page - GOOD-ARK Electronics

부품명 FP5ZC39
상세설명  Surface Mount Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GOOD-ARK [GOOD-ARK Electronics]
홈페이지  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

FP5ZC39 데이터시트(HTML) 3 Page - GOOD-ARK Electronics

  FP5ZC39 Datasheet HTML 1Page - GOOD-ARK Electronics FP5ZC39 Datasheet HTML 2Page - GOOD-ARK Electronics FP5ZC39 Datasheet HTML 3Page - GOOD-ARK Electronics FP5ZC39 Datasheet HTML 4Page - GOOD-ARK Electronics FP5ZC39 Datasheet HTML 5Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FP5ZC8V2 thru FP5ZC200
Surface Mount Zener Diodes
Vz Range:8.2 to 200V Power Dissipation:0.5W
www.goodark.com
3/5
2014.12-Rev.B
Ratings and Characteristics Curves
(TA = 25℃ unless otherwise noted)
Figure 1. Typical Zener Voltage 
Figure 2. Steady State POWER Derating
Figure 3. Typical Instantaneous Forward 
Characteristics 
Figure 4. Typical Zener Impedance 
Figure 5. Typical Junction Capacitance
www.goodark.com
3/5
2014.12-Rev.B


유사한 부품 번호 - FP5ZC39

제조업체부품명데이터시트상세설명
logo
GOOD-ARK Electronics
FP5ZC2V2 GOOD-ARK-FP5ZC2V2_15 Datasheet
216Kb / 5P
   Surface Mount Zener Diodes Vz Range:8.2 to 200V Power Dissipation:0.5W
More results

유사한 설명 - FP5ZC39

제조업체부품명데이터시트상세설명
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com