전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM4562C 데이터시트(PDF) 5 Page - Analog Power

부품명 AM4562C
상세설명  N & P-Channel 60-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANALOGPOWER [Analog Power]
홈페이지  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM4562C 데이터시트(HTML) 5 Page - Analog Power

  AM4562C Datasheet HTML 1Page - Analog Power AM4562C Datasheet HTML 2Page - Analog Power AM4562C Datasheet HTML 3Page - Analog Power AM4562C Datasheet HTML 4Page - Analog Power AM4562C Datasheet HTML 5Page - Analog Power AM4562C Datasheet HTML 6Page - Analog Power AM4562C Datasheet HTML 7Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Analog Power
AM4562C
1. On-Resistance vs. Drain Current
2. Transfer Characteristics
3. On-Resistance vs. Gate-to-Source Voltage
4. Drain-to-Source Forward Voltage
5. Output Characteristics
6. Capacitance
Typical Electrical Characteristics - P-channel
1000
0
0.02
0.04
0.06
0.08
0.1
0
1
2
3
4
5
ID-Drain Current (A)
4V
4.5V,6V,8V,10V
3.5V
0
1
2
3
4
5
0
0.1
0.2
0.3
VDS - Drain-to-Source Voltage (V)
10V,8V,6V,4.5
3.5V
4V
0
0.05
0.1
0.15
0.2
0.25
0.3
0
2
4
6
8
10
VGS - Gate-to-Source Voltage (V)
TJ = 25°C
0
1
2
3
4
5
0
1
2
3
4
5
VGS - Gate-to-Source Voltage (V)
TJ = 25°C
0.01
0.1
1
10
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
VSD - Source-to-Drain Voltage (V)
TJ = 25°C
0
500
1000
1500
2000
2500
3000
0
5
10
15
20
VDS-Drain-to-Source Voltage (V)
Ciss
Coss
Crss
F = 1MHz
ID = -3.3A
© Preliminary
5
Publication Order Number:
DS_AM4562C_1A


유사한 부품 번호 - AM4562C

제조업체부품명데이터시트상세설명
logo
Analog Power
AM4560C ANALOGPOWER-AM4560C Datasheet
477Kb / 7P
   N & P-Channel 60-V (D-S) MOSFET
More results

유사한 설명 - AM4562C

제조업체부품명데이터시트상세설명
logo
Analog Power
AM4560C ANALOGPOWER-AM4560C Datasheet
477Kb / 7P
   N & P-Channel 60-V (D-S) MOSFET
logo
ACE Technology Co., LTD...
ACE4562M ACE-ACE4562M Datasheet
1Mb / 9P
   N & P-Channel 60-V (D-S) MOSFET
VER 1.1
logo
Analog Power
AM7560C ANALOGPOWER-AM7560C Datasheet
376Kb / 7P
   N & P-Channel 60-V (D-S) MOSFET
AM4599C ANALOGPOWER-AM4599C Datasheet
494Kb / 7P
   N & P-Channel 60-V (D-S) MOSFET
AM3560C ANALOGPOWER-AM3560C Datasheet
497Kb / 7P
   N & P-Channel 60-V (D-S) MOSFET
AMD560C ANALOGPOWER-AMD560C Datasheet
389Kb / 7P
   N & P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI4559ADY VISHAY-SI4559ADY_09 Datasheet
275Kb / 15P
   N- and P-Channel 60-V (D-S) MOSFET
Rev. B, 09-Mar-09
logo
VBsemi Electronics Co.,...
IRF7343TRPBF VBSEMI-IRF7343TRPBF Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
UTM4052L-S08-R VBSEMI-UTM4052L-S08-R Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
P3304QV VBSEMI-P3304QV Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com