전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BZX83C16RL 데이터시트(PDF) 6 Page - Motorola, Inc

부품명 BZX83C16RL
상세설명  500 mW DO-35 Glass Zener Voltage Regulator Diodes
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BZX83C16RL 데이터시트(HTML) 6 Page - Motorola, Inc

Back Button BZX83C16RL Datasheet HTML 2Page - Motorola, Inc BZX83C16RL Datasheet HTML 3Page - Motorola, Inc BZX83C16RL Datasheet HTML 4Page - Motorola, Inc BZX83C16RL Datasheet HTML 5Page - Motorola, Inc BZX83C16RL Datasheet HTML 6Page - Motorola, Inc BZX83C16RL Datasheet HTML 7Page - Motorola, Inc BZX83C16RL Datasheet HTML 8Page - Motorola, Inc BZX83C16RL Datasheet HTML 9Page - Motorola, Inc BZX83C16RL Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
GENERAL DATA — 500 mW DO-35 GLASS
Motorola TVS/Zener Device Data
6-102
500 mW DO-35 Glass Data Sheet
Figure 13. Zener Voltage versus Zener Current — VZ = 30 thru 105 Volts
VZ, ZENER VOLTAGE (VOLTS)
10
1
0.1
0.01
30
35
40
45
50
55
60
70
75
80
85
90
95
100
Figure 14. Zener Voltage versus Zener Current — VZ = 110 thru 220 Volts
VZ, ZENER VOLTAGE (VOLTS)
110
120
130
140
150
160
170
180
190
200
210
220
230
240
250
260
10
1
0.1
0.01
TA =25°
65
105


유사한 부품 번호 - BZX83C16RL

제조업체부품명데이터시트상세설명
logo
Continental Device Indi...
BZX83C16 CDIL-BZX83C16 Datasheet
223Kb / 4P
   SILIICON PLANAR ZENER DIODES
logo
New Jersey Semi-Conduct...
BZX83C16 NJSEMI-BZX83C16 Datasheet
132Kb / 2P
   SILIICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX83C16 SEMTECH_ELEC-BZX83C16 Datasheet
162Kb / 2P
   SILICON EPITAXIAL PLANAR ZENER DIODES
21/06/2007
More results

유사한 설명 - BZX83C16RL

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MZ4625 MOTOROLA-MZ4625 Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
1N4370A MOTOROLA-1N4370A Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
logo
SeCoS Halbleitertechnol...
1N52XXB SECOS-1N52XXB Datasheet
122Kb / 2P
   500 mW , DO-35 Zener Diodes
logo
Microsemi Corporation
1N5518B MICROSEMI-1N5518B Datasheet
324Kb / 3P
   Low Voltage Avalanche 500 mW Zener Diodes DO-35
logo
Tak Cheong Electronics ...
TCZX2V0 TAK_CHEONG-TCZX2V0 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5985B TAK_CHEONG-TC1N5985B Datasheet
93Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC2V0 TAK_CHEONG-TC2V0 Datasheet
171Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCBZX79C2V0 TAK_CHEONG-TCBZX79C2V0 Datasheet
180Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N957B TAK_CHEONG-1N957B_10 Datasheet
295Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com