전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM317 데이터시트(PDF) 5 Page - ON Semiconductor

부품명 LM317
상세설명  1.5 A Adjustable Output, Positive Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM317 데이터시트(HTML) 5 Page - ON Semiconductor

  LM317_16 Datasheet HTML 1Page - ON Semiconductor LM317_16 Datasheet HTML 2Page - ON Semiconductor LM317_16 Datasheet HTML 3Page - ON Semiconductor LM317_16 Datasheet HTML 4Page - ON Semiconductor LM317_16 Datasheet HTML 5Page - ON Semiconductor LM317_16 Datasheet HTML 6Page - ON Semiconductor LM317_16 Datasheet HTML 7Page - ON Semiconductor LM317_16 Datasheet HTML 8Page - ON Semiconductor LM317_16 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LM317, NCV317
www.onsemi.com
5
Figure 7. Load Regulation
Figure 8. Current Limit
Figure 9. Adjustment Pin Current
Figure 10. Dropout Voltage
Figure 11. Temperature Stability
Figure 12. Minimum Operating Current
Vin = 15 V
Vout = 10 V
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
4.0
3.0
2.0
1.0
0
70
65
60
55
50
45
40
35
3.0
2.5
2.0
1.5
1.0
1.26
1.25
1.24
1.23
1.22
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (°C)
010
20
30
40
Vin-Vout, INPUT-OUTPUT VOLTAGE DIFFERENTIAL (Vdc)
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (°C)
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (°C)
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (°C)
010
20
30
40
Vin-Vout, INPUT-OUTPUT VOLTAGE DIFFERENTIAL (Vdc)
1.0 A
+150
°C
IL = 0.5 A
IL = 1.5 A
-55
°C
150
°C
TJ = 25°C
DVout = 100 mV
IL = 1.5 A
500 mA
200 mA
20 mA
+25
°C
TJ = -55°C


유사한 부품 번호 - LM317_16

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
[Old version datasheet]   3-Terminal Adjustable Regulator
More results

유사한 설명 - LM317_16

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LM317 ONSEMI-LM317_11 Datasheet
172Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
October, 2011 ??Rev. 12
LM317LB ONSEMI-LM317LB Datasheet
188Kb / 12P
   1.5 A Adjustable Output Positive Voltage Regulator
April, 2013 ??Rev. 13
LM317 ONSEMI-LM317 Datasheet
132Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
January, 2002 ??Rev. 3
NCP317BTG ONSEMI-NCP317BTG Datasheet
208Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
April, 2013 ??Rev. 13
NCV317 ONSEMI-NCV317 Datasheet
133Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
August, 2005 ??Rev. 8
logo
KODENSHI_AUK CORP.
SN317PI KODENSHI-SN317PI Datasheet
401Kb / 8P
   [ 1.5 A Adjustable Output ] Positive Voltage Regulator
logo
ON Semiconductor
LM317 ONSEMI-LM317_06 Datasheet
146Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
August, 2006 ??Rev. 9
LM337AT ONSEMI-LM337AT Datasheet
160Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
April, 2012 ??Rev. 9
LM337 ONSEMI-LM337_06 Datasheet
133Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
August, 2006 ??Rev. 6
LM337 ONSEMI-LM337_15 Datasheet
123Kb / 11P
   1.5 A, Adjustable Output Negative Voltage Regulator
January, 2015 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com