전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS51414EDR8G 데이터시트(PDF) 6 Page - ON Semiconductor

부품명 CS51414EDR8G
상세설명  Low Voltage Buck Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51414EDR8G 데이터시트(HTML) 6 Page - ON Semiconductor

Back Button CS51414EDR8G Datasheet HTML 2Page - ON Semiconductor CS51414EDR8G Datasheet HTML 3Page - ON Semiconductor CS51414EDR8G Datasheet HTML 4Page - ON Semiconductor CS51414EDR8G Datasheet HTML 5Page - ON Semiconductor CS51414EDR8G Datasheet HTML 6Page - ON Semiconductor CS51414EDR8G Datasheet HTML 7Page - ON Semiconductor CS51414EDR8G Datasheet HTML 8Page - ON Semiconductor CS51414EDR8G Datasheet HTML 9Page - ON Semiconductor CS51414EDR8G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
CS51411, CS51412, CS51413, CS51414
http://onsemi.com
6
VIN
BIAS
GND
VSW
BOOST
R
S
Q
1.270 V
VFB
+
+
+
+
+
+
+
Thermal
Shutdown
Oscillator
1.46 V
1.3 V
5.0 mA
Artificial
Ramp
Output
Driver
Current
Limit Com-
parator
Frequency
and Current
Limit Foldback
0.32 V
PWM Com-
parator
IFOLDBACK
IREF
Shutdown
Comparator
2.9 V LDO
Voltage
Regulator
SHDNB
SYNC
VC
Error
Amplifier
Figure 2. Block Diagram


유사한 부품 번호 - CS51414EDR8G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CS51414EDR8G ONSEMI-CS51414EDR8G Datasheet
252Kb / 20P
   1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
February, 2007 ??Rev. 17
CS51414EDR8G ONSEMI-CS51414EDR8G Datasheet
706Kb / 20P
   1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
September, 2007 - Rev. 18
More results

유사한 설명 - CS51414EDR8G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NCV97310 ONSEMI-NCV97310 Datasheet
240Kb / 25P
   3 Buck Regulators
September, 2015 ??Rev. 4
NCV97311 ONSEMI-NCV97311 Datasheet
240Kb / 25P
   3 Buck Regulators
September, 2015 ??Rev. 2
logo
Texas Instruments
TPS7101Q TI-TPS7101Q_08 Datasheet
858Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL75LP05 TI1-TL75LP05 Datasheet
237Kb / 15P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q Datasheet
541Kb / 33P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01Q TI-TPS71H01Q Datasheet
634Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750L TI-TL750L Datasheet
124Kb / 18P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_07 Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750M TI-TL750M_08 Datasheet
812Kb / 22P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
   LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com