전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSF12N60F 데이터시트(PDF) 2 Page - GOOD-ARK Electronics

부품명 SSF12N60F
상세설명  600V N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GOOD-ARK [GOOD-ARK Electronics]
홈페이지  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF12N60F 데이터시트(HTML) 2 Page - GOOD-ARK Electronics

  SSF12N60F Datasheet HTML 1Page - GOOD-ARK Electronics SSF12N60F Datasheet HTML 2Page - GOOD-ARK Electronics SSF12N60F Datasheet HTML 3Page - GOOD-ARK Electronics SSF12N60F Datasheet HTML 4Page - GOOD-ARK Electronics SSF12N60F Datasheet HTML 5Page - GOOD-ARK Electronics SSF12N60F Datasheet HTML 6Page - GOOD-ARK Electronics SSF12N60F Datasheet HTML 7Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SSF12N60F
600V N-Channel MOSFET
www.goodark.com
Page 2 of 7
Rev.1.1
Thermal Resistance
Symbol
Characteristics
Typ.
Max.
Units
RθJC
Junction-to-case③
2.5
℃/W
Junction-to-ambient (t ≤ 10s)
62
℃/W
RθJA
Junction-to-Ambient (PCB mounted, steady-state)
40
℃/W
Electrical Characteristics @TA=25℃ unless otherwise specified
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
V(BR)DSS
Drain-to-Source breakdown voltage
600
V
VGS = 0V, ID = 250μA
0.55
0.7
VGS=10V,ID = 6A
RDS(on)
Static Drain-to-Source on-resistance
1.25
Ω
TJ = 125℃
2
4
VDS = VGS, ID = 250μA
VGS(th)
Gate threshold voltage
1.84
V
TJ = 125℃
1
VDS = 600V,VGS = 0V
IDSS
Drain-to-Source leakage current
50
μA
TJ = 125℃
100
VGS =30V
IGSS
Gate-to-Source forward leakage
-100
nA
VGS = -30V
Qg
Total gate charge
55.1
Qgs
Gate-to-Source charge
10.4
Qgd
Gate-to-Drain("Miller") charge
19.9
nC
ID = 10A,
VDS=400V,
VGS = 10V
td(on)
Turn-on delay time
40.6
tr
Rise time
37.8
td(off)
Turn-Off delay time
349
tf
Fall time
72.5
nS
VGS=10V, VDS =200V,
RL=40Ω,
RGEN=50Ω
ID =5A
Ciss
Input capacitance
2151
Coss
Output capacitance
184
Crss
Reverse transfer capacitance
8.1
pF
VGS = 0V
VDS = 25V
ƒ = 1MHz
Source-Drain Ratings and Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
IS
Continuous Source Current
(Body Diode)
12
A
ISM
Pulsed Source Current
(Body Diode)
48
A
MOSFET symbol
showing
the
integral reverse
p-n junction diode.
V
SD
Diode Forward Voltage
0.88
1.4
V
IS=12A, VGS=0V
trr
Reverse Recovery Time
586
nS
Qrr
Reverse Recovery Charge
5122
nC
TJ = 25°C, IF =10A, di/dt =
100A/μs


유사한 부품 번호 - SSF12N60F

제조업체부품명데이터시트상세설명
logo
Silikron Semiconductor ...
SSF12N60F SILIKRON-SSF12N60F Datasheet
542Kb / 8P
   Advanced Process Technology
logo
GOOD-ARK Electronics
SSF12N60F GOOD-ARK-SSF12N60F_15 Datasheet
1Mb / 7P
   600V N-Channel MOSFET
More results

유사한 설명 - SSF12N60F

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQB3N60 FAIRCHILD-FQB3N60 Datasheet
581Kb / 9P
   600V N-Channel MOSFET
FCB11N60F FAIRCHILD-FCB11N60F Datasheet
1,004Kb / 8P
   600V N-Channel MOSFET
FCH47N60F_0605 FAIRCHILD-FCH47N60F_0605 Datasheet
978Kb / 8P
   600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
   600V N-Channel MOSFET
FQAF7N60 FAIRCHILD-FQAF7N60 Datasheet
578Kb / 8P
   600V N-Channel MOSFET
FCI7N60 FAIRCHILD-FCI7N60 Datasheet
951Kb / 8P
   600V N-Channel MOSFET
FCP16N60 FAIRCHILD-FCP16N60 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FCD5N60 FAIRCHILD-FCD5N60 Datasheet
947Kb / 9P
   600V N-Channel MOSFET
FQB3N60C FAIRCHILD-FQB3N60C Datasheet
753Kb / 8P
   600V N-Channel MOSFET
FQP3N60C FAIRCHILD-FQP3N60C Datasheet
738Kb / 8P
   600V N-Channel MOSFET
FCP260N60E FAIRCHILD-FCP260N60E Datasheet
283Kb / 10P
   600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com