전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDD8896 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 FDD8896
상세설명  N-Channel PowerTrench MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD8896 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  FDD8896 Datasheet HTML 1Page - Fairchild Semiconductor FDD8896 Datasheet HTML 2Page - Fairchild Semiconductor FDD8896 Datasheet HTML 3Page - Fairchild Semiconductor FDD8896 Datasheet HTML 4Page - Fairchild Semiconductor FDD8896 Datasheet HTML 5Page - Fairchild Semiconductor FDD8896 Datasheet HTML 6Page - Fairchild Semiconductor FDD8896 Datasheet HTML 7Page - Fairchild Semiconductor FDD8896 Datasheet HTML 8Page - Fairchild Semiconductor FDD8896 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
©2004 Fairchild Semiconductor Corporation
FDD8896 / FDU8896 Rev. C
Figure 5. Forward Bias Safe Operating Area
NOTE: Refer to Fairchild Application Notes AN7514 and AN7515
Figure 6. Unclamped Inductive Switching
Capability
Figure 7. Transfer Characteristics
Figure 8. Saturation Characteristics
Figure 9. Drain to Source On Resistance vs Gate
Voltage and Drain Current
Figure 10. Normalized Drain to Source On
Resistance vs Junction Temperature
Typical Characteristics T
C = 25°C unless otherwise noted
0.1
1
10
100
1000
1
10
60
VDS, DRAIN TO SOURCE VOLTAGE (V)
TJ = MAX RATED
TC = 25
oC
SINGLE PULSE
LIMITED BY rDS(ON)
AREA MAY BE
OPERATION IN THIS
10
µs
1ms
DC
100
µs
10ms
1
10
100
0.01
0.1
1
10
100
500
tAV, TIME IN AVALANCHE (ms)
STARTING TJ = 25
oC
STARTING TJ = 150
oC
tAV = (L)(IAS)/(1.3*RATED BVDSS - V DD)
If R = 0
If R
≠ 0
tAV = (L/R)ln[(IAS*R)/(1.3*RATED BV DSS - VDD) +1]
0
20
40
60
80
100
1.5
2.0
2.5
3.0
3.5
VGS , GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VDD = 15V
TJ = 175
oC
TJ = 25
oC
TJ = -55
oC
0
20
40
60
80
100
0
0.2
0.4
0.6
0.8
VDS, DRAIN TO SOURCE VOLTAGE (V)
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
TC = 25
oC
VGS = 10V
VGS = 4V
VGS = 2.5V
VGS = 5V
VGS = 3V
4
6
8
10
12
14
2
4
6
8
10
I D = 1A
VGS , GATE TO SOURCE VOLTAGE (V)
ID = 35A
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
0.6
0.8
1.0
1.2
1.4
1.6
-80
-40
0
40
80
120
160
200
TJ, JUNCTION TEMPERATURE (
oC)
VGS = 10V, ID = 35A
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX


유사한 부품 번호 - FDD8896

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDD8896 FAIRCHILD-FDD8896 Datasheet
622Kb / 11P
   N-Channel PowerTrench짰 MOSFET
logo
VBsemi Electronics Co.,...
FDD8896 VBSEMI-FDD8896 Datasheet
1,011Kb / 7P
   N-Channel 30-V (D-S) MOSFET
logo
Inchange Semiconductor ...
FDD8896 ISC-FDD8896 Datasheet
353Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Guangdong Youtai Semico...
FDD8896 UMW-FDD8896 Datasheet
651Kb / 7P
   30V N-Channel MOSFET
logo
ON Semiconductor
FDD8896-F085 ONSEMI-FDD8896-F085 Datasheet
553Kb / 12P
   N-Channel PowerTrench® MOSFET 30V, 94A, 5.7mΩ
September2017, Rev. 3
More results

유사한 설명 - FDD8896

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDD5680 FAIRCHILD-FDD5680 Datasheet
83Kb / 4P
   N-Channel, PowerTrench??MOSFET
FDD20AN06_F085 FAIRCHILD-FDD20AN06_F085 Datasheet
325Kb / 11P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDD86369 ONSEMI-FDD86369 Datasheet
1Mb / 8P
   N-Channel PowerTrench MOSFET
January, 2017, Rev. 1.0
logo
Fairchild Semiconductor
FDMS86152 FAIRCHILD-FDMS86152 Datasheet
258Kb / 7P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDWS86380_F085 ONSEMI-FDWS86380_F085 Datasheet
528Kb / 8P
   N-Channel PowerTrench MOSFET
December, 2016, Rev. 1.0
logo
Fairchild Semiconductor
FDP8876 FAIRCHILD-FDP8876 Datasheet
303Kb / 6P
   N-Channel PowerTrench MOSFET
FDB8441 FAIRCHILD-FDB8441 Datasheet
307Kb / 7P
   N-Channel PowerTrench MOSFET
FDD13AN06A0 FAIRCHILD-FDD13AN06A0 Datasheet
281Kb / 11P
   N-Channel PowerTrench MOSFET
FDP8874 FAIRCHILD-FDP8874 Datasheet
264Kb / 10P
   N-Channel PowerTrench MOSFET
FDS8984 FAIRCHILD-FDS8984_10 Datasheet
446Kb / 6P
   N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com