전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BZX79C51 데이터시트(PDF) 7 Page - Motorola, Inc

부품명 BZX79C51
상세설명  500 mW DO-35 Glass Zener Voltage Regulator Diodes
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BZX79C51 데이터시트(HTML) 7 Page - Motorola, Inc

Back Button BZX79C51 Datasheet HTML 3Page - Motorola, Inc BZX79C51 Datasheet HTML 4Page - Motorola, Inc BZX79C51 Datasheet HTML 5Page - Motorola, Inc BZX79C51 Datasheet HTML 6Page - Motorola, Inc BZX79C51 Datasheet HTML 7Page - Motorola, Inc BZX79C51 Datasheet HTML 8Page - Motorola, Inc BZX79C51 Datasheet HTML 9Page - Motorola, Inc BZX79C51 Datasheet HTML 10Page - Motorola, Inc BZX79C51 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
GENERAL DATA — 500 mW DO-35 GLASS
Motorola TVS/Zener Device Data
6-103
500 mW DO-35 Glass Data Sheet
ELECTRICAL CHARACTERISTICS (TA = 25°C, VF = 1.5 V Max at 200 mA for all types)
T
Nominal
Zener Voltage
Test
Maximum Zener Impedance
Maximum
DC Zener Current
Maximum Reverse Leakage Current
Type
Number
(Note 1)
Zener Voltage
VZ @ IZT
(Note 2)
Volts
Test
Current
IZT
mA
Maximum Zener Impedance
ZZT @ IZT
(Note 3)
Ohms
DC Zener Current
IZM
(Note 4)
mA
TA = 25°C
IR @ VR = 1 V
µA
TA = 150°C
IR @ VR = 1 V
µA
1N4370A
2.4
20
30
150
100
200
1N4371A
2.7
20
30
135
75
150
1N4372A
3
20
29
120
50
100
1N746A
3.3
20
28
110
10
30
1N747A
3.6
20
24
100
10
30
1N748A
3.9
20
23
95
10
30
1N749A
4.3
20
22
85
2
30
1N750A
4.7
20
19
75
2
30
1N751A
5.1
20
17
70
1
20
1N752A
5.6
20
11
65
1
20
1N753A
6.2
20
7
60
0.1
20
1N754A
6.8
20
5
55
0.1
20
1N755A
7.5
20
6
50
0.1
20
1N756A
8.2
20
8
45
0.1
20
1N757A
9.1
20
10
40
0.1
20
1N758A
10
20
17
35
0.1
20
1N759A
12
20
30
30
0.1
20
Type
Nominal
Zener Voltage
VZ
Test
Current
Maximum Zener Impedance
(Note 3)
Maximum
DC Zener Current
IZM
Maximum Reverse Current
Type
Number
(Note 1)
VZ
(Note 2)
Volts
Current
IZT
mA
ZZT @ IZT
Ohms
ZZK @ IZK
Ohms
IZK
mA
IZM
(Note 4)
mA
IR Maximum
µA
Test Voltage Vdc
VR
1N957B
6.8
18.5
4.5
700
1
47
150
5.2
1N958B
7.5
16.5
5.5
700
0.5
42
75
5.7
1N959B
8.2
15
6.5
700
0.5
38
50
6.2
1N960B
9.1
14
7.5
700
0.5
35
25
6.9
1N961B
10
12.5
8.5
700
0.25
32
10
7.6
1N962B
11
11.5
9.5
700
0.25
28
5
8.4
1N963B
12
10.5
11.5
700
0.25
26
5
9.1
1N964B
13
9.5
13
700
0.25
24
5
9.9
1N965B
15
8.5
16
700
0.25
21
5
11.4
1N966B
16
7.8
17
700
0.25
19
5
12.2
1N967B
18
7
21
750
0.25
17
5
13.7
1N968B
20
6.2
25
750
0.25
15
5
15.2
1N969B
22
5.6
29
750
0.25
14
5
16.7
1N970B
24
5.2
33
750
0.25
13
5
18.2
1N971B
27
4.6
41
750
0.25
11
5
20.6
1N972B
30
4.2
49
1000
0.25
10
5
22.8
1N973B
33
3.8
58
1000
0.25
9.2
5
25.1
1N974B
36
3.4
70
1000
0.25
8.5
5
27.4
1N975B
39
3.2
80
1000
0.25
7.8
5
29.7
1N976B
43
3
93
1500
0.25
7
5
32.7
1N977B
47
2.7
105
1500
0.25
6.4
5
35.8
1N978B
51
2.5
125
1500
0.25
5.9
5
38.8
1N979B
56
2.2
150
2000
0.25
5.4
5
42.6
1N980B
62
2
185
2000
0.25
4.9
5
47.1


유사한 부품 번호 - BZX79C51

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
BZX79C51 FAIRCHILD-BZX79C51 Datasheet
47Kb / 5P
   Zeners
logo
New Jersey Semi-Conduct...
BZX79C51 NJSEMI-BZX79C51 Datasheet
132Kb / 2P
   ZENER DIODES
logo
EIC discrete Semiconduc...
BZX79C51 EIC-BZX79C51 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Taiwan Semiconductor Co...
BZX79C51 TSC-BZX79C51 Datasheet
239Kb / 5P
   5% Tolerance Zener Diode
logo
First Components Intern...
BZX79C51 FCI-BZX79C51 Datasheet
96Kb / 2P
   1/2 Watt ZENER DIODES (2.4V to 75V)
More results

유사한 설명 - BZX79C51

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MZ4625 MOTOROLA-MZ4625 Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
1N4370A MOTOROLA-1N4370A Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
logo
SeCoS Halbleitertechnol...
1N52XXB SECOS-1N52XXB Datasheet
122Kb / 2P
   500 mW , DO-35 Zener Diodes
logo
Microsemi Corporation
1N5518B MICROSEMI-1N5518B Datasheet
324Kb / 3P
   Low Voltage Avalanche 500 mW Zener Diodes DO-35
logo
Tak Cheong Electronics ...
TCZX2V0 TAK_CHEONG-TCZX2V0 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5985B TAK_CHEONG-TC1N5985B Datasheet
93Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC2V0 TAK_CHEONG-TC2V0 Datasheet
171Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCBZX79C2V0 TAK_CHEONG-TCBZX79C2V0 Datasheet
180Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N957B TAK_CHEONG-1N957B_10 Datasheet
295Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com