전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSF2N60F 데이터시트(PDF) 6 Page - GOOD-ARK Electronics

부품명 SSF2N60F
상세설명  600V N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GOOD-ARK [GOOD-ARK Electronics]
홈페이지  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF2N60F 데이터시트(HTML) 6 Page - GOOD-ARK Electronics

  SSF2N60F Datasheet HTML 1Page - GOOD-ARK Electronics SSF2N60F Datasheet HTML 2Page - GOOD-ARK Electronics SSF2N60F Datasheet HTML 3Page - GOOD-ARK Electronics SSF2N60F Datasheet HTML 4Page - GOOD-ARK Electronics SSF2N60F Datasheet HTML 5Page - GOOD-ARK Electronics SSF2N60F Datasheet HTML 6Page - GOOD-ARK Electronics SSF2N60F Datasheet HTML 7Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SSF2N60F
600V N-Channel MOSFET
www.goodark.com
Page 6 of 7
Rev.1.1
Mechanical Data
Min
Nom
Max
Min
Nom
Max
E
9.960
10.160
10.360
0.392
0.400
0.408
E1
9.840
10.040
10.240
0.387
0.395
0.403
E2
6.800
7.000
7.200
0.268
0.276
0.283
A
4.600
4.700
4.800
0.181
0.185
0.189
A1
2.440
2.540
2.640
0.096
0.100
0.104
A2
2.660
2.760
2.860
0.105
0.109
0.113
A3
0.600
0.700
0.800
0.024
0.028
0.031
c
-
0.500
-
-
0.020
-
D
15.780
15.870
15.980
0.621
0.625
0.629
D1
8.970
9.170
9.370
0.353
0.361
0.369
H1
6.500
6.700
6.800
0.256
0.264
0.268
e
ФP
3.080
3.180
3.280
0.121
0.125
0.129
ФP 1
1.400
1.500
1.600
0.055
0.059
0.063
ФP 2
0.900
1.000
1.100
0.035
0.039
0.043
ФP 3
0.100
0.200
0.300
0.004
0.008
0.012
L
12.780
12.980
13.180
0.503
0.511
0.519
L1
2.970
3.170
3.370
0.117
0.125
0.133
L2
0.830
0.930
1.030
0.033
0.037
0.041
Q 1
3
o
5
o
7
o
3
o
5
o
7
o
Q 2
43
o
45
o
47
o
43
o
45
o
47
o
b1
1.180
1.280
1.380
0.046
0.050
0.054
b2
0.760
0.800
0.840
0.030
0.031
0.033
b3
-
-
1.420
-
-
0.056
Symbol
Dimension In Millimeters
Dimension In Inches
2.54BSC
0.10BSC
TO220F PACKAGE OUTLINE DIMENSION_GN


유사한 부품 번호 - SSF2N60F

제조업체부품명데이터시트상세설명
logo
Silikron Semiconductor ...
SSF2N60F SILIKRON-SSF2N60F Datasheet
534Kb / 8P
   Main Product Characteristics
logo
GOOD-ARK Electronics
SSF2N60F GOOD-ARK-SSF2N60F_15 Datasheet
1Mb / 7P
   600V N-Channel MOSFET
More results

유사한 설명 - SSF2N60F

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQB3N60 FAIRCHILD-FQB3N60 Datasheet
581Kb / 9P
   600V N-Channel MOSFET
FCB11N60F FAIRCHILD-FCB11N60F Datasheet
1,004Kb / 8P
   600V N-Channel MOSFET
FCH47N60F_0605 FAIRCHILD-FCH47N60F_0605 Datasheet
978Kb / 8P
   600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
   600V N-Channel MOSFET
FQAF7N60 FAIRCHILD-FQAF7N60 Datasheet
578Kb / 8P
   600V N-Channel MOSFET
FCI7N60 FAIRCHILD-FCI7N60 Datasheet
951Kb / 8P
   600V N-Channel MOSFET
FCP16N60 FAIRCHILD-FCP16N60 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FCD5N60 FAIRCHILD-FCD5N60 Datasheet
947Kb / 9P
   600V N-Channel MOSFET
FQB3N60C FAIRCHILD-FQB3N60C Datasheet
753Kb / 8P
   600V N-Channel MOSFET
FQP3N60C FAIRCHILD-FQP3N60C Datasheet
738Kb / 8P
   600V N-Channel MOSFET
FCP260N60E FAIRCHILD-FCP260N60E Datasheet
283Kb / 10P
   600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com