전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSF2145CH6 데이터시트(PDF) 2 Page - GOOD-ARK Electronics

부품명 SSF2145CH6
상세설명  20V Complementary MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GOOD-ARK [GOOD-ARK Electronics]
홈페이지  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF2145CH6 데이터시트(HTML) 2 Page - GOOD-ARK Electronics

  SSF2145CH6 Datasheet HTML 1Page - GOOD-ARK Electronics SSF2145CH6 Datasheet HTML 2Page - GOOD-ARK Electronics SSF2145CH6 Datasheet HTML 3Page - GOOD-ARK Electronics SSF2145CH6 Datasheet HTML 4Page - GOOD-ARK Electronics SSF2145CH6 Datasheet HTML 5Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SSF2145CH6
20V Complementary MOSFET
www.goodark.com
Page 2 of 5
Rev.1.0
Junction-to-Ambient (PCB mounted, steady-state)
53
53
℃/W
Electrical Characteristics @TA=25℃ unless otherwise specified
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
20
VGS = 0V, ID = 250μA
N-channel
22
TJ = 125°C
-20
VGS = 0V, ID = -250μA
V(BR)DSS
Drain-to-Source
breakdown voltage
P-channel
-22
V
TJ = 125°C
N-channel
38
55
VGS=4.5V,ID = 3.6A
P-channel
68
80
VGS=-4.5V,ID = -3A
N-channel
64
75
VGS=2.5V,ID = 3.1A
RDS(on)
Static
Drain-to-Source
on-resistance
P-channel
89
100
VGS=-3.5V,ID = -2A
N-channel
0.4
0.72
1
VDS = VGS, ID = 250μA
P-channel
0.4
0.56
1
TJ = 125°C
N-channel
-0.4
-0.78
-1
VDS = VGS, ID = -250μA
VGS(th)
Gate threshold
voltage
P-channel
-0.4
-0.66
-1
V
TJ = 125°C
N-channel
1
VDS = 20V,VGS = 0V
IDSS
Drain-to-Source
leakage current
P-channel
-1
μA
VDS = -20V,VGS = 0V
N-channel
100
VGS =8V
N-channel
-100
VGS = -8V
P-channel
100
VGS =8V
IGSS
Gate-to-Source
forward leakage
P-channel
-100
nA
VGS = -8V
Ciss
Input capacitance
N-channel
348
420
Coss
Output capacitance
N-channel
58
70
Crss
Reverse transfer
capacitance
N-channel
32
39
VGS = 0V,
VDS = 10V,
ƒ = 1.0MHz
Ciss
Input capacitance
P-channel
519
622
Coss
Output capacitance
P-channel
75
90
Crss
Reverse transfer
capacitance
P-channel
58
70
pF
VGS = 0V,
VDS = -10V,
ƒ = 1.0MHz
Source-Drain Ratings and Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
N-channel
4.8
IS
Continuous Source
Current
(Body Diode)
P-channel
-2.9
A
N-channel
17
MOSFET symbol
showing
the
integral reverse
p-n junction diode.
ISM
Pulsed Source
Current
(Body Diode)
P-channel
-11
A
V
SD
Diode
Forward
N-channel
0.69
1.2
V
IS=0.94A, VGS=0V


유사한 부품 번호 - SSF2145CH6

제조업체부품명데이터시트상세설명
logo
Silikron Semiconductor ...
SSF2145CH6 SILIKRON-SSF2145CH6 Datasheet
286Kb / 6P
   Advanced trench MOSFET process technology
logo
GOOD-ARK Electronics
SSF2145CH6 GOOD-ARK-SSF2145CH6_15 Datasheet
276Kb / 5P
   20V Complementary MOSFET
More results

유사한 설명 - SSF2145CH6

제조업체부품명데이터시트상세설명
logo
Alpha & Omega Semicondu...
AO6604 AOSMD-AO6604 Datasheet
773Kb / 9P
   20V Complementary MOSFET
AO6608 AOSMD-AO6608 Datasheet
387Kb / 9P
   20V Complementary MOSFET
logo
GOOD-ARK Electronics
SSF8421 GOOD-ARK-SSF8421 Datasheet
539Kb / 4P
   20V Complementary MOSFET
SSF2145CH6 GOOD-ARK-SSF2145CH6_15 Datasheet
276Kb / 5P
   20V Complementary MOSFET
logo
Fairchild Semiconductor
FDMA1032CZ FAIRCHILD-FDMA1032CZ Datasheet
163Kb / 9P
   20V Complementary PowerTrench MOSFET
logo
Alpha & Omega Semicondu...
AOTS26108 AOSMD-AOTS26108 Datasheet
518Kb / 9P
   30V/20V Complementary MOSFET
Rev 1.0: April 2021
logo
ON Semiconductor
FDMA1032CZ ONSEMI-FDMA1032CZ Datasheet
515Kb / 10P
   20V Complementary PowerTrench MOSFET
October-2017, Rev. 2
logo
Pan Jit International I...
PJS6602 PANJIT-PJS6602 Datasheet
474Kb / 9P
   20V Complementary Enhancement Mode MOSFET
PJS6601-AU PANJIT-PJS6601-AU Datasheet
540Kb / 9P
   20V Complementary Enhancement Mode MOSFET
January 20,2022 PJS6601-AU-REV.02
PJS6601 PANJIT-PJS6601 Datasheet
559Kb / 9P
   20V Complementary Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com