전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSF2300 데이터시트(PDF) 6 Page - GOOD-ARK Electronics

부품명 SSF2300
상세설명  20V N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GOOD-ARK [GOOD-ARK Electronics]
홈페이지  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF2300 데이터시트(HTML) 6 Page - GOOD-ARK Electronics

  SSF2300 Datasheet HTML 1Page - GOOD-ARK Electronics SSF2300 Datasheet HTML 2Page - GOOD-ARK Electronics SSF2300 Datasheet HTML 3Page - GOOD-ARK Electronics SSF2300 Datasheet HTML 4Page - GOOD-ARK Electronics SSF2300 Datasheet HTML 5Page - GOOD-ARK Electronics SSF2300 Datasheet HTML 6Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.goodark.com
Page 6 of 6
Rev.2.1
SSF2300
20V N-Channel MOSFET
SOT-23 PACKAGE INFORMATION
Dimensions in Millimeters (UNIT: mm)
Dimensions in Millimeters
Symbol
MIN.
MAX.
A
0.900
1.150
A1
0.000
0.100
A2
0.900
1.050
b
0.300
0.500
c
0.080
0.150
D
2.800
3.000
E
1.200
1.400
E1
2.250
2.550
e
0.950TYP
e1
1.800
2.000
L
0.550REF
L1
0.300
0.500
θ
NOTES
1. All dimensions are in millimeters.
2. Tolerance ±0.10mm (4 mil) unless otherwise specified
3. Package body sizes exclude mold flash and gate burrs. Mold flash at the non-lead sides should be less than 5 mils.
4. Dimension L is measured in gauge plane.
5. Controlling dimension is millimeter, converted inch dimensions are not necessarily exact。


유사한 부품 번호 - SSF2300

제조업체부품명데이터시트상세설명
logo
Silikron Semiconductor ...
SSF2300 SILIKRON-SSF2300 Datasheet
348Kb / 7P
   The SSF2300 uses advanced trench technology
SSF2300A SILIKRON-SSF2300A Datasheet
407Kb / 7P
   Battery protection
logo
GOOD-ARK Electronics
SSF2300A GOOD-ARK-SSF2300A Datasheet
730Kb / 6P
   20V N-Channel MOSFET
SSF2300A GOOD-ARK-SSF2300A_15 Datasheet
724Kb / 6P
   20V N-Channel MOSFET
logo
Silikron Semiconductor ...
SSF2300B SILIKRON-SSF2300B Datasheet
369Kb / 5P
   Battery protection
More results

유사한 설명 - SSF2300

제조업체부품명데이터시트상세설명
logo
Alpha & Omega Semicondu...
AON2408 AOSMD-AON2408 Datasheet
241Kb / 5P
   20V N-Channel MOSFET
AOL1404 AOSMD-AOL1404 Datasheet
236Kb / 6P
   20V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF2318E GOOD-ARK-SSF2318E Datasheet
323Kb / 4P
   20V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO7414 AOSMD-AO7414_13 Datasheet
1Mb / 4P
   20V N-Channel MOSFET
AON3816 AOSMD-AON3816_10 Datasheet
374Kb / 5P
   20V N-Channel MOSFET
AON7436 AOSMD-AON7436 Datasheet
391Kb / 6P
   20V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF22A5E GOOD-ARK-SSF22A5E_15 Datasheet
941Kb / 5P
   20V N-Channel MOSFET
SSF2160G4 GOOD-ARK-SSF2160G4_15 Datasheet
953Kb / 8P
   20V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com