전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSF2301A 데이터시트(PDF) 1 Page - GOOD-ARK Electronics

부품명 SSF2301A
상세설명  20V P-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GOOD-ARK [GOOD-ARK Electronics]
홈페이지  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF2301A 데이터시트(HTML) 1 Page - GOOD-ARK Electronics

  SSF2301A Datasheet HTML 1Page - GOOD-ARK Electronics SSF2301A Datasheet HTML 2Page - GOOD-ARK Electronics SSF2301A Datasheet HTML 3Page - GOOD-ARK Electronics SSF2301A Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.goodark.com
Page 1 of 4
Rev.1.0
SSF2301A
20V P-Channel MOSFET
PACKAGE MARKING AND ORDERING INFORMATION
Device Marking
Device
Device Package
Reel Size
Tape Width
Quantity
2301A
SSF2301A
SOT23
Ø180mm
8 mm
3000 units
ABSOLUTE MAXIMUM RATINGS (TA=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
-20
V
Gate-Source Voltage
VGS
±12
V
ID
-4
A
Drain Current-Continuous@ Current-Pulsed (Note 1)
IDM
-20
A
Maximum Power Dissipation
PD
1.6
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
THERMAL CHARACTERISTICS
Thermal Resistance,Junction-to-Ambient (Note 2)
RθJA
156
/W
GENERAL FEATURES
● VDS = -20V,ID = -4A
RDS(ON) < 80mΩ @ VGS=-2.5V
RDS(ON) < 65mΩ @ VGS=-4.5V
● High Power and current handing capability
● Lead free product
● Surface Mount Package
DESCRIPTION
The SSF2301A uses advanced trench technology to
provide excellent RDS(ON), low gate charge and operation
with gate voltages as low as 2.5V. This device is suitable
for use as a load switch or in PWM applications.
APPLICATIONS
●PWM applications
●Load switch
●Power management
Schematic Diagram
Marking and Pin Assignment
SOT23 Top View
D
G
S


유사한 부품 번호 - SSF2301A

제조업체부품명데이터시트상세설명
logo
Silikron Semiconductor ...
SSF2301A SILIKRON-SSF2301A Datasheet
282Kb / 5P
   PWM applications
logo
VBsemi Electronics Co.,...
SSF2301A VBSEMI-SSF2301A Datasheet
471Kb / 9P
   P-Channel 20-V (D-S) MOSFET
logo
GOOD-ARK Electronics
SSF2301A GOOD-ARK-SSF2301A_15 Datasheet
328Kb / 4P
   20V P-Channel MOSFET
More results

유사한 설명 - SSF2301A

제조업체부품명데이터시트상세설명
logo
Alpha & Omega Semicondu...
AON1611 AOSMD-AON1611 Datasheet
226Kb / 5P
   20V P-Channel MOSFET
AOC2415 AOSMD-AOC2415 Datasheet
248Kb / 5P
   20V P-Channel MOSFET
AO7417 AOSMD-AO7417_13 Datasheet
1Mb / 4P
   20V P-Channel MOSFET
AO3413 AOSMD-AO3413_10 Datasheet
462Kb / 5P
   20V P-Channel MOSFET
AO7413 AOSMD-AO7413_11 Datasheet
219Kb / 5P
   20V P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM2305 TSC-TSM2305 Datasheet
384Kb / 6P
   20V P-Channel MOSFET
TSM3441 TSC-TSM3441_08 Datasheet
125Kb / 6P
   20V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AON7407 AOSMD-AON7407 Datasheet
248Kb / 6P
   20V P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM9434 TSC-TSM9434 Datasheet
359Kb / 6P
   20V P-Channel MOSFET
TSM2313 TSC-TSM2313 Datasheet
360Kb / 6P
   20V P-Channel MOSFET
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com