전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD103BWS 데이터시트(PDF) 1 Page - SUNMATE electronic Co., LTD

부품명 SD103BWS
상세설명  SURFACE MOUNT SCHOTTKY BARRIER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUNMATE [SUNMATE electronic Co., LTD]
홈페이지  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SD103BWS 데이터시트(HTML) 1 Page - SUNMATE electronic Co., LTD

  SD103BWS Datasheet HTML 1Page - SUNMATE electronic Co., LTD SD103BWS Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SD103AWS - SD103CWS
SURFACE MOUNT SCHOTTKY BARRIER DIODE
!
Low Turn-on Voltage
!
!
PN Junction Guard Ring for Transient and
ESD Protection
!
!
                 
!
Case: SOD-323, Molded Plastic
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 0.004 grams (approx.)
!
Characteristic
Symbol
SD103AWS
SD103BWS
SD103CWS
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
40
30
20
V
Forward Continuous Current (Note 1)
IF
350
mA
Non-Repetitive Peak Forward Surge Current
@ t < 1.0s
IFSM
2.0
A
Power Dissipation (Note 1)
Pd
200
mW
Typical Thermal Resistance, Junction to Ambient Air (Note 1)
RJA
625
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +125
°C
Electrical Characteristics @T
A=25°C unless otherwise specified
Characteristic
Symbol
All Types
Unit
Test Condition
Reverse Breakdown Voltage
SD103AWS
SD103BWS
SD103CWS
V(BR)R
40
30
20
V
@ IR = 10µA, tp < 300µS
Forward Voltage Drop
VFM
0.37
0.60
V
@ IF = 20mA
@ IF = 200mA
Peak Reverse Leakage Current
IRM
5.0
µA
@ Rated DC Blocking Voltage
Typical Junction Capacitance
Cj
50
pF
VR = 0V, f = 1.0MHz
Typical Reverse Recovery Time
trr
10
nS
IF = IR = 200mA
IRR = 0.1 x IR, RL = 100

Note: 1. Valid provided that terminals are kept at ambient temperature.
SOD-323
Dim
Min
Max
A
2.30
2.70
B
1.75
1.95
C
1.15
1.35
D
0.25
0.35
E
0.05
0.15
G
0.70
0.95
H
0.30
All Dimensions in mm
G
A
C
E
H
D
B
Maximum Ratings @ TA = 25°C unless otherwise specified
Features
Mechanical Data
Fast Switching
Designed for Surface Mount Application
Plastic Material – UL Recognition Flammability
Classification 94V-O
Marking: SD103AWS S6
1 of 2
www.sunmate.tw
SD103BWS S7
SD103CWS S8


유사한 부품 번호 - SD103BWS

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
SD103BWS PANJIT-SD103BWS Datasheet
56Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
logo
Yea Shin Technology Co....
SD103BWS YEASHIN-SD103BWS Datasheet
502Kb / 2P
   SCHOTTKY DIODES
logo
DAESAN ELECTRONIC CORP.
SD103BWS DAESAN-SD103BWS Datasheet
435Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
PACELEADER INDUSTRIAL
SD103BWS PACELEADER-SD103BWS Datasheet
196Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
First Components Intern...
SD103BWS FCI-SD103BWS Datasheet
263Kb / 2P
   350mA Small Single Surface Mounted Schottky Diode Low Reverse Capacitance
More results

유사한 설명 - SD103BWS

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
SD101AWS KEXIN-SD101AWS Datasheet
36Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
SD103BWS KEXIN-SD103BWS Datasheet
34Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
BAS40 SEMTECH_ELEC-BAS40 Datasheet
119Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Weitron Technology
WSD751H WEITRON-WSD751H Datasheet
309Kb / 3P
   Surface Mount Schottky Barrier Diode
logo
GTM CORPORATION
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS400SD GTM-GS400SD Datasheet
148Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS402SD GTM-GS402SD Datasheet
163Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
BAT46W TSC-BAT46W Datasheet
29Kb / 1P
   Surface Mount Schottky Barrier Diode
logo
Diodes Incorporated
SDMK0340L DIODES-SDMK0340L_08 Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 10 - 2 June 2008
SDMG0340L DIODES-SDMG0340L_08 Datasheet
125Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 12 - 2 July 2008
SDM10K45 DIODES-SDM10K45_10 Datasheet
79Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 15 - 2 June 2010
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com