전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSF3639C 데이터시트(PDF) 2 Page - GOOD-ARK Electronics

부품명 SSF3639C
상세설명  30V Complementary MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GOOD-ARK [GOOD-ARK Electronics]
홈페이지  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF3639C 데이터시트(HTML) 2 Page - GOOD-ARK Electronics

  SSF3639C Datasheet HTML 1Page - GOOD-ARK Electronics SSF3639C Datasheet HTML 2Page - GOOD-ARK Electronics SSF3639C Datasheet HTML 3Page - GOOD-ARK Electronics SSF3639C Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.goodark.com
Page 2 of 4
Rev.1.1
SSF3639C
30V Complementary MOSFET
VGS=0V ID=250μA
N-Ch
30
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=-250μA
P-Ch
-30
V
VDS=24V,VGS=0V
N-Ch
1
Zero Gate Voltage Drain Current
IDSS
VDS=-24V,VGS=0V
P-Ch
-1
μA
N-Ch
±100
Gate-Body Leakage Current
IGSS
VGS=±20V,VDS=0V
P-Ch
±100
nA
ON CHARACTERISTICS (Note 3)
VDS=VGS,ID=250μA
N-Ch
1
1.9
3
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=-250μA
P-Ch
-1
-1.8
-3
V
VGS=10V, ID=6.3A
N-Ch
19
22
VGS=-10V, ID=-5.0A
P-Ch
39
52
VGS=4.5V, ID=5.5A
N-Ch
25
35.5
Drain-Source On-State Resistance
RDS(ON)
VGS=-4.5V, ID=-4A
P-Ch
62
87
VDS=10V,ID=6.3A
N-Ch
10
Forward Transconductance
gFS
VDS=-5V,ID=-5A
P-Ch
8
S
DYNAMIC PARAMETERS
N-Ch
620
Input Capacitance
Clss
P-Ch
700
N-Ch
118
Output Capacitance
Coss
P-Ch
120
N-Ch
85
Reverse Transfer Capacitance
Crss
N-Ch
VGS=0V, VDS=15V, f=1MHz
P-Ch
VGS=0V, VDS=-15V, f=1MHz
P-Ch
75
pF
SWITCHING CHARACTERISTICS (Note 4)
N-Ch
8
Turn-on Delay Time
td(on)
P-Ch
9
nS
N-Ch
4
Turn-on Rise Time
tr
P-Ch
5
nS
N-Ch
22
Turn-Off Delay Time
td(off)
P-Ch
30
nS
N-Ch
4
Turn-Off Fall Time
tf
N-Ch
VDS=15V,
VGS=10V,RGEN=6Ω,ID=1A
P-Ch
VDD=-15V, ID=-1A,
VGS=-10V,RGEN=6Ω
P-Ch
15
nS
N-Ch
10
Total Gate Charge
Qg
P-Ch
14.7
nC
N-Ch
2
Gate-Source Charge
Qgs
P-Ch
2
nC
N-Ch
2
Gate-Drain Charge
Qgd
N-Ch
VDS=15V,ID=6.3A,
VGS=10V
P-Ch
VDS=-15V,ID=-5A,
VGS=-10V
P-Ch
3.8
nC


유사한 부품 번호 - SSF3639C

제조업체부품명데이터시트상세설명
logo
Silikron Semiconductor ...
SSF3639C SILIKRON-SSF3639C Datasheet
346Kb / 4P
   High Power and current handing capability
logo
GOOD-ARK Electronics
SSF3639C GOOD-ARK-SSF3639C_15 Datasheet
316Kb / 4P
   30V Complementary MOSFET
More results

유사한 설명 - SSF3639C

제조업체부품명데이터시트상세설명
logo
Alpha & Omega Semicondu...
AO4629 AOSMD-AO4629 Datasheet
855Kb / 9P
   30V Complementary MOSFET
AO4616 AOSMD-AO4616_11 Datasheet
387Kb / 9P
   30V Complementary MOSFET
logo
GOOD-ARK Electronics
SSF4604 GOOD-ARK-SSF4604 Datasheet
568Kb / 4P
   30V Complementary MOSFET
SSF3036C GOOD-ARK-SSF3036C Datasheet
435Kb / 5P
   30V Complementary MOSFET
logo
HUAYI MICROELECTRONICS ...
HYG170C03LA1S HUAYI-HYG170C03LA1S Datasheet
1Mb / 14P
   30V Complementary MOSFET
logo
Alpha & Omega Semicondu...
AON3613 AOSMD-AON3613 Datasheet
423Kb / 9P
   30V Complementary MOSFET
logo
GOOD-ARK Electronics
SSF4606 GOOD-ARK-SSF4606 Datasheet
580Kb / 4P
   30V Complementary MOSFET
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com