전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSF5508 데이터시트(PDF) 1 Page - GOOD-ARK Electronics

부품명 SSF5508
상세설명  55V N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GOOD-ARK [GOOD-ARK Electronics]
홈페이지  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF5508 데이터시트(HTML) 1 Page - GOOD-ARK Electronics

  SSF5508 Datasheet HTML 1Page - GOOD-ARK Electronics SSF5508 Datasheet HTML 2Page - GOOD-ARK Electronics SSF5508 Datasheet HTML 3Page - GOOD-ARK Electronics SSF5508 Datasheet HTML 4Page - GOOD-ARK Electronics SSF5508 Datasheet HTML 5Page - GOOD-ARK Electronics SSF5508 Datasheet HTML 6Page - GOOD-ARK Electronics SSF5508 Datasheet HTML 7Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SSF5508
55V N-Channel MOSFET
www.goodark.com
Page 1 of 7
Rev.4.2
Main Product Characteristics
Features and Benefits
Description
Absolute Max Rating
Symbol
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V①
110
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V①
80
IDM
Pulsed Drain Current
440
A
Power Dissipation
205
W
PD @TC = 25°C
Linear Derating Factor
2.0
W/°C
VDS
Drain-Source Voltage
55
V
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy @ L=0.3mH
375
mJ
IAR
Avalanche Current @ L=0.3mH
50
A
TJ
TSTG
Operating Junction and Storage Temperature Range
-55 to +175
°C
VDSS
55V
RDS(on)
4.5mohm(typ.)
ID
110A
TO-220
Marking and Pin
Assignment
Schematic Diagram
Advanced trench MOSFET process technology
Special designed for PWM, load switching and
general purpose applications
Ultra low on-resistance with low gate charge
Fast switching and reverse body recovery
175℃ operating temperature
Lead free product
It utilizes the latest trench processing techniques to achieve the high cell density and reduces the
on-resistance with high repetitive avalanche rating. These features combine to make this design an extremely
efficient and reliable device for use in power switching application and a wide variety of other applications.


유사한 부품 번호 - SSF5508

제조업체부품명데이터시트상세설명
logo
Silikron Semiconductor ...
SSF5508 SILIKRON-SSF5508 Datasheet
313Kb / 5P
   Power switching application
SSF5508A SILIKRON-SSF5508A Datasheet
533Kb / 6P
   Advanced trench MOSFET process technology
logo
GOOD-ARK Electronics
SSF5508A GOOD-ARK-SSF5508A Datasheet
717Kb / 6P
   55V N-Channel MOSFET
SSF5508A GOOD-ARK-SSF5508A_15 Datasheet
717Kb / 6P
   55V N-Channel MOSFET
SSF5508D GOOD-ARK-SSF5508D Datasheet
826Kb / 6P
   Preliminary
More results

유사한 설명 - SSF5508

제조업체부품명데이터시트상세설명
logo
GOOD-ARK Electronics
SSF5508A GOOD-ARK-SSF5508A Datasheet
717Kb / 6P
   55V N-Channel MOSFET
SSF5508 GOOD-ARK-SSF5508_15 Datasheet
1Mb / 7P
   55V N-Channel MOSFET
logo
Guangdong Youtai Semico...
IRFR2405TR UMW-IRFR2405TR Datasheet
460Kb / 7P
   55V N -Channel MOSFET
IRFR4105TR UMW-IRFR4105TR Datasheet
490Kb / 7P
   55V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF5506 GOOD-ARK-SSF5506 Datasheet
1Mb / 7P
   55V N-Channel MOSFET
SSPL5508 GOOD-ARK-SSPL5508 Datasheet
1Mb / 7P
   55V N-Channel MOSFET
SSPL5505 GOOD-ARK-SSPL5505 Datasheet
1Mb / 7P
   55V N-Channel MOSFET
SSF5508A GOOD-ARK-SSF5508A_15 Datasheet
717Kb / 6P
   55V N-Channel MOSFET
SSF5506 GOOD-ARK-SSF5506_15 Datasheet
1Mb / 7P
   55V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
IRFZ44NS TGS-IRFZ44NS Datasheet
117Kb / 1P
   55V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com