전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSF5508A 데이터시트(PDF) 3 Page - GOOD-ARK Electronics

부품명 SSF5508A
상세설명  55V N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GOOD-ARK [GOOD-ARK Electronics]
홈페이지  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF5508A 데이터시트(HTML) 3 Page - GOOD-ARK Electronics

  SSF5508A Datasheet HTML 1Page - GOOD-ARK Electronics SSF5508A Datasheet HTML 2Page - GOOD-ARK Electronics SSF5508A Datasheet HTML 3Page - GOOD-ARK Electronics SSF5508A Datasheet HTML 4Page - GOOD-ARK Electronics SSF5508A Datasheet HTML 5Page - GOOD-ARK Electronics SSF5508A Datasheet HTML 6Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SSF5508A
55V N-Channel MOSFET
www.goodark.com
Page 3 of 6
Rev.3.6
Typical Electrical and Thermal Characteristics
Figure 1: Typical Output Characteristics
Figure 2: Typical Transfer Characteristics
Figure 3: On-Resistance vs. Drain Current and
Figure 4: On-Resistance vs. Junction Temperature
Gate Voltage
Figure 5: On-Resistance vs. Gate-Source Voltage
Figure 6: Body-Diode Characteristics
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
VDS,drain to source voltage(V)
10V
7V
6V
3.5V
4V
4.5V
5V
0
10
20
30
40
50
60
70
80
90
100
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6
VGS,gate to source voltage(V)
125℃
25℃
VDS=VGS
3
4
5
6
0
5
10
15
20
25
30
ID,drain current(A)
VGS=7V
VGS=10V
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
0
25
50
7 5
1 00
125
1 50
175
20 0
Tj, Jun cti on Tem per atu re( °C)
VGS=10V
ID=20A
VGS=7V
ID=20A
0
5
10
15
20
25
2
3
4
5
6
7
8
9
10
VGS,gate to source voltage(V)
125℃
25℃
ID=20A
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1 1.1 1.2
VSD,source to drain voltage(V)
125℃
25℃


유사한 부품 번호 - SSF5508A

제조업체부품명데이터시트상세설명
logo
Silikron Semiconductor ...
SSF5508A SILIKRON-SSF5508A Datasheet
533Kb / 6P
   Advanced trench MOSFET process technology
logo
GOOD-ARK Electronics
SSF5508A GOOD-ARK-SSF5508A_15 Datasheet
717Kb / 6P
   55V N-Channel MOSFET
More results

유사한 설명 - SSF5508A

제조업체부품명데이터시트상세설명
logo
GOOD-ARK Electronics
SSF5508 GOOD-ARK-SSF5508_15 Datasheet
1Mb / 7P
   55V N-Channel MOSFET
SSF5508 GOOD-ARK-SSF5508 Datasheet
1Mb / 7P
   55V N-Channel MOSFET
logo
Guangdong Youtai Semico...
IRFR2405TR UMW-IRFR2405TR Datasheet
460Kb / 7P
   55V N -Channel MOSFET
IRFR4105TR UMW-IRFR4105TR Datasheet
490Kb / 7P
   55V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF5506 GOOD-ARK-SSF5506 Datasheet
1Mb / 7P
   55V N-Channel MOSFET
SSPL5508 GOOD-ARK-SSPL5508 Datasheet
1Mb / 7P
   55V N-Channel MOSFET
SSPL5505 GOOD-ARK-SSPL5505 Datasheet
1Mb / 7P
   55V N-Channel MOSFET
SSF5508A GOOD-ARK-SSF5508A_15 Datasheet
717Kb / 6P
   55V N-Channel MOSFET
SSF5506 GOOD-ARK-SSF5506_15 Datasheet
1Mb / 7P
   55V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
IRFZ44NS TGS-IRFZ44NS Datasheet
117Kb / 1P
   55V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com