전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSF5510G 데이터시트(PDF) 1 Page - GOOD-ARK Electronics

부품명 SSF5510G
상세설명  Preliminary
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GOOD-ARK [GOOD-ARK Electronics]
홈페이지  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF5510G 데이터시트(HTML) 1 Page - GOOD-ARK Electronics

  SSF5510G Datasheet HTML 1Page - GOOD-ARK Electronics SSF5510G Datasheet HTML 2Page - GOOD-ARK Electronics SSF5510G Datasheet HTML 3Page - GOOD-ARK Electronics SSF5510G Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.goodark.com
Page 1 of 4
Rev.1.0
SSF5510G
Preliminary
Absolute Maximum Ratings
Parameter
Max.
Units
ID@Tc=25ْ C
Continuous drain current,VGS@10V
56
ID@Tc=100ْC Continuous drain current,VGS@10V
40
IDM
Pulsed drain current
224
A
Power dissipation
90
W
PD@TC=25ْC
Linear derating factor
0.9
W/ْ C
VGS
Gate-to-Source voltage
±20
V
dv/dt
Peak diode recovery voltage
5.0
v/ns
EAS
Single pulse avalanche energy
405
mJ
EAR
Repetitive avalanche energy
TBD
TJ
TSTG
Operating Junction and
Storage Temperature Range
–55 to +150
ْC
Thermal Resistance
Parameter
Min.
Typ.
Max.
Units
RθJC
Junction-to-case
1.4
RθJA
Junction-to-ambient
62
ْC/W
Electrical Characteristics @TJ=25 ْC (unless otherwise specified)
Parameter
Min.
Typ.
Max. Units
Test Conditions
BVDSS
Drain-to-Source breakdown voltage
55
V
VGS=0V,ID=250μA
RDS(on)
Static Drain-to-Source on-resistance
8
10
VGS=10V,ID=34A
VGS(th)
Gate threshold voltage
2.0
4.0
V
VDS=VGS,ID=250μA
2
VDS=55V,VGS=0V
IDSS
Drain-to-Source leakage current
10
μA
VDS=44V,
VGS=0V,TJ=150ْC
SSF5510G Top View
ID =56A
BV=55V
R DS (ON) =8mohm (typ.)
FEATURES
Advanced trench process technology
Ultra low Rdson, typical 8mohm
High avalanche energy, 100% test
Fully characterized avalanche voltage and current
Lead free product
DESCRIPTION
The SSF5510G is a new generation of middle voltage and
high current N–Channel enhancement mode trench power
MOSFET. This new technology increases the device reliability
and electrical parameter repeatability. SS5510G is assembled
in high reliability and qualified assembly house.
APPLICATIONS
Power switching application


유사한 부품 번호 - SSF5510G

제조업체부품명데이터시트상세설명
logo
GOOD-ARK Electronics
SSF5510G GOOD-ARK-SSF5510G Datasheet
482Kb / 4P
   Preliminary
SSF5510G GOOD-ARK-SSF5510G_15 Datasheet
482Kb / 4P
   Preliminary
More results

유사한 설명 - SSF5510G

제조업체부품명데이터시트상세설명
logo
Tontek Design Technolog...
TTP259 TONTEK-TTP259 Datasheet
587Kb / 81P
   Preliminary
logo
GOOD-ARK Electronics
SSF5510G GOOD-ARK-SSF5510G_15 Datasheet
482Kb / 4P
   Preliminary
logo
Tontek Design Technolog...
TTP258 TONTEK-TTP258 Datasheet
317Kb / 44P
   Preliminary
TTR011 TONTEK-TTR011 Datasheet
489Kb / 41P
   Preliminary
logo
GOOD-ARK Electronics
SSF5508D GOOD-ARK-SSF5508D Datasheet
826Kb / 6P
   Preliminary
logo
Asahi Kasei Microsystem...
AK8998 AKM-AK8998 Datasheet
987Kb / 59P
   Preliminary
logo
GOOD-ARK Electronics
SSF5508D GOOD-ARK-SSF5508D_15 Datasheet
826Kb / 6P
   Preliminary
logo
Vectron International, ...
TFS43A VECTRON-TFS43A Datasheet
68Kb / 5P
   Preliminary Specification
TFS85F VECTRON-TFS85F Datasheet
127Kb / 5P
   Preliminary specification
logo
Shenzhen TOPWAY Technol...
LMT070DNDFWD TOPWAY-LMT070DNDFWD Datasheet
1Mb / 21P
   Preliminary Specification
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com