전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSF8N80 데이터시트(PDF) 2 Page - GOOD-ARK Electronics

부품명 SSF8N80
상세설명  800V N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GOOD-ARK [GOOD-ARK Electronics]
홈페이지  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF8N80 데이터시트(HTML) 2 Page - GOOD-ARK Electronics

  SSF8N80 Datasheet HTML 1Page - GOOD-ARK Electronics SSF8N80 Datasheet HTML 2Page - GOOD-ARK Electronics SSF8N80 Datasheet HTML 3Page - GOOD-ARK Electronics SSF8N80 Datasheet HTML 4Page - GOOD-ARK Electronics SSF8N80 Datasheet HTML 5Page - GOOD-ARK Electronics SSF8N80 Datasheet HTML 6Page - GOOD-ARK Electronics SSF8N80 Datasheet HTML 7Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SSF8N80
800V N-Channel MOSFET
www.goodark.com
Page 2 of 7
Rev.1.1
Thermal Resistance
Symbol
Characteristics
Typ.
Max.
Units
RθJC
Junction-to-case③
0.7
℃/W
RθJA
Junction-to-ambient (t ≤ 10s)
62.5
℃/W
Electrical Characteristics @TA=25℃ unless otherwise specified
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
V(BR)DSS
Drain-to-Source breakdown voltage
800
V
VGS = 0V, ID = 250μA
1.38
1.55
VGS=10V,ID = 3.5A
RDS(on)
Static Drain-to-Source on-resistance
3.16
Ω
TJ = 125℃
2
4
VDS = VGS, ID = 250μA
VGS(th)
Gate threshold voltage
1.96
V
TJ = 125℃
1
VDS = 800V,VGS = 0V
IDSS
Drain-to-Source leakage current
50
μA
TJ = 125℃
100
VGS =30V
IGSS
Gate-to-Source forward leakage
-100
nA
VGS = -30V
Qg
Total gate charge
24
Qgs
Gate-to-Source charge
7.3
Qgd
Gate-to-Drain("Miller") charge
9.4
nC
ID = 8A,
VDS= 380V,
VGS = 10V
td(on)
Turn-on delay time
20
tr
Rise time
40
td(off)
Turn-Off delay time
57
tf
Fall time
35
ns
VGS=10V, VDS=400V,
RL=50Ω,RGEN=25Ω
ID=8A
Ciss
Input capacitance
1107
Coss
Output capacitance
120
Crss
Reverse transfer capacitance
4.7
pF
VGS = 0V
VDS = 25V
ƒ = 1MHz
Source-Drain Ratings and Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
IS
Continuous Source Current
(Body Diode)
8
A
ISM
Pulsed Source Current
(Body Diode)
32
A
MOSFET symbol
showing
the
integral reverse
p-n junction diode.
V
SD
Diode Forward Voltage
0.87
1.4
V
IS=7A, VGS=0V
trr
Reverse Recovery Time
1015
ns
Qrr
Reverse Recovery Charge
5414
nC
TJ = 25°C, IF =8A, di/dt =
100A/μs


유사한 부품 번호 - SSF8N80

제조업체부품명데이터시트상세설명
logo
Silikron Semiconductor ...
SSF8N80 SILIKRON-SSF8N80 Datasheet
537Kb / 8P
   Advanced MOSFET process technology
logo
Fairchild Semiconductor
SSF8N80A FAIRCHILD-SSF8N80A Datasheet
258Kb / 7P
   Advanced Power MOSFET
logo
Silikron Semiconductor ...
SSF8N80F SILIKRON-SSF8N80F Datasheet
531Kb / 8P
   Advanced MOSFET process technology
logo
GOOD-ARK Electronics
SSF8N80F GOOD-ARK-SSF8N80F Datasheet
1Mb / 7P
   800V N-Channel MOSFET
SSF8N80F GOOD-ARK-SSF8N80F_15 Datasheet
1Mb / 7P
   800V N-Channel MOSFET
More results

유사한 설명 - SSF8N80

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQB3N80 FAIRCHILD-FQB3N80 Datasheet
661Kb / 9P
   800V N-Channel MOSFET
FQP2N80 FAIRCHILD-FQP2N80 Datasheet
649Kb / 8P
   800V N-Channel MOSFET
FQPF4N80 FAIRCHILD-FQPF4N80 Datasheet
639Kb / 8P
   800V N-Channel MOSFET
FQPF6N80 FAIRCHILD-FQPF6N80 Datasheet
665Kb / 8P
   800V N-Channel MOSFET
FQA10N80 FAIRCHILD-FQA10N80_06 Datasheet
801Kb / 9P
   800V N-Channel MOSFET
FQA13N80 FAIRCHILD-FQA13N80 Datasheet
731Kb / 8P
   800V N-Channel MOSFET
FQA6N80 FAIRCHILD-FQA6N80 Datasheet
677Kb / 8P
   800V N-Channel MOSFET
FQP8N80C FAIRCHILD-FQP8N80C_09 Datasheet
1Mb / 12P
   800V N-Channel MOSFET
FQA10N80 FAIRCHILD-FQA10N80_07 Datasheet
803Kb / 8P
   800V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFH10N80 SEMIHOW-HFH10N80 Datasheet
1Mb / 7P
   800V N-Channel MOSFET
HFS3N80 SEMIHOW-HFS3N80 Datasheet
1Mb / 8P
   800V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com