전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSF7509A 데이터시트(PDF) 1 Page - GOOD-ARK Electronics

부품명 SSF7509A
상세설명  75V N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GOOD-ARK [GOOD-ARK Electronics]
홈페이지  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF7509A 데이터시트(HTML) 1 Page - GOOD-ARK Electronics

  SSF7509A Datasheet HTML 1Page - GOOD-ARK Electronics SSF7509A Datasheet HTML 2Page - GOOD-ARK Electronics SSF7509A Datasheet HTML 3Page - GOOD-ARK Electronics SSF7509A Datasheet HTML 4Page - GOOD-ARK Electronics SSF7509A Datasheet HTML 5Page - GOOD-ARK Electronics SSF7509A Datasheet HTML 6Page - GOOD-ARK Electronics SSF7509A Datasheet HTML 7Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SSF7509A
75V N-Channel MOSFET
www.goodark.com
Page 1 of 7
Rev.2.1
Main Product Characteristics
Features and Benefits
Description
Absolute Max Rating
Symbol
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V①
80
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V①
70
IDM
Pulsed Drain Current
320
A
Power Dissipation
187
W
PD @TC = 25°C
Linear Derating Factor
2.0
W/°C
VDS
Drain-Source Voltage
75
V
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy @ L=0.3mH
375
mJ
IAR
Avalanche Current @ L=0.3mH
50
A
TJ
TSTG
Operating Junction and Storage Temperature Range
-55 to + 175
°C
VDSS
75V
RDS(on)
6.5mohm(typ.)
ID
80A
D2PAK
Marking and Pin
Assignment
Schematic Diagram
Advanced trench MOSFET process technology
Special designed for PWM, load switching and
general purpose applications
Ultra low on-resistance with low gate charge
Fast switching and reverse body recovery
175℃ operating temperature
Lead free product
It utilizes the latest trench processing techniques to achieve the high cell density and reduces the
on-resistance with high repetitive avalanche rating. These features combine to make this design an extremely
efficient and reliable device for use in power switching application and a wide variety of other applications.


유사한 부품 번호 - SSF7509A

제조업체부품명데이터시트상세설명
logo
Silikron Semiconductor ...
SSF7509A SILIKRON-SSF7509A Datasheet
401Kb / 8P
   Advanced trench MOSFET process technology
logo
GOOD-ARK Electronics
SSF7509A GOOD-ARK-SSF7509A_15 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
More results

유사한 설명 - SSF7509A

제조업체부품명데이터시트상세설명
logo
SemiHow Co.,Ltd.
HFW75N75 SEMIHOW-HFW75N75 Datasheet
871Kb / 7P
   75V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOB270AL AOSMD-AOB270AL Datasheet
329Kb / 6P
   75V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF7609 GOOD-ARK-SSF7609 Datasheet
1,017Kb / 7P
   75V N-Channel MOSFET
SSF7504 GOOD-ARK-SSF7504 Datasheet
998Kb / 6P
   75V N-Channel MOSFET
SSF7508 GOOD-ARK-SSF7508 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
SSPL7508 GOOD-ARK-SSPL7508 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
SSF7607 GOOD-ARK-SSF7607 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
logo
Pan Jit International I...
PJD12N08 PANJIT-PJD12N08 Datasheet
383Kb / 8P
   75V N-Channel MOSFET
logo
GOOD-ARK Electronics
SS7505 GOOD-ARK-SS7505_15 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
SSF7509 GOOD-ARK-SSF7509_15 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com