전자부품 데이터시트 검색엔진 |
|
LD3985J15R 데이터시트(PDF) 2 Page - STMicroelectronics |
|
LD3985J15R 데이터시트(HTML) 2 Page - STMicroelectronics |
2 / 14 page LD3985 SERIES 2/14 Table 1: Absolute Maximum Ratings Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied. (*) The input pin is able to withstand non repetitive spike of 6.5V for 200ms. Table 2: Thermal Data Table 3: Order Codes (*) Available on request. Symbol Parameter Value Unit VI DC Input Voltage -0.3 to 6 (*) V VO DC Output Voltage -0.3 to VI+0.3 V VINH INHIBIT Input Voltage -0.3 to VI+0.3 V IO Output Current Internally limited PD Power Dissipation Internally limited TSTG Storage Temperature Range -65 to 150 °C TOP Operating Junction Temperature Range -40 to 125 °C Symbol Parameter SOT23-5L/ TSOT23-5L Flip-Chip Unit Rthj-case Thermal Resistance Junction-case 81 °C/W Rthj-amb Thermal Resistance Junction-ambient 255 170 °C/W SOT23-5L TSOT23-5L Flip-Chip OUTPUT VOLTAGES LD3985M12R (*) LD3985G12R (*) LD3985J12R (*) 1.20 V LD3985M122R LD3985G122R (*) LD3985J122R 1.22 V LD3985M125R (*) LD3985G125R (*) LD3985J125R 1.25 V LD3985M135R (*) LD3985G135R (*) LD3985J135R 1.35 V LD3985M15R LD3985G15R (*) LD3985J15R (*) 1.5 V LD3985M18R LD3985G18R LD3985J18R 1.8 V LD3985M20R (*) LD3985G20R (*) LD3985J20R (*) 2.0 V LD3985M21R (*) LD3985G21R (*) LD3985J21R (*) 2.1 V LD3985M22R (*) LD3985G22R (*) LD3985J22R (*) 2.2 V LD3985M24R (*) LD3985G24R (*) LD3985J24R 2.4 V LD3985M25R LD3985G25R LD3985J25R 2.5 V LD3985M26R (*) LD3985G26R (*) LD3985J26R 2.6 V LD3985M27R LD3985G27R LD3985J27R 2.7 V LD3985M28R (*) LD3985G28R (*) LD3985J28R 2.8 V LD3985M285R (*) LD3985G285R (*) LD3985J285R (*) 2.85 V LD3985M29R LD3985G29R LD3985J29R 2.9 V LD3985M30R (*) LD3985G30R (*) LD3985J30R 3.0 V LD3985M31R (*) LD3985G31R (*) LD3985J31R 3.1 V LD3985M32R (*) LD3985G32R (*) LD3985J32R (*) 3.2 V LD3985M33R LD3985G33R (*) LD3985J33R 3.3 V LD3985M44R (*) LD3985G44R (*) LD3985J44R (*) 4.4 V LD3985M47R LD3985G47R (*) LD3985J47R 4.7 V LD3985M48R (*) LD3985G48R (*) LD3985J48R 4.8 V LD3985M49R (*) LD3985G49R (*) LD3985J49R (*) 4.9 V LD3985M50R (*) LD3985G50R (*) LD3985J50R (*) 5.0 V |
유사한 부품 번호 - LD3985J15R |
|
유사한 설명 - LD3985J15R |