전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS8673ET18 데이터시트(PDF) 10 Page - GSI Technology

부품명 GS8673ET18
상세설명  72Mb SigmaDDR-IIIe??Burst of 2 ECCRAM?
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GSI [GSI Technology]
홈페이지  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8673ET18 데이터시트(HTML) 10 Page - GSI Technology

Back Button GS8673ET18 Datasheet HTML 6Page - GSI Technology GS8673ET18 Datasheet HTML 7Page - GSI Technology GS8673ET18 Datasheet HTML 8Page - GSI Technology GS8673ET18 Datasheet HTML 9Page - GSI Technology GS8673ET18 Datasheet HTML 10Page - GSI Technology GS8673ET18 Datasheet HTML 11Page - GSI Technology GS8673ET18 Datasheet HTML 12Page - GSI Technology GS8673ET18 Datasheet HTML 13Page - GSI Technology GS8673ET18 Datasheet HTML 14Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
GS8673ET18/36BK-675/625/550/500
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.06 5/2012
10/34
© 2011, GSI Technology
DQ Input Termination Control
A robust methodology has been developed for these devices for controlling when DQ input termination is enabled and disabled
during Write-to-Read and Read-to-Write transitions. Specifically, the methodology can ensure that the DQ bus is never pulled to
VDDQ/2 by the ECCRAM and/or Memory Controller input termination during the transitions (or at any other time). Such a
condition is best avoided, because if an input signal is pulled to VDDQ/2 (i.e. to VREF - the switch point of the diff-amp receiver), it
could cause the receiver to enter a meta-stable state and consume more power than it normally would. This could result in the
device’s operating currents being higher.
The fundamental concept of the methodology is - both the ECCRAM and the Memory Controller drive the DQ bus Low (with DQ
input termination disabled) at all times except:
1. When a particular device is driving the DQ bus with valid data, and
2. From shortly before to shortly after a particular device is receiving valid data on the DQ bus, during which time the receiving
device enables its DQ termination.
And, during Write-to-Read and Read-to-Write transitions, each device enables and disables its DQ termination while the other
device is driving DQ Low, thereby ensuring that the DQ bus is never pulled to VDDQ/2.
Note: This methodology also reduces power consumption, since there will be no DC current through either device’s DQs when
both devices are driving Low.
In order for this methodology to work as described, the Memory Controller must have the ability to:
1. Place the ECCRAM into “DQ Drive Low Mode” at the appropriate times (i.e. before and after the ECCRAM drives valid Read
Data), and
2. Place the ECCRAM into “DQ Termination Mode” at the appropriate times (i.e. before, during, and after the ECCRAM receives
valid Write Data).
That ability is provided via the existing R/W control pin.
When the ECCRAM samples R/W High (regardless of the state of LD), it disables its DQ termination, and drives the DQ bus Low
except while driving valid Read Data in response to Read operations.
When the ECCRAM samples R/W Low (regardless of the state of LD), it disables its DQ drivers, and enables its DQ termination.
Note that NOPs initiated with R/W High and LD High are referred to as “NOPr” operations.
Note that NOPs initiated with R/W Low and LD High are referred to as “NOPw” operations.
This extended definition of the R/W control pin allows the Memory Controller to:
Place the ECCRAM in DQ Termination Mode, via NOPw operations, before initiating Write operations.
Keep the ECCRAM in DQ Termination Mode, via NOPw operations, after initiating Write operations.
Place the ECCRAM in DQ Drive Low Mode, via NOPr operations, before initiating Read operations.
Keep the ECCRAM in DQ Drive Low Mode, via NOPr operations, after initiating Read operations.


유사한 부품 번호 - GS8673ET18

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS8673ET18BGK-675I GSI-GS8673ET18BGK-675I Datasheet
293Kb / 35P
   72Mb SigmaDDR-IIIe??Burst of 2 ECCRAM?
More results

유사한 설명 - GS8673ET18

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS8673ET18BGK-675I GSI-GS8673ET18BGK-675I Datasheet
293Kb / 35P
   72Mb SigmaDDR-IIIe??Burst of 2 ECCRAM?
GS81313LT18 GSI-GS81313LT18 Datasheet
381Kb / 29P
   144Mb SigmaDDR-IIIe??Burst of 2 ECCRAM?
GS8673EQ18BK-550 GSI-GS8673EQ18BK-550 Datasheet
451Kb / 31P
   72Mb SigmaQuad-IIIe Burst of 2 ECCRAM
GS8673EQ18BK-500 GSI-GS8673EQ18BK-500 Datasheet
451Kb / 31P
   72Mb SigmaQuad-IIIe Burst of 2 ECCRAM
GS8673EQ18BGK-550I GSI-GS8673EQ18BGK-550I Datasheet
451Kb / 31P
   72Mb SigmaQuad-IIIe Burst of 2 ECCRAM
GS8673ED36BK-625 GSI-GS8673ED36BK-625 Datasheet
457Kb / 31P
   72Mb SigmaQuad-IIIe, Burst of 4 ECCRAM
GS8673ED18BGK-725S GSI-GS8673ED18BGK-725S Datasheet
359Kb / 25P
   72Mb SigmaQuad-IIIe Burst of 4 ECCRAM
GS8673ED36BK-725IS GSI-GS8673ED36BK-725IS Datasheet
359Kb / 25P
   72Mb SigmaQuad-IIIe Burst of 4 ECCRAM
GS8673ED18 GSI-GS8673ED18 Datasheet
457Kb / 31P
   72Mb SigmaQuad-IIIe??Burst of 4 ECCRAM?
GS8673EQ18 GSI-GS8673EQ18 Datasheet
451Kb / 31P
   72Mb SigmaQuad-IIIe??Burst of 4 ECCRAM?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com