전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC100ES6011DR2 데이터시트(PDF) 2 Page - Motorola, Inc

부품명 MC100ES6011DR2
상세설명  2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC100ES6011DR2 데이터시트(HTML) 2 Page - Motorola, Inc

  MC100ES6011DR2 Datasheet HTML 1Page - Motorola, Inc MC100ES6011DR2 Datasheet HTML 2Page - Motorola, Inc MC100ES6011DR2 Datasheet HTML 3Page - Motorola, Inc MC100ES6011DR2 Datasheet HTML 4Page - Motorola, Inc MC100ES6011DR2 Datasheet HTML 5Page - Motorola, Inc MC100ES6011DR2 Datasheet HTML 6Page - Motorola, Inc MC100ES6011DR2 Datasheet HTML 7Page - Motorola, Inc MC100ES6011DR2 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC100ES6011
MOTOROLA
2
TIMING SOLUTIONS
Figure 1.
Table 1. Attributes
Characteristics
Value
Internal Input Pulldown Resistor
75 k
Internal Input Pullup Resistor
56 k
ESD Protection
Human Body Model
Machine Model
Charged Device Model
> 4000 V
> 200 V
> 1500 V
θJA Thermal Resistance (Junction to Ambient)
0 LFPM, 8 SOIC
500 LFPM, 8 SOIC
190
°C/W
130
°C/W
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
Table 2. Maximum Ratings1
1. Absolute maxim continuous ratings are those maximum values beyond which damage to the device may occur. Exposure to these conditions or
conditions beyond those indicated may adversely affect device reliability. Functional operation at absolute-maximum-rated conditions is not
implied.
Symbol
Parameter
Conditions
Rating
Units
VSUPPLY
Power Supply Voltage
Difference between VCC & VEE
3.9
V
VIN
Input Voltage
VCC–VEE < 3.6 V
VCC+0.3
VEE–0.3
V
V
IOUT
Output Current
Continuous
Surge
50
100
mA
mA
TA
Operating Temperature Range
–40 to +85
°C
Tstg
Storage Temperature Range
–65 to +150
°C
Table 3. DC Characteristics (VCC = 0 V; VEE = –2.5 V ± 5% or VCC = 2.5 V ± 5%; VEE = 0 V)1
1. ES6011 circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The circuit
is in a test socket or mounted on a printed circuit board and transverse airflow > 500 LFPM is maintained.
Symbol
Characteristic
–40
°C
0
°C to 85°C
Unit
Min
Typ
Max
Min
Typ
Max
IEE
Power Supply Current
12
25
12
25
mA
VOH
Output HIGH Voltage2
2. Output termination voltage VTT = 0 V for VCC = 2.5 V operation is supported but the power consumption of the device will increase.
VCC–1160
VCC–1005
VCC–880
VCC–1100
VCC–955
VCC–740
mV
VOL
Output LOW Voltage2
VCC–1830
VCC–1605
VCC–1305
VCC–1810
VCC–1705
VCC–1405
mV
VOUTPP Output Peak-to-Peak Voltage
200
200
mV
VIH
Input HIGH Voltage (Single Ended)
VCC–1165
VCC–880
VCC–1165
VCC–880
mV
VIL
Input LOW Voltage (Single Ended)
VCC–1810
VCC–1475
VCC–1810
VCC–1475
mV
VPP
Differential Input Voltage3
3. VPP (DC) is the minimum differential input voltage swing required to maintain device functionality.
0.12
1.3
0.12
1.3
V
VCMR
Differential Cross Point Voltage4
4. VCMR (DC) is the crosspoint of the differential input signal. Functional operation is obtained when the crosspoint is within the VCMR (DC) range
and the input swing lies within the VPP (DC) specification.
VEE+1.0
VCC–0.8
VEE+1.0
VCC–0.8
V
IIN
Input Current
±150
±150
µA
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


유사한 부품 번호 - MC100ES6011DR2

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
MC100ES6011DR2 RENESAS-MC100ES6011DR2 Datasheet
440Kb / 9P
   2.5 V/3.3 V ECL 1:2 Differential Fanout Buffer
2019
More results

유사한 설명 - MC100ES6011DR2

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10LVEP11 ONSEMI-MC10LVEP11_06 Datasheet
166Kb / 12P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 11
MC10LVEP11 ONSEMI-MC10LVEP11 Datasheet
134Kb / 10P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
February, 2005 ??Rev. 7
MC100LVEL11 ONSEMI-MC100LVEL11_06 Datasheet
141Kb / 8P
   3.3V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
logo
Fairchild Semiconductor
100LVEL11 FAIRCHILD-100LVEL11 Datasheet
131Kb / 6P
   3.3V ECL 1:2 Differential Fanout Buffer
logo
Micrel Semiconductor
SY89311U MICREL-SY89311U_06 Datasheet
474Kb / 6P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY89311U MICREL-SY89311U_14 Datasheet
309Kb / 10P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY89311U MICREL-SY89311U Datasheet
49Kb / 6P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY10EP11U MICREL-SY10EP11U Datasheet
512Kb / 10P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
logo
ON Semiconductor
MC10EP11 ONSEMI-MC10EP11_06 Datasheet
163Kb / 11P
   3.3V / 5V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
MC10EP11 ONSEMI-MC10EP11 Datasheet
76Kb / 8P
   3.3V / 5V ECL 1:2 Differential Fanout Buffer
November, 2003 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com