전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS82582T19 데이터시트(PDF) 3 Page - GSI Technology

부품명 GS82582T19
상세설명  288Mb SigmaDDR-IITM Burst of 2 SRAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GSI [GSI Technology]
홈페이지  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS82582T19 데이터시트(HTML) 3 Page - GSI Technology

  GS82582T19 Datasheet HTML 1Page - GSI Technology GS82582T19 Datasheet HTML 2Page - GSI Technology GS82582T19 Datasheet HTML 3Page - GSI Technology GS82582T19 Datasheet HTML 4Page - GSI Technology GS82582T19 Datasheet HTML 5Page - GSI Technology GS82582T19 Datasheet HTML 6Page - GSI Technology GS82582T19 Datasheet HTML 7Page - GSI Technology GS82582T19 Datasheet HTML 8Page - GSI Technology GS82582T19 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
8M x 36 SigmaDDR-II+ SRAM—Top View
1
2
3
4
5
6
7
8
9
10
11
A
CQ
SA
SA
R/W
BW2
K
BW1
LD
SA
SA
CQ
B
NC
DQ27
DQ18
SA
BW3
K
BW0
SA
SA
NC
DQ8
C
NC
NC
DQ28
VSS
SA
NC
SA
VSS
NC
DQ17
DQ7
D
NC
DQ29
DQ19
VSS
VSS
VSS
VSS
VSS
NC
NC
DQ16
E
NC
NC
DQ20
VDDQ
VSS
VSS
VSS
VDDQ
NC
DQ15
DQ6
F
NC
DQ30
DQ21
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
DQ5
G
NC
DQ31
DQ22
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
DQ14
H
Doff
VREF
VDDQ
VDDQ
VDD
VSS
VDD
VDDQ
VDDQ
VREF
ZQ
J
NC
NC
DQ32
VDDQ
VDD
VSS
VDD
VDDQ
NC
DQ13
DQ4
K
NC
NC
DQ23
VDDQ
VDD
VSS
VDD
VDDQ
NC
DQ12
DQ3
L
NC
DQ33
DQ24
VDDQ
VSS
VSS
VSS
VDDQ
NC
NC
DQ2
M
NC
NC
DQ34
VSS
VSS
VSS
VSS
VSS
NC
DQ11
DQ1
N
NC
DQ35
DQ25
VSS
SA
SA
SA
VSS
NC
NC
DQ10
P
NC
NC
DQ26
SA
SA
QVLD
SA
SA
NC
DQ9
DQ0
R
TDO
TCK
SA
SA
SA
ODT
SA
SA
SA
TMS
TDI
11 x 15 Bump BGA—15 x 17 mm2 Body—1 mm Bump Pitch
Note:
BW0 controls writes to DQ0:DQ8; BW1 controls writes to DQ9:DQ17; BW2 controls writes to DQ18:DQ26; BW3 controls writes to DQ27:DQ35.
GS82582T19/37GE-450/400/375/333
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.04 4/2016
3/27
© 2012, GSI Technology


유사한 부품 번호 - GS82582T19

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS82582T20 GSI-GS82582T20 Datasheet
444Kb / 26P
   288Mb SigmaDDR-IITM Burst of 2 SRAM
GS82582TT19 GSI-GS82582TT19 Datasheet
474Kb / 26P
   288Mb SigmaDDR-IITM Burst of 2 SRAM
GS82582TT20 GSI-GS82582TT20 Datasheet
438Kb / 24P
   288Mb SigmaDDR-IITM Burst of 2 SRAM
More results

유사한 설명 - GS82582T19

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS82582TT20 GSI-GS82582TT20 Datasheet
438Kb / 24P
   288Mb SigmaDDR-IITM Burst of 2 SRAM
GS82582T20 GSI-GS82582T20 Datasheet
444Kb / 26P
   288Mb SigmaDDR-IITM Burst of 2 SRAM
GS82582TT19 GSI-GS82582TT19 Datasheet
474Kb / 26P
   288Mb SigmaDDR-IITM Burst of 2 SRAM
GS8182T19 GSI-GS8182T19 Datasheet
342Kb / 27P
   18Mb SigmaDDR-IITM Burst of 2 SRAM
GS8342TT37BGD-450I GSI-GS8342TT37BGD-450I Datasheet
363Kb / 31P
   36Mb SigmaDDR-IITM Burst of 2 SRAM
GS82582Q19GE-400 GSI-GS82582Q19GE-400 Datasheet
436Kb / 25P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
GS82582Q37GE-300 GSI-GS82582Q37GE-300 Datasheet
436Kb / 25P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
GS82582QT19GE-400I GSI-GS82582QT19GE-400I Datasheet
325Kb / 26P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
GS82582Q19GE-400I GSI-GS82582Q19GE-400I Datasheet
436Kb / 25P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
GS82582Q37GE-400 GSI-GS82582Q37GE-400 Datasheet
436Kb / 25P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com