전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LD3985J50R 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 LD3985J50R
상세설명  ULTRA LOW DROP-LOW NOISE BICMOS VOLTAGE REGULATORS LOW ESR CAPACITORS COMPATIBLE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD3985J50R 데이터시트(HTML) 4 Page - STMicroelectronics

  LD3985J50R Datasheet HTML 1Page - STMicroelectronics LD3985J50R Datasheet HTML 2Page - STMicroelectronics LD3985J50R Datasheet HTML 3Page - STMicroelectronics LD3985J50R Datasheet HTML 4Page - STMicroelectronics LD3985J50R Datasheet HTML 5Page - STMicroelectronics LD3985J50R Datasheet HTML 6Page - STMicroelectronics LD3985J50R Datasheet HTML 7Page - STMicroelectronics LD3985J50R Datasheet HTML 8Page - STMicroelectronics LD3985J50R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LD3985 SERIES
4/14
Table 5: Electrical Characteristics For LD3985 (Tj = 25°C, VI = VO(NOM) +0.5V, CI = 1µF,
CBYP = 10nF, IO = 1mA, VINH = 1.4V, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VI
Operating Input Voltage
2.5
6
V
VO
Output Voltage < 2.5V
IO = 1 mA
-50
50
mV
TJ= -40 to 125°C
-75
75
VO
Output Voltage
≥ 2.5V
IO = 1 mA
-2
2
% of
VO(NOM)
TJ= -40 to 125°C
-3
3
∆V
O
Line Regulation (Note 1)
VI = VO(NOM) + 0.5 to 6 VTJ= -40 to 125°C
-0.1
0.1
%/V
VO = 4.7 to 5V
-0.19
0.19
∆V
O
Load Regulation
IO = 1 mA to 150mA
VO < 2.5V
TJ= -40 to 125°C
0.002
0.008
%/mA
∆V
O
Load Regulation
IO = 1 mA to 150mA
VO ≥ 2.5V
TJ= -40 to 125°C (for Flip-Chip)
0.0004
0.002
%/mA
IO = 1 mA to 150mA, TJ= -40 to 125°C
(for SOT23-5L/TSOT23-5L), VO ≥ 2.5V
0.0025
0.005
∆V
O
Output AC Line Regulation VI = VO(NOM) + 1 V, IO = 150mA,
tR= tF = 30µs
1.5
mVPP
IQ
Quiescent Current
ON MODE: VINH = 1.2V
IO = 0
85
µA
IO = 0
TJ= -40 to 125°C
150
IO = 0 to 150mA
170
IO = 0 to 150mA
TJ= -40 to 125°C
250
OFF MODE: VINH = 0.4V
0.003
TJ= -40 to 125°C
1.5
VDROP Dropout Voltage (NOTE 1) IO = 1mA
0.4
mV
IO = 1mA
TJ= -40 to 125°C
2
IO = 50mA
20
IO = 50mA
TJ= -40 to 125°C
35
IO = 100mA
45
IO = 100mA
TJ= -40 to 125°C
70
IO = 150mA
60
IO = 150mA
TJ= -40 to 125°C
100
ISC
Short Circuit Current
RL = 0
600
mA
SVR
Supply Voltage Rejection
VI = VO(NOM)+0.25V ±
VRIPPLE = 0.1V,
IO= 50mA
VO(NOM) < 2.5V,
VI = 2.55V
f = 1KHz
60
dB
f = 10KHz
50
IO(PK)
Peak Output Current
VO ≥ VO(NOM) - 5%
300
550
mA
VINH
Inhibit Input Logic Low
VI = 2.5V to 6V
TJ= -40 to
125°C
0.4
V
Inhibit Input Logic High
1.2
IINH
Inhibit Input Current
VINH = 0.4V
VI = 6V
±1
nA
eN
Output Noise Voltage
BW = 10 Hz to 100 KHz
CO = 1 µF30
µV
RMS
tON
Turn On Time (Note 4)
CBYP = 10 nF
100
250
µs
TSHDN Thermal Shutdown
Note 5
160
°C


유사한 부품 번호 - LD3985J50R

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
LD3985J18R STMICROELECTRONICS-LD3985J18R Datasheet
552Kb / 22P
   Ultra low drop-low noise BiCMOS voltage regulators low ESR capacitors compatible
LD3985J25R STMICROELECTRONICS-LD3985J25R Datasheet
552Kb / 22P
   Ultra low drop-low noise BiCMOS voltage regulators low ESR capacitors compatible
LD3985J26R STMICROELECTRONICS-LD3985J26R Datasheet
552Kb / 22P
   Ultra low drop-low noise BiCMOS voltage regulators low ESR capacitors compatible
LD3985J28R STMICROELECTRONICS-LD3985J28R Datasheet
552Kb / 22P
   Ultra low drop-low noise BiCMOS voltage regulators low ESR capacitors compatible
LD3985J29R STMICROELECTRONICS-LD3985J29R Datasheet
552Kb / 22P
   Ultra low drop-low noise BiCMOS voltage regulators low ESR capacitors compatible
More results

유사한 설명 - LD3985J50R

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
LD3985XX STMICROELECTRONICS-LD3985XX Datasheet
552Kb / 22P
   Ultra low drop-low noise BiCMOS voltage regulators low ESR capacitors compatible
LD2980ABXX STMICROELECTRONICS-LD2980ABXX Datasheet
429Kb / 23P
   Ultra low drop voltage regulators compatible with low ESR inhibit output capacitors
LD2981ABXX STMICROELECTRONICS-LD2981ABXX Datasheet
430Kb / 23P
   Ultra low drop voltage regulators with inhibit low ESR output capacitors compatible
LD3986 STMICROELECTRONICS-LD3986 Datasheet
230Kb / 12P
   DUAL ULTRA LOW DROP-LOW NOISE BICMOS VOLTAGE REG. FOR USE WITH VERY LOW ESR OUT. CAPACITORS
LD2980 STMICROELECTRONICS-LD2980 Datasheet
416Kb / 17P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT LOW ESR OUTPUT CAPACITORS COMPATIBLE
logo
Stanson Technology
ST6206 STANSON-ST6206 Datasheet
297Kb / 8P
   Low ESR Low Drop Out Voltage Regulators
logo
STMicroelectronics
LD39150 STMICROELECTRONICS-LD39150 Datasheet
459Kb / 19P
   Ultra low drop BICMOS voltage regulator
LD39080 STMICROELECTRONICS-LD39080 Datasheet
504Kb / 20P
   Ultra low drop BICMOS voltage regulator
LD39150XX STMICROELECTRONICS-LD39150XX Datasheet
511Kb / 19P
   Ultra low drop BiCMOS voltage regulator
LD39300 STMICROELECTRONICS-LD39300 Datasheet
359Kb / 17P
   Ultra low drop BICMOS voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com