전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA20-11CGKWA 데이터시트(PDF) 5 Page - Kingbright Corporation

부품명 TA20-11CGKWA
상세설명  50mm (2.0INCH) 5x7 DOT MATRIX DISPLAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KINGBRIGHT [Kingbright Corporation]
홈페이지  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

TA20-11CGKWA 데이터시트(HTML) 5 Page - Kingbright Corporation

  TA20-11CGKWA Datasheet HTML 1Page - Kingbright Corporation TA20-11CGKWA Datasheet HTML 2Page - Kingbright Corporation TA20-11CGKWA Datasheet HTML 3Page - Kingbright Corporation TA20-11CGKWA Datasheet HTML 4Page - Kingbright Corporation TA20-11CGKWA Datasheet HTML 5Page - Kingbright Corporation TA20-11CGKWA Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SPEC NO: DSAM8566
REV NO: V.2A
DATE: MAR/20/2015
PAGE: 5 OF 6
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: P.Cheng
ERP: 1332001438


유사한 부품 번호 - TA20-11CGKWA

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TA20-11 ETC-TA20-11 Datasheet
236Kb / 6P
   50MM (2.0 INCH) 5 X 7 DOT MATRIX DISPLAYS
TA20-11EWA ETC-TA20-11EWA Datasheet
236Kb / 6P
   50MM (2.0 INCH) 5 X 7 DOT MATRIX DISPLAYS
logo
Kingbright Corporation
TA20-11EWA KINGBRIGHT-TA20-11EWA Datasheet
150Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
logo
List of Unclassifed Man...
TA20-11GWA ETC-TA20-11GWA Datasheet
236Kb / 6P
   50MM (2.0 INCH) 5 X 7 DOT MATRIX DISPLAYS
logo
Kingbright Corporation
TA20-11GWA KINGBRIGHT-TA20-11GWA Datasheet
149Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
More results

유사한 설명 - TA20-11CGKWA

제조업체부품명데이터시트상세설명
logo
Kingbright Corporation
TA20-11SURKWA KINGBRIGHT-TA20-11SURKWA Datasheet
342Kb / 6P
   50mm (2.0INCH) 5x7 DOT MATRIX DISPLAY
TA20-11SYKWA KINGBRIGHT-TA20-11SYKWA Datasheet
340Kb / 6P
   50mm (2.0INCH) 5x7 DOT MATRIX DISPLAY
logo
List of Unclassifed Man...
XMUR50C ETC1-XMUR50C Datasheet
166Kb / 3P
   50mm (2.0) 5x7 DOT MATRIX DISPLAY
logo
Kingbright Corporation
TA20-11GWA KINGBRIGHT-TA20-11GWA Datasheet
149Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TBA20-11EGWA KINGBRIGHT-TBA20-11EGWA Datasheet
173Kb / 5P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TC20-11CGKWA KINGBRIGHT-TC20-11CGKWA Datasheet
357Kb / 6P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TC20-11SRWA KINGBRIGHT-TC20-11SRWA Datasheet
146Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TA20-11YWA KINGBRIGHT-TA20-11YWA Datasheet
149Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TA20-11SRWA KINGBRIGHT-TA20-11SRWA Datasheet
148Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TA20-11EWA KINGBRIGHT-TA20-11EWA Datasheet
150Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com