전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STD2805 데이터시트(PDF) 1 Page - Inchange Semiconductor Company Limited

부품명 STD2805
상세설명  isc Silicon PNP Power Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ISC [Inchange Semiconductor Company Limited]
홈페이지  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

STD2805 데이터시트(HTML) 1 Page - Inchange Semiconductor Company Limited

  STD2805 Datasheet HTML 1Page - Inchange Semiconductor Company Limited STD2805 Datasheet HTML 2Page - Inchange Semiconductor Company Limited STD2805 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Silicon PNP Power Transistor
STD2805
DESCRIPTION
·
Low Collector-Emitter Saturation Voltage-
: VCE(sat)= -0.6V(Max)( IC= -5A; IB= -0.25A)
·
DC Current Gain -hFE = 85(Min)@ IC= -5A
·
Fast -Switching speed
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
CCFL dirvers
·
Voltage regulators
·
Relay dirvers
·
High efficiency low voltage switching applications
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
-60
V
VCEO
Collector-Emitter Voltage
-60
V
VEBO
Emitter-Base Voltage
-6
V
IC
Collector Current-Continuous
-5
A
ICM
Collector Current-Peak
-10
A
IB
Base Current
-2
A
PC
Total Power Dissipation
@ TC=25℃
15
W
TJ
Junction Temperature
150
Tstg
Storage Temperature Range
-65~150
THERMAL CHARACTERISTICS
SYMBO
L
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
8.33
/W


유사한 부품 번호 - STD2805

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STD2805 STMICROELECTRONICS-STD2805 Datasheet
149Kb / 9P
   Low voltage fast-switching PNP power transistor
STD2805-1 STMICROELECTRONICS-STD2805-1 Datasheet
149Kb / 9P
   Low voltage fast-switching PNP power transistor
STD2805T4 STMICROELECTRONICS-STD2805T4 Datasheet
149Kb / 9P
   Low voltage fast-switching PNP power transistor
More results

유사한 설명 - STD2805

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
STD888 ISC-STD888 Datasheet
227Kb / 2P
   isc Silicon PNP Power Transistor
2SB1157-3PFA ISC-2SB1157-3PFA Datasheet
152Kb / 2P
   isc Silicon PNP Power Transistor
KTB1366 ISC-KTB1366 Datasheet
150Kb / 2P
   isc Silicon PNP Power Transistor
KSH210 ISC-KSH210 Datasheet
336Kb / 3P
   isc Silicon PNP Power Transistor
BUX78 ISC-BUX78 Datasheet
213Kb / 2P
   isc Silicon PNP Power Transistor
BDS18 ISC-BDS18 Datasheet
193Kb / 2P
   isc Silicon PNP Power Transistor
2N3197 ISC-2N3197 Datasheet
260Kb / 2P
   isc Silicon PNP Power Transistor
2SA1649 ISC-2SA1649 Datasheet
283Kb / 2P
   isc Silicon PNP Power Transistor
2SB538 ISC-2SB538 Datasheet
249Kb / 2P
   isc Silicon PNP Power Transistor
2SB724 ISC-2SB724 Datasheet
257Kb / 2P
   isc Silicon PNP Power Transistor
BD844 ISC-BD844_17 Datasheet
276Kb / 2P
   isc Silicon PNP Power Transistor
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com