전자부품 데이터시트 검색엔진 |
|
SMAJ15A 데이터시트(PDF) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. |
|
SMAJ15A 데이터시트(HTML) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. |
1 / 4 page • Low profile package • Ideal for automated placement • Glass passivated chip junction • Available in uni-directional and bi-directional • 400 W peak pulse power capability with a 10/1000 µs waveform, repetitive rate (duty cycle): 0.01 % (300 W above 78 V) • Excellent clamping capability • Very fast response time • Low incremental surge resistance • Meets MSL level 1, per J-STD-020, LF maximum peak of 260 °C • Solder dip 260 °C, 40 s • Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC Notes: (1) Non-repetitive current pulse, per Fig. 3 and derated above TA = 25 °C per Fig. 2. Rating is 300 W above 78 V (2) Mounted on 0.2 x 0.2" (5.0 x 5.0 mm) copper pads to each terminal MAXIMUM RATINGS (TA = 25 °C unless otherwise noted) PARAMETER SYMBOL VALUE UNIT Peak pulse power dissipation with a 10/1000 µs waveform (1)(2) (Fig. 1) PPPM 400 W Peak pulse current with a waveform (1) IPPM See next table A Peak forward surge current 8.3 ms single half sine-wave uni-directional only (2) IFSM 40 A Operating junction and storage temperature range TJ, TSTG - 55 to + 150 °C Note: (1) Mounted on minimum recommended pad layout THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted) PARAMETER SYMBOL VALUE UNIT Typical thermal resistance, junction to ambient (1) RθJA 120 °C/W Typical thermal resistance, junction to lead RθJL 30 °C/W SMAJ5.0 -SMAJ188 CA DEVICES FOR BI-DIRECTION APPLICATIONS For bi-directional use C or CA suffix (e.g. SMAJ10C, SMAJ10CA). Electrical characteristics apply in both directions. 10 4.50 77 32 0 52 DO-214AC (SMA) |
유사한 부품 번호 - SMAJ15A |
|
유사한 설명 - SMAJ15A |