전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

J1011F21PNL 데이터시트(PDF) 1 Page - Pulse A Technitrol Company

부품명 J1011F21PNL
상세설명  integrated magnetics connector
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PULSE [Pulse A Technitrol Company]
홈페이지  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

J1011F21PNL 데이터시트(HTML) 1 Page - Pulse A Technitrol Company

  J1011F21PNL Datasheet HTML 1Page - Pulse A Technitrol Company J1011F21PNL Datasheet HTML 2Page - Pulse A Technitrol Company J1011F21PNL Datasheet HTML 3Page - Pulse A Technitrol Company J1011F21PNL Datasheet HTML 4Page - Pulse A Technitrol Company J1011F21PNL Datasheet HTML 5Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Insertion
Return Loss
Common Mode
RoHS-5 2
RoHS-6 3
Turns
EMI
LEDs 1
Loss
(dB TYP)
Crosstalk
Rejection
Hipot
Compliant
Compliant
Ratios
Fingers
L/R
(dB TYP)
100
Ω ±15Ω
(dB TYP)
(dB TYP)
(Vrms)
Part No.
Part No.
TX
RX
1-65
1-10
10-30
30-60
60-80
1-30
30-60
60-100
1-50
50-150
@60Hz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
1 MIN
J1006F01P
J1006F01PNL
1CT:1
1CT:1
No
G/Y
-1.0
-20
-16
-12
-10
-40
-35
-30
-30
-20
1500
J1006F21
J1006F21NL
1CT:1
1CT:1
YES
NONE
-1.0
-20
-16
-12
-10
-40
-35
-30
-30
-20
1500
J1011F01P
J1011F01PNL
1CT:1
1CT:1
No
G/Y
-1.0
-20
-16
-12
-10
-40
-35
-30
-30
-20
1500
J1011F21P
J1011F21PNL
1CT:1
1CT:1
YES
G/Y
-1.0
-20
-16
-12
-10
-40
-35
-30
-30
-20
1500
J1012F01C
J1012F01CNL
1CT:1
1CT:1
No
Y/G
-1.0
-20
-16
-12
-10
-40
-35
-30
-30
-20
1500
J1012F21C
J1012F21CNL
1CT:1
1CT:1
YES
Y/G
-1.0
-20
-16
-12
-10
-40
-35
-30
-30
-20
1500
J1012F21K
J1012F21KNL
1CT:1
1CT:1
YES
G/G
-1.0
-20
-16
-12
-10
-40
-35
-30
-30
-20
1500
J1012F21R
J1012F21RNL
1CT:1
1CT:1
YES
RG/RY
-1.0
-20
-16
-12
-10
-40
-35
-30
-30
-20
1500
J1026F01
J1026F01NL
1CT:1
1CT:1
No
NONE
-1.0
-20
-16
-12
-10
-40
-35
-30
-30
-20
1500
J1026F01P
J1026F01PNL
1CT:1
1CT:1
No
G/Y
-1.0
-20
-16
-12
-10
-40
-35
-30
-30
-20
1500
J1026F21C
J1026F21CNL
1CT:1
1CT:1
YES
Y/G
-1.0
-20
-16
-12
-10
-40
-35
-30
-30
-20
1500
JP006821U
JP006821UNL
1CT:1
1CT:1
YES
G_O/Y
-1.0
-20
-16
-12
-10
-40
-35
-30
-30
-20
1500
JP011821U
JP011821UNL
1CT:1
1CT:1
YES
G_O/Y
-1.0
-20
-16
-12
-10
-40
-35
-30
-30
-20
1500
JP026821U
JP026821UNL
1CT:1
1CT:1
YES
G_O/Y
-1.0
-20
-16
-12
-10
-40
-35
-30
-30
-20
1500
Electrical Specifications @ 25°C — Operating Temperature 0°C to +70°C
PULSEJACKTM
1x1 Tab-UP RJ45
www.pulseeng.com
Features and Benefits:
RoHS-5 peak wave solder temperature rating 235°C
RoHS-6 peak wave solder temperature rating 260°C
Suitable for CAT 5 & 6 Fast Ethernet Cable or better UTP
Electrical Performance Summary:
Meets IEEE 802.3 specification
350µH minimum OCL with 8mA bias current
High performance for maximum EMI suppression
Description:
10/100 Base-TX RJ45 1x1 Tab-UP with LEDs 8-pin (J1 series) and 6-pin (JP series) integrated magnetics connector, designed
to support applications, such as ADSL modems, LAN-on-Motherboard, and Hub and Switches.
NOTES:
1. LEDs Left/Right: G = green, Y = yellow, G_O =
green/orange bi-color LED, R = LEDs with resistors.
2. RoHS-5 - Product does not contain 5 out of the 6 banned substances specified in the RoHS directive. Product
contains lead in applications considered as solders.
3. RoHS-6 - Product does not contain 5 out of the 6 banned substances specified in the RoHS directive. Some
internal connections may contain lead in high temperature solder (solder alloys containing more than 85% lead).
Notes: 1. Connector dimensions comply with FCC dimension requirements. 2. MSL = Moisture Sensitivity Level rating from 1 to 5 (highest rating = 1, lowest rating = 5).
3. NL parts are tin matte finish over nickel.
Mating Force
Unmating Force
Plug to Jack
Part Number
(MAX)
(MAX)
Durability
Retention (MIN)
JP/J1 Series
5 lbs./2.268 kgs.
5 lbs./2.268 kgs.
750 Insertions
20 lbs./9.072 kgs.
RJ45 Durability Testing Rating
Part
Shield
Contact
Housing
MSL
2
Number Material
Finish
Material
Plating Area
Solder Area
3
Material
Specification
Rating
JP/J1
10-20m inches Nickel over
Phosphor
Nickel underplating and
120µ inches Sn90/Pb10
Series
Brass
10-20m inches Brass
Bronze
selective gold plating 15µ inches
over 50µ inches nickel
Thermoplastic
UL 94 V-0
1
RJ45 Material Specification
USA 858 674 8100 •• UK 44 1483 401 700 •• France 33 3 84 35 04 04 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 769 85538070 •• Taiwan 886 3 4641811
www.pulseeng.com
1
J402.D (6/06)


유사한 부품 번호 - J1011F21PNL

제조업체부품명데이터시트상세설명
logo
Pulse A Technitrol Comp...
J1011F21PNL PULSE-J1011F21PNL Datasheet
1Mb / 5P
   1x1 Tab-UP RJ45
More results

유사한 설명 - J1011F21PNL

제조업체부품명데이터시트상세설명
logo
Pulse A Technitrol Comp...
J2039H3 PULSE-J2039H3 Datasheet
805Kb / 11P
   integrated magnetics connector
JK0-0004 PULSE-JK0-0004 Datasheet
213Kb / 4P
   integrated magnetics connector
J8064D628A PULSE-J8064D628A Datasheet
464Kb / 6P
   integrated magnetics connector
JK0-0020 PULSE-JK0-0020 Datasheet
165Kb / 3P
   integrated magnetics
JG0-0031 PULSE-JG0-0031 Datasheet
181Kb / 3P
   integrated magnetics
logo
Bothhand USA, LP.
DU6T201A1 BOTHHAND-DU6T201A1 Datasheet
381Kb / 4P
   10/100Base-T RJ45 2x6 Integrated Magnetics Connector
KLA4S109LF BOTHHAND-KLA4S109LF Datasheet
221Kb / 2P
   1000 BASE-T RJ45 1x4 INTEGRATED MAGNETICS CONNECTOR
DU1D201A1 BOTHHAND-DU1D201A1 Datasheet
407Kb / 5P
   10/100Base-T RJ45 2x1 Integrated Magnetics Connector
logo
Allied Components Inter...
AR24-4464I ALLIED-AR24-4464I Datasheet
1Mb / 2P
   2x4 RJ45 With Integrated Magnetics
AR1015-1221 ALLIED-AR1015-1221 Datasheet
466Kb / 2P
   Single Port RJ45 CONNECTOR WITH INTEGRATED MAGNETICS,TAB DOWN
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com