전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STDA65-T04 데이터시트(PDF) 1 Page - Vitec Power

부품명 STDA65-T04
상세설명  80W Desktop Power Supply for Industrial Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  Vitec [Vitec Power]
홈페이지  http://www.vitecpower.com/
Logo Vitec - Vitec Power

STDA65-T04 데이터시트(HTML) 1 Page - Vitec Power

  STDA65-T04 Datasheet HTML 1Page - Vitec Power STDA65-T04 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SIDA65 SERIES
80W Desktop Power Supply for Industrial Equipment
Wide Input Voltage 90 to 264 VAC, 47 to 63Hz
IEC-320-C14 input inlet
Output Voltage Available From 3VDC Thru 48VDC
Single to Quad Output
Input Surge Current, Over Voltage, Over Load and Output Voltage protection.
Operating temperature -20~70°C
Class I Insulation
High Efficiency, RoHS compliance
3 Year Warranty
Approvals:
Single Output
Model Number
Output Voltage
Output Current
Total Regulation
Maximum Output Power
SIDA65-S01
3 ~ 5 VDC
16.6 ~ 10.0 A
7%
50W
SIDA65-S02
5 ~ 6 VDC
13.0 ~ 10.8 A
7%
65W
SIDA65-S03
6 ~ 8 VDC
11.6 ~ 8.70 A
5%
69.6W
SIDA65-S04
8 ~ 11 VDC
9.37 ~ 6.81 A
5%
75W
SIDA65-S05
11 ~ 13 VDC
7.27 ~ 6.15 A
5%
80W
SIDA65-S06
13 ~ 16 VDC
6.15 ~ 5.00 A
5%
80W
SIDA65-S07
16 ~ 21 VDC
5.00 ~ 3.80 A
5%
80W
SIDA65-S08
21 ~ 27 VDC
3.80 ~ 2.96 A
5%
80W
SIDA65-S09
27 ~ 33 VDC
2.96 ~ 2.42 A
5%
80W
SIDA65-S10
33 ~ 40 VDC
2.42 ~ 2.00 A
5%
80W
SIDA65-S11
40 ~ 48 VDC
2.00 ~ 1.66 A
5%
80W
Multi Output
Model
Number
Output 1
Output 2
Output 3
Output 4
Maximum
Output Power
Vonom Iomin
Iomax Regmax Vonom Iomin Iomax Regmax Vonom Iomin Iomax Regmax Vonom Iomin
Iomax Regmax
STDA65-D00
+3.3V
0.7A
7A
7%
+12V 0.55A 2.75A
5%
56.1W
STDA65-D01
+5V
0.7A
7A
5%
+12V
0.6A
3A
5%
65W
STDA65-D02
+5V
1.4A
7A
5%
+15V
0.6A
3A
7%
65W
STDA65-D03
+5V
1.4A
7A
5%
+24V
0.3A
2A
5%
65W
STDA65-D04
+3.3V
1.4A
7A
7%
+5V
0.6A
3A
5%
38.1W
STDA65-D15
+5V
1.4A
7A
5%
-24V
0.4A
2A
5%
65W
STDA65-T00
+3.3V
1.4A
7A
7%
+12V
0.6A
3A
5%
-12V
0.1A
0.8A
5%
65W
STDA65-T01
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
-5V
0A
0.8A
5%
65W
STDA65-T02
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
-12V
0A
0.8A
5%
65W
STDA65-T03
+5V
0.6A
6A
5%
+15V
0.3A
3A
5%
-15V
0A
0.8A
5%
65W
STDA65-T04
+5V
0.7A
7A
5%
+24V
0.2A
2A
5%
-24V
0A
0.8A
5%
65W
STDA65-T05
+5V
0.6A
6A
5%
+24V
0.2A
2A
5%
-12V
0A
0.8A
5%
65W
STDA65-T06
+3.3V
0.7A
7A
7%
+12V
0.6A
3A
5%
-5V
0A
0.8A
5%
63.1W
STDA65-403
+5V
0A
3.5A
5%
+24V
0.1A
1.5A
5%
+12V
0A
0.25A
5%
-12V
0A
0.15A
5%
65W
S01, D15 is not approved by TUV-PSE.
Conditions
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Operating Temperature
-20
40
70
°C
Storage Temperature
-40
85
°C
Relative Humidity
5
95
%
Operating Temperature at 25°C, Calculated per MIL-HDBK-217F
0.1M
Hrs
De-rate linearly from 100% load at 40°C to 50% load at 70°C


유사한 부품 번호 - STDA65-T04

제조업체부품명데이터시트상세설명
logo
Vitec Power
STDA65-T04 Vitec-STDA65-T04 Datasheet
418Kb / 2P
   80W Desktop Power Supply for Industrial Equipment
STDA65-T04 Vitec-STDA65-T04 Datasheet
423Kb / 2P
   80W Desktop Power Supply for I.T. Equipment
More results

유사한 설명 - STDA65-T04

제조업체부품명데이터시트상세설명
logo
Vitec Power
SIDA80-SERIES Vitec-SIDA80-SERIES Datasheet
371Kb / 2P
   80W Desktop Power Supply for Industrial Equipment
SIDA65 Vitec-SIDA65 Datasheet
418Kb / 2P
   80W Desktop Power Supply for Industrial Equipment
SIDA80 Vitec-SIDA80 Datasheet
371Kb / 2P
   80W Desktop Power Supply for Industrial Equipment
STDA80 Vitec-STDA80 Datasheet
374Kb / 2P
   80W Desktop Power Supply for I.T. Equipment
STDA65 Vitec-STDA65 Datasheet
423Kb / 2P
   80W Desktop Power Supply for I.T. Equipment
SIFA80-SERIES Vitec-SIFA80-SERIES Datasheet
451Kb / 2P
   80W Open Frame Power Supply for Industrial Equipment
SIUA81-SERIES Vitec-SIUA81-SERIES Datasheet
453Kb / 2P
   80W U-Bracket Power Supply for Industrial Equipment
SIUA80-SERIES Vitec-SIUA80-SERIES Datasheet
455Kb / 2P
   80W U-Bracket Power Supply for Industrial Equipment
SIUA81 Vitec-SIUA81 Datasheet
453Kb / 2P
   80W U-Bracket Power Supply for Industrial Equipment
SIDA31-SERIES Vitec-SIDA31-SERIES Datasheet
335Kb / 2P
   30W Desktop Power Supply for Industrial Equipment
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com