전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N5222 데이터시트(PDF) 2 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

부품명 1N5222
상세설명  Glass-Encapsulate Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
홈페이지  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

1N5222 데이터시트(HTML) 2 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  1N5222 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. 1N5222 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. 1N5222 Datasheet HTML 3Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Nominal Zener
Voltage
1)
Test
Current
Typical
Temperature
of Coeffizient
VZ
IZT
ZZT@IZT
ZZK@
IZK=0.25mA
αVZ@IZT
IRM
VR
VmA
ΩΩ
%/℃
µ A
V
1N5221
2.4
20
30
1200
-0.085
100
1.0
1N5222
2.5
20
30
1250
-0.085
100
1.0
1N5223
2.7
20
30
1300
-0.080
75
1.0
1N5224
2.8
20
30
1400
-0.080
75
1.0
1N5225
3.0
20
29
1600
-0.075
50
1.0
1N5226
3.3
20
28
1600
-0.070
25
1.0
1N5227
3.6
20
24
1700
-0.065
15
1.0
1N5228
3.9
20
23
1900
-0.060
10
1.0
1N5229
4.3
20
22
2000
-0.055
5.0
1.0
1N5230
4.7
20
19
1900
0.030
5.0
2.0
1N5231
5.1
20
17
1600
0.030
5.0
2.0
1N5232
5.6
20
11
1600
0.038
5.0
3.0
1N5233
6.0
20
7.0
1600
0.038
5.0
3.5
1N5234
6.2
20
7.0
1000
0.045
5.0
4.0
1N5235
6.8
20
5.0
750
0.050
3.0
5.0
1N5236
7.5
20
6.0
500
0.058
3.0
6.0
1N5237
8.2
20
8.0
500
0.062
3.0
6.5
1N5238
8.7
20
8.0
600
0.065
3.0
6.5
1N5239
9.1
20
10
600
0.068
3.0
7.0
1N5240
10
20
17
600
0.075
3.0
8.0
1N5241
11
20
22
600
0.076
2.0
8.4
1N5242
12
20
30
600
0.077
1.0
9.1
1N5243
13
10
13
600
0.079
0.5
9.9
1N5244
14
9.0
15
600
0.082
0.1
10
1N5245
15
8.5
16
600
0.082
0.1
11
1N5246
16
7.8
17
600
0.083
0.1
12
1N5247
17
7.4
19
600
0.084
0.1
13
1N5248
18
7.0
21
600
0.085
0.1
14
1N5249
19
6.6
23
600
0.086
0.1
14
1N5250
20
6.2
25
600
0.086
0.1
15
1N5251
22
5.6
29
600
0.087
0.1
17
1N5252
24
5.2
33
600
0.087
0.1
18
1N5253
25
5.0
35
600
0.089
0.1
19
1N5254
27
4.6
41
600
0.090
0.1
21
1N5255
28
4.5
44
600
0.091
0.1
21
1N5256
30
4.2
49
600
0.091
0.1
23
1N5257
33
3.8
58
700
0.092
0.1
25
1N5258
36
3.4
70
700
0.093
0.1
27
1N5259
39
3.2
80
800
0.094
0.1
30
1N5260
43
3.0
93
900
0.095
0.1
33
1N5261
47
2.7
105
1000
0.095
0.1
36
1N5262
51
2.5
125
1100
0.096
0.1
39
1N5263
56
2.2
150
1300
0.096
0.1
43
1N5264
60
2.1
170
1400
0.097
0.1
46
1N5265
62
2.0
185
1400
0.097
0.1
47
1N5266
68
1.8
230
1600
0.097
0.1
52
1N5267
75
1.7
270
1700
0.098
0.1
56
1N5268
85
1.5
330
2000
0.098
0.1
62
1N5269
87
1.4
370
2200
0.099
0.1
68
1N5270
91
1.4
400
2300
0.099
0.1
69
1N5271
100
1.3
500
2600
0.099
0.1
76
ELECTRICAL CHARACTERISTICS (TA=25℃)
Maximum Reverse
Leakage Current
Type
Maximum Dynamic
Impedance
1)
Page:P3-P2
Glass-Encapsulate Diodes
GUANGDONG
HOTTECH
INDUSTRIAL
CO,. LTD.


유사한 부품 번호 - 1N5222

제조업체부품명데이터시트상세설명
logo
Seme LAB
1N5222 SEME-LAB-1N5222 Datasheet
15Kb / 2P
   ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
logo
Micro Commercial Compon...
1N5222 MCC-1N5222 Datasheet
393Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
logo
Semtech Corporation
1N5222 SEMTECH-1N5222 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
EIC discrete Semiconduc...
1N5222 EIC-1N5222 Datasheet
122Kb / 2P
   ZENER DIODES
logo
Shanghai Lunsure Electr...
1N5222 CHENYI-1N5222 Datasheet
66Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
More results

유사한 설명 - 1N5222

제조업체부품명데이터시트상세설명
logo
GUANGDONG HOTTECH INDUS...
HZ2A1 HOTTECH-HZ2A1 Datasheet
385Kb / 4P
   Glass-Encapsulate Diodes
1N4148 HOTTECH-1N4148 Datasheet
261Kb / 2P
   Glass-Encapsulate Diodes
1N4728 HOTTECH-1N4728 Datasheet
494Kb / 3P
   Glass-Encapsulate Diodes
logo
Jiangsu High diode Semi...
ZM47-SERIES HDSEMI-ZM47-SERIES Datasheet
1Mb / 5P
   MELF Glass-Encapsulate Diodes
ZMM55-SERIES HDSEMI-ZMM55-SERIES Datasheet
1Mb / 7P
   MINI MELF Glass-Encapsulate Diodes
BAV100 HDSEMI-BAV100 Datasheet
1Mb / 5P
   MINI MELF Glass-Encapsulate Diodes
LL60 HDSEMI-LL60 Datasheet
1Mb / 4P
   MINI MELF Glass-Encapsulate Diodes
LL60 HDSEMI-LL60_18 Datasheet
1Mb / 4P
   MINI MELF Glass-Encapsulate Diodes
LLDB3 HDSEMI-LLDB3 Datasheet
1Mb / 4P
   MINI MELF Glass-Encapsulate Diodes
BAV100 HDSEMI-BAV100_18 Datasheet
1Mb / 5P
   MINI MELF Glass-Encapsulate Diodes
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com