전자부품 데이터시트 검색엔진 |
|
CXA10-48S05J 데이터시트(PDF) 3 Page - Artesyn Technologies |
|
CXA10-48S05J 데이터시트(HTML) 3 Page - Artesyn Technologies |
3 / 4 page Rev.12.04.07 cxa10 3 of 4 Embedded Power for Business-Critical Continuity Specifications Contd. INPUT OUTPUT OVERVOLTAGE OUTPUT TYPICAL MODEL VOLTAGE VOLTAGE PROTECTION (3,4) CURRENT (MAX.)(9) EFFICIENCY NUMBER(7,12,13) 18-75 Vdc 3.3 V 3.9 V 2.4 A 78% CXA10-48S3V3J 18-75 Vdc 5 V 6.8 V 2 A 81% CXA10-48S05J 18-75 Vdc 12 V 16 V 0.83 A 83% CXA10-48S12J 18-75 Vdc ±5 V ±6.8 V 1 A 81% CXA10-48D05J 18-75 Vdc ±12 V ±16 V 0.41 A 83% CXA10-48D12J 18-75 Vdc ±15 V ±19 V 0.33 A 81% CXA10-48D15J Notes 1 Negative output voltage deviation when positive load is changed. 2 Guaranteed minimum output voltage range. 3 TVS spec: See Application Note 100 on our web site. 4 On dual output models, OVP protection is on negative outputs only. 5 With respect to minimum input voltage. 6 With one external ITW Paktron 4.7 μF film capacitor across the input. 7 For units with optional remote ON/OFF, please add the suffix ‘-S’ to the model number, e.g. CXA10-48S05-SJ. Additional alphanumeric suffixes maybe added to indicate minor modifications not affecting the safety approvals. 8 Unit provides basic insulation up to the 75 Vdc maximum input voltage. 9 Maximum continuous output power not to exceed 10 Watts. 7.9 Watts for the 3V3 model. 10 User must provide 1.5 A in line fuse in order to comply with safety approvals. 11 Maximum temperature on components Q100, CR101, CR102 not to exceed 120 °C. See Application Note 100 for details. 12 The ‘J’ suffix indicates that these parts are Pb-free (RoHS 6/6) compliant. TSE RoHS 5/6 (non Pb-free) compliant versions may be available on special request, please contact your local sales representative for details. 13 NOTICE: Some models do not support all options. Please contact your local Artesyn representative or use the on-line model number search tool at http://www.artesyn.com/powergroup/products.htm to find a suitable alternative. DERATING CURVE (Output Power %) AMBIENT TEMPERATURE ( °C) Figure 1: Natural Convection (0.1m/s) Typical derating - See Application Note 100 100% 75% 50% 25% 0% 0 °C 10°C 20°C 30°C 40°C 50°C 60°C 70°C 80°C 90°C 100°C 27.5% -40 °C -30°C -20°C -10°C 0.400 (10.16) 0.200 (5.08) 0.300 (7.62) Ø0.040 ±0.002 Dia. (Ø1.02 ±0.05) 0.020 (0.50) 0.100 (2.54) 34 5 6 2 1 0.142 (3.60) ±0.012 (0.3) ±0.020 (0.5) 2.000 (50.80) 0.800 (20.32) 0.600 (15.24) 1.000 (25.40) ± 0.020 (0.5) 0.394 (10.00) Max. HEIGHT ALL DIMENSIONS IN INCHES (mm) Tolerance on all dimensions of ± 0.005 (0.127) Unless otherwise specified ±0.012 (0.3) 0.536 (13.60) 0.400 (10.16) 0.400 (10.16) OPEN- FRAME PIN CONNECTIONS PIN NUMBER SINGLE OUTPUT DUAL OUTPUT 1 + Input + Input 2 – Input - Input 6 * Remote ON/OFF Remote ON/OFF 3 + Output + Output 4 No Pin Common 5 - Output - Output * Optional remote ON/OFF pin. Please add the suffix ‘-S’ to the model number, e.g. CXA10-48S05-SJ (See Note 7). CAUTION: Hazardous internal voltages and high temperatures. Ensure that unit is not user accessible. |
유사한 부품 번호 - CXA10-48S05J |
|
유사한 설명 - CXA10-48S05J |