전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS37-471M 데이터시트(PDF) 1 Page - SUNMATE electronic Co., LTD

부품명 GS37-471M
상세설명  AXIAL LEADED GLASS TUBE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUNMATE [SUNMATE electronic Co., LTD]
홈페이지  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

GS37-471M 데이터시트(HTML) 1 Page - SUNMATE electronic Co., LTD

  GS37-471M Datasheet HTML 1Page - SUNMATE electronic Co., LTD GS37-471M Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
0.3
4.0
2.0
GS37-141N - GS37-501M
Electrical Characteristics
Part Number
DC
Spark-Over Voltage
Vs(V)
Nominal value( min-max)
Insulation Resistance
Capacitance
of electrostatic
Surge current
capacity 8/20us
Surge Life
Test voltage
IR (MΩ)
1KHz-6V(PF)
GS37-141N
140V
(98V-182V)
DC100V
>1000MΩ
1PF(MAX)
500A
10/700us
4KV
10times
GS37-181N
180V
(144V-216V)
GS37-201M
200V
(160V-240V)
GS37-251M
250V
(200V-300V)
GS37-301M
300V
(240V-360V)
GS37-401M
400V
(320V-480V)
GS37-471M
470V
400V-560V)
GS37-501M
500V
(400V-600V)
DC250V
>1000MΩ
1 of 2
AXIAL LEADED GLASS TUBE
28.4
0.5
0.5
0.1
0.3
DIP
A
A
B
C
D
Dim
Min
Max
A
B
C
D
All Dimensions in mm
-40 C ~ + 125 C
Operating Temperature: -40 C ~ + 85 C
Small Size,No Polarity.No Dark effect
Ω
Features
!
!
!
Small Capacitance and excellent Insulation
Resistance(100M
min)
Low Electrode Capacitance (1pF Max).
! Quick Response For Electrostatic,Voltage and
low limiting vloltage
O
O
!
! Storage temperature:
O
O
! Stable for repeated discharge test conditions.
Toammeter,Water Meter Auto Admin system,etc
CATV,Video Transceiver.
pplication
A
For instantaneous over-volage protection to ADSL,ISDN,
!
!
!
!
For Instantaneous over-voltage protection to
RS485,RS232 Port,
MODEM,FAX,TEL,Power Supplies ,
Alarm systems
For Instantaneous Over-Voltage Protection


유사한 부품 번호 - GS37-471M

제조업체부품명데이터시트상세설명
logo
HuaXinAn Electronics CO...
GS37-471M HUAXINAN-GS37-471M Datasheet
162Kb / 2P
   Surge Absorbers
GS37-471M HUAXINAN-GS37-471M Datasheet
318Kb / 6P
   Surge Absorbers
More results

유사한 설명 - GS37-471M

제조업체부품명데이터시트상세설명
logo
SUNMATE electronic Co.,...
GS41-141N SUNMATE-GS41-141N Datasheet
872Kb / 2P
   AXIAL LEADED GLASS TUBE
GSS-141N SUNMATE-GSS-141N Datasheet
909Kb / 2P
   AXIAL LEADED GLASS TUBE
GSA-152M SUNMATE-GSA-152M Datasheet
859Kb / 2P
   AXIAL LEADED GLASS TUBE
GSE-141N SUNMATE-GSE-141N Datasheet
889Kb / 2P
   AXIAL LEADED GLASS TUBE
logo
Cooper Bussmann, Inc.
C515-125-R COOPER-C515-125-R Datasheet
253Kb / 2P
   5 x 15mm Axial-Leaded, Time-Delay, Glass Tube Fuses
logo
Comchip Technology
1N5221B-G COMCHIP-1N5221B-G Datasheet
84Kb / 4P
   Axial Leaded Glass Zener Diode
logo
Eaton All Rights Reserv...
C515 EATON-C515 Datasheet
216Kb / 2P
   5 mm x 15 mm Axial-leaded, time-delay, glass tube fuses
logo
SUNMATE electronic Co.,...
BYW178 SUNMATE-BYW178 Datasheet
153Kb / 2P
   3.0A Axial Leaded Sintered Glass Junction
logo
M/A-COM Technology Solu...
MADS-002811-00540T MA-COM-MADS-002811-00540T Datasheet
64Kb / 2P
   Multi Purpose Axial Leaded Glass Schottky Diodes
MA47120 MA-COM-MA47120 Datasheet
446Kb / 6P
   Multi Purpose Axial Leaded Glass PIN Diodes
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com